Part Number Hot Search : 
MAX20070 M54HC257 CM160 ZL10100 SMC62 D471K 2100D H224J
Product Description
Full Text Search
 

To Download SMA6J60A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente sma6j series 5v ~ 58v, 600w peak power surface mount tvs 11-jan-2018 rev. b page 1 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. a b e g d f c h rohs compliant product a suffix of -c specifies halogen-free and lead-fr ee features  glass passivated chip  600w peak pulse power capability with a 10/1000 s waveform  low leakage  uni- and bi-directional unit  excellent clamping capability  very fast response time  rohs compliant mechanical data  case: molded plastic  epoxy: ul 94v-0 rate flame retardant  lead: solderable per mil-std-750, method 2026  polarity: color band denotes cathode end except bip olar  mounting position: any package information package mpq leader size sma 5k 13 inch order information maximum ratings and electrical characteristics (rating 25 c ambient temperature unless otherwise specified. s ingle phase half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%.) rating symbol value unit peak power dissipation@ a 10/1000 s waveform 1 p pk 600 w peak pulse current@ a 10/1000 s waveform 1 i pp see next table a power dissipation@ on a infinite heat sink at t l =75c p d 3 w peak forward surge current@ 8.3ms single half sine-wave, for unidirectional only 2 i fsm 60 a maximum instantaneous forward voltage@ at 25a for unidirectional only v f 3.5 v operating junction and storage temperature range t j, t stg -55 ~ 150 c notes: 1. non-repetitive current pulse is on fig. 5 and it derated above t a =25c on fig. 1. 2. measured on 8.3ms single half sine-wave or equiv alent square wave, duty cycle=4 pulses per minute m aximum. part number directional type sma6j5.0a~sma6j58a lead (pb)-free sma6j5.0a-c~sma6j58a-c uni lead (pb)-free and halogen-free sma6j5.0ca~sma6j58ca lead (pb)-free sma6j5.0ca-c~sma6j58ca-c bi lead (pb)-free and halogen-free sma millimeter millimeter ref. min. max. ref. min. max. a 1.24 1.65 e - 0.3 b 3.99 4.75 f 4.80 5.28 c 2.30 2.90 g 0.76 1.52 d 1.90 2.62 h 0.15 0.31
elektronische bauelemente sma6j series 5v ~ 58v, 600w peak power surface mount tvs 11-jan-2018 rev. b page 2 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. electrical characteristics (rating t a =25c unless otherwise specified) part number marking code breakdown voltage v br @ i t maximum reverse leakage i r @ v rwm working peak reverse voltage maximum reverse surge current maximum clamping voltage v c @i pp directional directional min max i t i r v rwm i pp v c uni bi uni bi v v ma a v a v sma6j5.0a sma6j5.0ca a6j5.0a a6j5.0ca 6.40 7.00 10 800 5.0 65.22 9.2 sma6j6.0a sma6j6.0ca a6j6.0a a6j6.0ca 6.67 7.37 10 800 6.0 58.25 10.3 sma6j6.5a sma6j6.5ca a6j6.5a a6j6.5ca 7.22 7.98 10 500 6.5 53.57 11.2 sma6j7.0a sma6j7.0ca a6j7.0a a6j7.0ca 7.78 8.60 10 200 7.0 50.00 12.0 sma6j7.5a sma6j7.5ca a6j7.5a a6j7.5ca 8.33 9.21 1 100 7.5 46.51 12.9 sma6j8.0a sma6j8.0ca a6j8.0a a6j8.0ca 8.89 9.83 1 50 8.0 44.12 13.6 sma6j8.5a sma6j8.5ca a6j8.5a a6j8.5ca 9.44 10.4 1 10 8.5 41.67 14.4 sma6j9.0a sma6j9.0ca a6j9.0a a6j9.0ca 10.0 11.1 1 5 9.0 38.96 15.4 sma6j10a sma6j10ca a6j10a a6j10ca 11.1 12.3 1 1 10 35.29 17.0 sma6j11a sma6j11ca a6j11a a6j11ca 12.2 13.5 1 1 11 32.97 18.2 sma6j12a sma6j12ca a6j12a a6j12ca 13.3 14.7 1 1 12 30.15 19.9 sma6j13a sma6j13ca a6j13a a6j13ca 14.4 15.9 1 1 13 27.91 21.5 sma6j14a sma6j14ca a6j14a a6j14ca 15.6 17.2 1 1 14 25.86 23.2 sma6j15a sma6j15ca a6j15a a6j15ca 16.7 18.5 1 1 15 24.59 24.4 sma6j16a sma6j16ca a6j16a a6j16ca 17.8 19.7 1 1 16 23.08 26.0 sma6j17a sma6j17ca a6j17a a6j17ca 18.9 20.9 1 1 17 21.74 27.6 sma6j18a sma6j18ca a6j18a a6j18ca 20.0 22.1 1 1 18 20.55 29.2 sma6j19a sma6j19ca a6j19a a6j19ca 21.1 23.3 1 1 19 19.49 30.8 sma6j20a sma6j20ca a6j20a a6j20ca 22.2 24.5 1 1 20 18.52 32.4 sma6j22a sma6j22ca a6j22a a6j22ca 24.4 26.9 1 1 22 16.90 35.5 sma6j24a sma6j24ca a6j24a a6j24ca 26.7 29.5 1 1 24 15.42 38.9 sma6j26a sma6j26ca a6j26a a6j26ca 28.9 31.9 1 1 26 14.25 42.1 sma6j28a sma6j28ca a6j28a a6j28ca 31.1 34.4 1 1 28 13.22 45.4 sma6j30a sma6j30ca a6j30a a6j30ca 33.3 36.8 1 1 30 12.40 48.4 sma6j33a sma6j33ca a6j33a a6j33ca 36.7 40.6 1 1 33 11.26 53.3 sma6j36a sma6j36ca a6j36a a6j36ca 40.0 44.2 1 1 36 10.33 58.1 sma6j40a sma6j40ca a6j40a a6j40ca 44.4 49.1 1 1 40 9.30 64.5 sma6j43a sma6j43ca a6j43a a6j43ca 47.8 52.8 1 1 43 8.65 69.4 sma6j45a sma6j45ca a6j45a a6j45ca 50.0 55.3 1 1 45 8.25 72.7 sma6j48a sma6j48ca a6j48a a6j48ca 53.3 58.9 1 1 48 7.75 77.4 sma6j51a sma6j51ca a6j51a a6j51ca 56.7 62.7 1 1 51 7.28 82.4 sma6j54a sma6j54ca a6j54a a6j54ca 60.0 66.3 1 1 54 6.89 87.1 sma6j58a sma6j58ca a6j58a a6j58ca 64.4 71.2 1 1 58 6.41 93.6 notes: 1. suffix a denotes 5% tolerance device. 2. for bidirectional devices, ca suffix is added. 3. for bidirectional devices having 10 volts and u nder v r , the i r limit is double.
elektronische bauelemente sma6j series 5v ~ 58v, 600w peak power surface mount tvs 11-jan-2018 rev. b page 3 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. characteristics curve


▲Up To Search▲   

 
Price & Availability of SMA6J60A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X