Part Number Hot Search : 
C100L USB3315 BCR401U 2SB873 0V538 16XXC 74C90 MAX111
Product Description
Full Text Search
 

To Download SA2102D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features     meets the iec 61036 specification requirements for class 1 ac static watt-hour meters for active energy less than 0.5% error over a dynamic range of 1:1000 the motor drive outputs (mop, mon) provide the average power information and can drive an electro-mechanical counter directly led pulse output for calibration purposes sames single phase kilowatt-hour metering ic SA2102D 1/16 spec-0510 (rev. 5) 12-02-03       bi-directional and uni-directional energy measurement configurable for different meter ratings precision on-chip oscillator (70ppm/c drift) precision on-chip voltage reference (10ppm/c drift) on-chip anti-creep function (0.02% of imax) low power consumption (<25mw typical) description the sames SA2102D* is an accurate single phase power/energy metering integrated circuit providing a single- chip solution for energy meters. very few external components are required and has direct drive capability for electro mechanical counters. the SA2102D does not require an external crystal. a precision oscillator, which supplies the circuitry with a stable frequency, is integrated on chip. the SA2102D metering integrated circuit generates a pulse rate output, the frequency of which is proportional to the power consumption. the SA2102D performs the calculation for active power. the method of calculation takes the power factor into account. programmable inputs allow the meter manufacturer to configure the SA2102D for different meter maximum currents (i ) and nominal voltages (v ) without having to change the stepper motor or impulse counter gear ratio. the led pulse output follows the average power consumption measured and is intended for meter calibration purposes. in fast calibration mode this output provides a high frequency pulse rate following the instantaneous power consumption and can be used for fast calibration or to interface with a microcontroller. the SA2102D includes an anti-creep feature preventing any creep effects in the meter. the SA2102D can be configured for positive, negative or bi-directional energy measurement. the SA2102D integrated circuit is pin compatible to the sa2002d and is available in 20 pin dual-in-line plastic (pdip20), as well as 20 pin small outline (soic20) package types. max nom figure 1: block diagram http://www.sames.co.za * patents ep0559499, us5396447, pt559499t, za9301579, za9400273, za9702075 iip iin ivp agnd adc adc voltage reference and current biasing vref digital output digital output integration instantaneous power average power signal processing block power on reset vdd so diri diro oscillator and timing division for calibration led output fast division for counter driver led r0 r1 r2 mon mop cnf vss motor driving buffers
during manufacturing, testing and shipment we take great care to protect our products against potential external environmental damage such as electrostatic discharge (esd). although our products have esd protection circuitry, permanent damage may occur on products subjected to high-energy electrostatic discharges accumulated on the human body and test equipment and can discharge without detection. therefore, proper esd precautions are recommended to avoid performance degradation or loss of functionality during product handling. attention! electrostatic sensitive devices. requires special handling. sames SA2102D electrical characteristics ( v = 2.5v, v = -2.5v, over the temperature range -10c to +85c , unless otherwise specified. refer to figure 2 test circuit for electrical characteristics.) dd ss # condition unit max typ min symbol parameter supply voltage: positive supply voltage: negative supply current: positive supply current: negative v v ma ma v dd v ss idd iss 2.25 -2.75 2.5 2.5 2.75 -2.25 5 5 general 3.6 3.6 inputs current sensor inputs (differential) input current range iip, iin offset voltage a mv iip, iin -25 -3.1 +25 +3.1 peak value voltage sensor input (asymmetrical) input current range offset voltage digital inputs a mv ivp ivp -25 -2.5 +25 +2.5 peak value diri input leakage pull down current r2, r1, r0, fast, cnf, so r2, r1, r), fast, cnf, so input high voltage input low voltage diri ipd vih vil 0.95 140 a a v v 80 v-1 dd v+1 ss outputs 2/16 http://www.sames.co.za digital outputs led, diro output high voltage output low voltage mon, mop output high voltage output low voltage voh vol voh vol v v v v i = 5ma i = 5ma source sink i = 15ma i = 15ma source sink # extended operating temperature range available on request. v-1 dd v+1 ss iip, iin 4.4 0.1
sames SA2102D electrical characteristics (continued) ( v = 2.5v, v = -2.5v, over the temperature range -10c to +85c , unless otherwise specified. refer to figure 2 test circuit for electrical characteristics.) dd ss # condition unit max typ min symbol parameter 3/16 http://www.sames.co.za reference voltage input vref ref. current ref. voltage a v -i r v r 23 1.1 27 1.3 25 with r = 47k  connected to v ss temperature coefficient ppm/c 10 on-chip oscillator oscillator frequency mhz 3.73723 temperature coefficient ppm/c 70 # extended operating temperature range available on request. absolute maximum ratings* unit max min symbol parameter supply voltage operating temperature limits storage temperature specified operating range v-v dd ss tlimit t stg t o 3.6 -40 -40 -25 6 +85 +125 +85 v c c c *stresses above those listed under ?absolute maximum ratings? may cause permanent damage to the device. this is a stress rating only. functional operation of the device at these or any other condition above those indicated in the operational sections of this specification, is not implied. exposure to absolute maximum ratings for extended periods may affect device reliability. figure 2: test circuit for electrical characteristics vdd iin iip ivp agnd vss fast r0 r1 r2 vref led mop SA2102D mon diro diri so vdd vss
4/16 sames SA2102D http://www.sames.co.za pin description figure 3: pin connections: package: pdip20, soic20 1 iin agnd iip ivp mon diri vss vref r2 r1 r0 fast vdd diro nc led mop cnf nc so 2 3 4 5 615 14 13 12 11 10 9 8 7 16 17 18 19 20 SA2102D analog ground. the supply voltage to this pin should be mid-way between v and v . dd ss positive supply voltage. the voltage to this pin is typically +2.5v if a shunt resistor is used for current sensing or in the case of a current transformer a +5v supply can be applied. agnd v dd designation description pin 20 8 negative supply voltage. the voltage to this pin is typically -2.5v if a shunt resistor is used for current sensing or in the case of a current transformer a 0v supply can be applied. v ss 14 analog input for voltage. the current into the voltage sense input ivp should be set at 14a at nominal mains voltage(v ). the voltage sense input saturates at an input current of 25a peak. rm s nom 19 ivp analog input for current. the current into the current sense input iip pin should be set at 16a at maximum rated mains current (i ). the current sense input saturates at 25a peak. rms max 1,2 iin, iip this pin provides the connection for the reference current setting resistor. a 47k resistor connected to sets the optimum operating condition.  v ss 3 vref rated condition select. these inputs are used for the different rated condition configuration. refer to the rated condition select section. 6, 5, 4 r0, r1, r2 this input is used to select between standard and fast mode (led output pulse rate). refer to the led output section. 7 fast configure / test input. for normal operation this pin must be connected to . v ss 9 cnf motor pulse outputs. these outputs can drive an electromechanical counter directly. 12, 15 mop, mon calibration led output. refer to the rated condition select section of the pulse rate output options. 13 led direction indicator output. this output indicates the energy flow direction. 17 diro direction select input. this input is used to enable either bi-directional or uni-directional energy measurement. 18 diri no connection. 10, 16 nc select output. when fast mode is selected this input can be used to enable or disable the internal pulse stability circuitry for the led output pulses. refer to the select output section. 11 so
sames SA2102D 5/16 http://www.sames.co.za terminology bi-directional and uni-directional measurement in the bi-directional configuration the led, mon and mop outputs generate pulses at a frequency that is proportional to the energy measured in both forward and reverse directions. in the uni-directional configuration the led, mop and mon outputs generate pulses at a frequency that is proportional to the energy measured only if the energy flow is in the same direction as selected by the diri pin. no output pulses are generated for energy flowing counter to the diri pin selection. the diri pin can select either positive or negative energy flow. positive energy is defined when the phase difference between the input signals iip and ivp are less than 90 degrees. percentage error is given by the following formula: positive energy negative energy negative energy is defined when the phase difference between the input signals iip and ivp is greater than 90 degrees (90..270 degrees). percentage error* note since the true value cannot be determined, it is approximated by a value with a stated uncertainty that can be traced to standards agreed upon between manufacturer and user or to national standards. rated operating conditions* specified measuring range* specified operating range* limit range of operation* maximum rated mains current (i ) set of specified measuring ranges for performance characteristics and specified operating ranges for influence quantities, within which the variations or operating errors of a meter are specified and determined. value expressing the relation between the active energy registered by the meter and the corresponding value of the test output. if this value is a number of pulses, the constant should be either pulses per kilowatt-hour (imp/kwh) or watt-hours per pulse (wh/imp). set of values of a measured quantity for which the error of a meter is intended to lie within specified limits. range of values of a single influence quantity, which forms a part of the rated operating conditions. extreme conditions which an operating meter can withstand without damage and without degradation of its metrological characteristics when it is subsequently operated under its rated operating conditions. nominal mains voltage (v ) is the voltage specified for the energy meter at rated operating conditions. maximum rated mains current is the current flowing through the energy meter at rated operating conditions. nominal mains voltage (v ) nom nom max constant* %error = energy registered by SA2102D - true energy true energy x 100 *iec 61036, 2000. alternating current static watt-hour meters for active energy. edition 2.1
sames SA2102D 6/16 http://www.sames.co.za performance graphs figure 4: test circuit for performance graphs graph 2 - linearity pf=+0.5,freq=50hz,vnom,temp=25c graph 1 - linearity pf=1,freq=50hz,vnom,temp=25c -1.5 -1.25 -1 -0.75 -0.5 -0.25 0 0.25 0.5 0.75 1 1.25 1.5 0.1 1 10 100 i (amp) positive energy negative energy %error iec max iec min -1.5 -1.25 -1 -0.75 -0.5 -0.25 0 0.25 0.5 0.75 1 1.25 1.5 0.1 1 10 100 i (amp) positive energy negative energy iec max iec min %error graph 3 - linearity pf=-0.5,freq=50hz,vnom,temp=25c i (amp) -1.5 -1.25 -1 -0.75 -0.5 -0.25 0 0.25 0.5 0.75 1 1.25 1.5 0.1 1 10 100 positive energy negative energy iec max iec min %error graph 4 - linearity pf=1,supply=+5.5v,+5v,+4.5v -0.5 -0.4 -0.3 -0.2 -0.1 0 0.1 0.2 0.3 0.4 0.5 0.1 1 positive energy +5v positive energy +5.5v 10 100 positive energy +4.5v %error i (amp) vdd iin r1 r2 r5 r3 r4 p1 iip ivp agnd vss fast r0 r1 r2 vref led mop SA2102D mon diro diri so rsh vdd 0,1a to 80a 220v vss r6
7/16 sames SA2102D http://www.sames.co.za functional description the SA2102D is a cmos integrated circuit, which performs power/energy calculations across a dynamic range of 1000:1 to an accuracy that exceeds the iec 61036 class 1 specification. the integrated circuit includes all the required functions for single phase power and energy measurement. two a/d converters sample the voltage and current inputs. the calculations required for power and energy are performed and pulses on the led, mon and mop outputs represent the results. internal offsets are eliminated through the use of cancellation techniques. the SA2102D generates pulses at a frequency that is proportional to the power consumption. complimentary output pins mop and mon are provided for driving a stepper motor. a mop pulse followed immediately by a mon pulse represents an energy pulse. this minimizes the risk of (after power up) losing the first energy pulse as a result of the stepper motor residing in the wrong phase. the led output is normally proportional to the average power consumption measured. when in fast mode, the led output is proportional to the instantaneous active power consumption. the fast mode is intended for meter calibration purposes. the two a/d converters convert the signals on the voltage and current sense inputs to a digital format for further processing. the current sense inputs (iip and iin) are identical and balanced. a input signal with a range of 1:1000 is measured at these inputs. an integrated anti-creep function prevents any output pulses if the measured power is less than 0.02% of the meters rated current. the two digital signals, accurately representing the current and voltage inputs, are multiplied using digital multiplication. the output of the multiplier is the instantaneous power. for voltage and current in phase instantaneous power is calculated by: instantaneous power let , , p(t) = = p(t) = = = where v(t) is the instantaneous voltage i(t) is the instantaneous current, v is the maximum amplitude of the voltage signal, i is the maximum amplitude of the current signal, is the voltage phase angle, is the current phase angle and on a 50hz mains system. p(t) m m = 100hz noise component this power information is then integrated over time to provide the average power information. average power (p) = = where is the instantaneous power and cos is the power factor. analog input configuration the input circuitry of the current and voltage sensor inputs is illustrated in figure 5. gnd v dd dr-01148 voltage sensor input ivp ss v iin iip current sensor inputs ss v ss v v dd dd v a v a i figure 5: analog input configuration ) ( ) ( t i t v    t d t p t t  0 ) ( 1 ) sin( ) sin(       t i t v m m   
2 m rms v v
2 m rms i i
) sin( ) sin(      t t i v m m ) sin( ) sin(        t t i v m m )] ) ( 2 cos( [cos      t i v rms rms ) ) ( 2 cos(     t vi  cos rms rms i v 
sames SA2102D 8/16 http://www.sames.co.za these inputs are protected against electrostatic discharge through clamping diodes. the feedback loops from the outputs of the amplifiers a and a generate virtual shorts on the signal inputs. exact duplications of the input currents are generated for the analog signal processing circuitry. iv the current and voltage sense inputs are both identical. both inputs are differential current driven up to 25a peak. one input of the voltage sense amplifier is internally connected to agnd. this is possible because the voltage sense input is much less sensitive to externally induced parasitic signals compared to the current sense inputs. the power consumption of the SA2102D integrated circuit is less than 25mw. a bias resistor of 47k sets optimum bias and reference conditions on chip. calibration of the SA2102D should be done on the voltage input as described in the typical application section and not on the vref input. figure 6 shows the typical connections for the current sensor input. the resistor r1 and r2 define the current level into the current sense inputs of the SA2102D. at maximum rated mains current (i ) the resistor values should be selected for an input current of 16a . power consumption input signals voltage reference (vref) current sense input (iip and iin)  max rms the values for resistors r1 and r2 can be calculated as follows: r1 = r2 = (i /16a) x rsh/2 where i = line current rsh = shunt resistor or termination resistor if a ct is used as the current sensor. the value of rsh, if used as the ct's termination resistor, should be less than the dc resistance of the ct's secondary winding. the voltage drop across rsh should not be less than 20mv at i the current into the a/d converter should be set at 14a at nominal mains voltage (v ). the voltage sense input saturates at an input current of 25a peak. referring to figure 6 the typical connections for the voltage sense input is illustrated. resistors r3, r4 and r5 set the current for the voltage sense input. the nominal mains voltage is divided down to 14v . the current into the a/d converter input is set at 14a via resistor r5 of value 1m l l rms rms nom rms rms ma x voltage sense input (ivp) this is to allow a variation of 10% for the mains voltage without saturating the voltage sense input. the fast pin is used to select between standard and fast mode. leaving this pin open or connecting to vss enables the standard mode and connecting to vdd enables fast mode. when standard mode is enabled the led output pulses at a low frequency. this low frequency allows a longer accumulation period and the output pulses are therefore proportional to the average power consumption measured. the rated select condition pins (r0,r1 andr2) are used to select different led output frequencies which in turn selects the applications meter constant. refer to figure 8 for the led output timing diagram in standard mode. when the fast mode is enabled the led output generates pulses at a frequency of 1160hz at i and v . in this mode the pulse frequency is proportional to the instantaneous power consumption measured. this mode is used for meter calibration purposes and can also be used when interfacing to a microcontroller. refer to figure 9 for the led output timing diagram in fast mode.  fast mode select (fast) max nom figure 6: application circuit vdd vdd supply supply n l pulses reverse vdd iin r1 r2 r5 r3 r4 p1 iip ivp agnd vss fast r0 r1 r2 vref load dr-01568 l n led mop SA2102D 8888888 mon diro diri so rsh
sames SA2102D 9/16 http://www.sames.co.za motor pulses / kwh = ......... 2 led pulses/kwh / df_mo where: led pulses / kwh as calculated in formula 1 df_mo is the dividing factor and depends on r1 and r0: r1 0 0 1 1 r0 0 1 0 1 df_mo 64 32 16 8 select output (so) rated condition select (r0, r1, r2) led pulses / kwh = ......... 1 the SA2102D has unique internal circuitry that can be user enabled to stabilize the led output. when in fast mode, connecting the so input pin to vdd will enable the led pulse stability feature. stabilizing the led pulse output allows for shorter meter calibration times. leaving the so pin open or connecting to vss will disable the led pulse stability circuitry. figure 9 indicates the operation of pulse stability. to calculate the led output pulse rate (in standard mode) and motor drive pulse rate for any meter ratings (i and v ) the following formulae can be used: 1160 x (1/df_led) x where: i = maximum rated mains current v = nominal mains voltage df_led is the dividing factor and depends on r2, r1 and r0: the rated condition select pins r0, r1 and r2 are inputs pins used to configure the SA2102D for different maximum rated mains currents and nominal mains voltages. this feature allows for the use of different stepper motor gear ratios. max nom nom ma x 100 100 100 100 100 100 100 6400 3200 1600 800 6400 3200 1600 220v/10a 220v/20a 220v/40a 220v/80a 220v/6a 220v/30a 220v/60a 0 1 0 1 0 1 0 0 0 1 1 0 0 1 0 0 0 0 1 1 1 mop and mon outputs (pulses/kwh) led output (pulses/ kwh) vnom / imax r0 r1 r2 table 3: some m eter constants available for several maximum currents (i ) and with a line voltage of 220v, while in standard mode. max 3600 (v x i ) / 1000 nom max r2 0 0 0 0 1 1 1 r1 0 0 1 1 0 0 1 r0 0 1 0 1 0 1 0 df_led 322 322 322 322 536 214 214 table 3 shows some of the meter constants available for several maximum currents (i ) and with a line voltage of 220v while in standard mode. note that the values calculated using formulae 1 and 2 are close approximations to the values listed in table 3. the SA2102D has to be calibrated (using the voltage input) to give the exact value listed. max table 1: led output constants table 2: motor output constants direction select input (diri) depending on the state of the diri pin the energy to be measured can be in the positive direction only, or in the negative direction only, or in both directions. connecting diri to vdd will result in energy only being measured in the positive direction. energy flowing in the negative direction will not be measured. connecting diri to vss will result in energy only being measured in the negative direction. energy flowing in the positive direction will not be measured. connecting the diri pin to the diro output pin enables the bi-direction mode where energy is measured regardless of direction.
sames SA2102D 10/16 http://www.sames.co.za power time voltage instantaneous power 0v 67 - 70 s 67 - 70 s pulse stability disabled pulse stability enabled current led output (led) the led output pin provides a pulse output with a frequency proportional to the average energy when in standard mode and the instantaneous energy when in fast mode. this output is primarily used for calibration purposes. the rated conditions select pins (r0, r1, r2) allow different frequencies to be selected. the led output is active low. figure 8 shows the led waveform when in standard mode. vss vdd t1 t2 output signals motor pulse output (mop, mon) the mop and mon pins are complimentary outputs with a frequency proportional to the average power consumption measured. these outputs can be used to either directly drive a stepper motor counter or an electro mechanical impulse counter. the rated conditions select pins (r0, r1, r2) allows the selection of different output frequencies corresponding to different meter constants. figure 7 indicates the timing of these signals. 3600 ixv 1000 () frequency (pulses per second) = p/kwh p/kwh = frequency x 3600 ixv 1000 () t1 = t2 = t3 = 213ms t4 is proportional to the average power and can be calculated using equation 2 and the motor output constants in table 2. figure 7: motor output mon and mop vdd vdd vss vss mon mop t3 t1 t2 t4 t1 = 90ms t2 is proportional to the average power and can be calculated using equation 1 along with the appropriate led output constant in table 1. figure 8: led pulse output in standard mode in fast mode the led pulse output is set at a high frequency of 1160hz at i and v this mode is useful for fast calibration and can be used to interface to a micro-controller. figure 9 indicates the led output signal in fast mode. max nom. figure 9: led pulse output in fast mode to convert pulses per kilowatt-hour to frequency (in hz ) or vice versa the following equations can be used: where: p/kwh = led or mon/mop pulse constant i = current in amperes v = voltage (normally v ) the direction energy flow may be ascertained by monitoring the diro pin. a logic 0 on this pin indicates negative energy flow. positive energy flow, is indicated on pin diro as a logic 1. the diro pin may be used to drive a led. nom direction indicator output (diro)
sames SA2102D 11/16 http://www.sames.co.za typical application in figure 10, the components required for a stand alone power metering application, are shown. the application uses a shunt resistor for the mains current sensing. the meter is designed for 220v/40a operation. the critical external components for the SA2102D integrated circuit are the current sense resistors, the voltage sense resistors as well as the bias setting resistor. r13 defines all on-chip and reference currents. with r13=47k , optimum conditions are set. device calibration is done on the voltage input of the device. the voltage drop across the shunt resistor at rated current should be at least 20mv. if a shunt resistor of 625 is chosen and a voltage of 25mv across the shunt is required at i then the power dissipation in the current sensor is: p=i r =(40a)2 x 625 =1w. the resistors r6 and r7 define the current level into the current sense inputs of the device. the resistor values are selected for an input current of 16a on the current inputs of the SA2102D at i . according to equation described in the current sense inputs section: r6 = r7 = (i / 16a) x r /2 = 40a / 16a x 625/2 = 781.25 a resistor with value of 820 is chosen, the 5% deviation from the calculated value will be compensated for when calculating resistor values for the voltage path. bias resistor shunt resistor current sense resistors      max max 2 lsh voltage divider programming the voltage divider is calculated for a voltage drop of 14v + 5%(14.7v). equations for the voltage divider in figure 10 are: r1 + r2 + r3 = ra and r12 || (r11+p1) = rb. combining the two equations gives: (ra + rb) / 220v = rb / 14.7v a 5k trimpot will be used in the voltage channel for meter calibration. the center position on the pot is used in the calculations. p1 = 2.5k and values for resistors r11 = 22k and r12 =1m are chosen. substituting the values will result in: rb=23.91k and ra=rb x (220v/14.7v - 1) resulting in ra=333k so the resistor values of r1, r2 and r3 are chosen to be 110k . the resistor values are calculated for a 40a rated meter. the led pulse rate must be set accordingly by programming pins r0, r1 and r2. using the rated conditions select section, pins r0 and r2 is set to vss and r1 set to vdd. these settings will configure the SA2102D for 220v/40a operation with a led pulse rate of 1600 pulses/kwh. the fast pin is set to vss for standard operation.     
sames SA2102D 12/16 http://www.sames.co.za figure 10: application circuit c1 d1 + c3 c2 r1 r2 r3 d2 + c4 r4 r5 d3 d4 c5 r10 r11 p1 r12 r6 r7 r13 c6 -2v5 -2v5 +2v5 live neutral live neutral r14 r2 4 r1 5 fast 7 r0 6 vdd 8 dr-01569 9 10 vref 3 iip 2 iin 1 agnd 20 ivp 19 di ri 18 di ro 17 16 mon 15 vss 14 led 13 mop so nc nc cnf 12 11 u1 SA2102D . 1 1 2 3 4 5 i cnt1 led1 calibrat ion r8 +2v5 220v/40a meter with 1600 pulses/kwh resolution r9 + 2v5 -2v5 -2v5 -2v5 led2 2 direction
13/16 sames SA2102D http://www.sames.co.za parts list for application circuit: figure 10 note 1: resistor (r6 and r7) values are dependant on the selected shunt resistor (r14) value. note 2: capacitor c6 to be positioned as close as possible to supply pins. symbol description detail SA2102D diode, silicon, 1n4002 diode, silicon, 1n4002 diode, zener, 2.4v diode, zener, 2.4v resistor, 110k, 1/4w, 1%, metal resistor, 110k, 1/4w, 1%, metal resistor, 110k, 1/4w, 1%, metal resistor, 680, 1/4w, 1%, metal resistor, 680, 1/4w, 1%, metal resistor, 820, 1/4w, 1%, metal resistor, 820, 1/4w, 1%, metal resistor, 2k, 1/4w resistor, 2k, 1/4w resistor, 22k 1/4w, 1%, metal resistor, 1m, 1/4w, 1%, metal resistor, 47k, 1/4w, 1%, metal trim pot, 5k, multi turn capacitor, 220nf, ceramic capacitor, 220nf, ceramic capacitor, 100uf, 16v, electrolytic capacitor, 100uf, 16v, electrolytic u1 d1 d2 d3 pdip20/soic20 d4 r1 r2 r3 r4 r5 r6 r7 r8 r9 r10 r11 r12 r13 p1 c1 c2 c3 c4 resistor, 47r, 2w, 5%, wire wound note 1 note 1 capacitor, 330nf, 250vac capacitor, 820nf, ceramic c5 c6 3mm light emitting diode led1 note 2 shunt resistor 625  r14 3mm light emitting diode led2 stepper motor icnt1 note 1 part number SA2102Dpa SA2102Dsa package pdip20 soic20 ordering information
sames SA2102D 14/16 http://www.sames.co.za package dimensions dimensions shown in inches. pdip20 outline package soic20 outline package
sames SA2102D 15/16 http://www.sames.co.za notes:
sames pm9607ap sames SA2102D 16/16 disclaimer: the information contained in this document is confidential and proprietary to south african micro-electronic systems (pty) ltd ("sames") and may not be copied or disclosed to a third party, in whole or in part, without the express written consent of sames. the information contained herein is current as of the date of publication; however, delivery of this document shall not under any circumstances create any implication that the information contained herein is correct as of any time subsequent to such date. sames does not undertake to inform any recipient of this document of any changes in the information contained herein, and sames expressly reserves the right to make changes in such information, without notification, even if such changes would render information contained herein inaccurate or incomplete. sames makes no representation or warranty that any circuit designed by reference to the information contained herein, will function without errors and as intended by the designer. any sales or technical questions may be posted to our e-mail address below: for the latest updates on datasheets, please visit our web site: (012) 333-6021 +27 12 333-6021 (012) 333-8071 +27 12 333-8071 energy@sames.co.za http://www.sames.co.za. tel: tel: int fax: fax: int south african micro-electronic systems (pty) ltd p o box 15888 lynn east 0039 republic of south africa 33 eland street koedoespoort industrial area pretoria republic of south africa http://www.sames.co.za


▲Up To Search▲   

 
Price & Availability of SA2102D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X