Part Number Hot Search : 
BL6464A 124ML 140RTM 00206 CMHZ4105 XM1002 BUL416T UPF1010
Product Description
Full Text Search
 

To Download PSMN4R5-40PS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  PSMN4R5-40PS n-channel 40 v 4.6 m ? standard level mosfet rev. 02 ? 25 june 2009 product data sheet 1. product profile 1.1 general description standard level n-channel mosfet in to220 package qualified to 175 c. this product is designed and qualified for use in a wide ran ge of industrial, communications and domestic equipment. 1.2 features and benefits ? high efficiency due to low switching and conduction losses ? suitable for standard level gate drive sources 1.3 applications ? dc-to-dc convertors ? load switching ? motor control ? server power supplies 1.4 quick reference data [1] measured 3 mm from package. table 1. quick reference symbol parameter conditions min typ max unit v ds drain-source voltage t j 25 c; t j 175 c - - 40 v i d drain current t mb =25c; v gs =10v; see figure 1 - - 100 a p tot total power dissipation t mb = 25 c; see figure 2 - - 148 w dynamic characteristics q gd gate-drain charge v gs =10v; i d =25a; v ds = 20 v; see figure 14 ; see figure 15 -8.8-nc static characteristics r dson drain-source on-state resistance v gs =10v; i d =25a; t j = 25 c; see figure 13 ; [1] -3.94.6m ?
PSMN4R5-40PS_2 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 02 ? 25 june 2009 2 of 13 nxp semiconductors PSMN4R5-40PS n-channel 40 v 4.6 m ? standard level mosfet 2. pinning information 3. ordering information 4. limiting values table 2. pinning information pin symbol description simplified outline graphic symbol 1g gate s o t 7 8 ( t o - 2 2 0 a b ; s c - 4 6 ) 2d drain 3s source mb d mounting base; connected to drain 12 mb 3 s d g mbb076 table 3. ordering information type number package name description version PSMN4R5-40PS to-220ab; sc-46 plastic single-ended package; heatsink mounted; 1 mounting hole; 3-lead to-220ab sot78 table 4. limiting values in accordance with the absolute maxi mum rating system (iec 60134). symbol parameter conditions min max unit v ds drain-source voltage t j 25 c; t j 175 c - 40 v v dgr drain-gate voltage t j 25 c; t j 175 c; r gs =20k ? -40v v gs gate-source voltage -20 20 v i d drain current v gs =10v; t mb = 100 c; see figure 1 -96a v gs =10v; t mb =25c; see figure 1 -100a i dm peak drain current t p 10 s; pulsed; t mb =25c; see figure 3 -545a p tot total power dissipation t mb =25c; see figure 2 -148w t stg storage temperature -55 175 c t j junction temperature -55 175 c source-drain diode i s source current t mb =25c - 100 a i sm peak source current t p 10 s; pulsed; t mb =25c - 545 a avalanche ruggedness e ds(al)s non-repetitive drain-source avalanche energy v gs =10v; t j(init) =25c; i d =100a; v sup 40 v; unclamped; r gs =50 ? -152mj
PSMN4R5-40PS_2 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 02 ? 25 june 2009 3 of 13 nxp semiconductors PSMN4R5-40PS n-channel 40 v 4.6 m ? standard level mosfet fig 1. continuous drain current as a function of mounting base temperature fig 2. normalized total power dissipation as a function of mounting base temperature fig 3. safe operating area; continuous and peak drain currents as a function of drain-source voltage 003aad008 0 50 100 150 0 50 100 150 200 t mb ( c) i d (a) (1) t mb ( c) 0 200 150 50 100 03aa16 40 80 120 p der (%) 0 003aad297 1 10 10 2 10 3 10 -1 1 10 10 2 v ds (v) i d (a) limit r dson = v ds / i d dc 100 ms 10 ms 1 ms 100 s 10 s (1)
PSMN4R5-40PS_2 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 02 ? 25 june 2009 4 of 13 nxp semiconductors PSMN4R5-40PS n-channel 40 v 4.6 m ? standard level mosfet 5. thermal characteristics table 5. thermal characteristics symbol parameter conditions min typ max unit r th(j-mb) thermal resistance from junction to mounting base see figure 4 -0.651k/w fig 4. transient thermal impedance from junction to mounting base as a function of pulse duration; typical values 003aad007 10 -4 10 -3 10 -2 10 -1 1 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 1 t p (s) z th(j-mb) (k/w) single shot 0.02 0.05 0.1 0.2 = 0.5 t p t p t t p t =
PSMN4R5-40PS_2 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 02 ? 25 june 2009 5 of 13 nxp semiconductors PSMN4R5-40PS n-channel 40 v 4.6 m ? standard level mosfet 6. characteristics table 6. characteristics tested to jedec standards where applicable. symbol parameter conditions min typ max unit static characteristics v (br)dss drain-source breakdown voltage i d =250a; v gs =0v; t j =-55c 36 - - v i d =250a; v gs =0v; t j =25c 40 - - v v gs(th) gate-source threshold voltage i d =1ma; v ds = v gs ; t j =-55c; see figure 11 ; see figure 12 --4.6v i d =1ma; v ds = v gs ; t j = 175 c; see figure 11 ; see figure 12 1- - v i d =1ma; v ds = v gs ; t j =25c; see figure 11 ; see figure 12 234v i dss drain leakage current v ds =40v; v gs =0v; t j =25c --3a v ds =40v; v gs =0v; t j =125c --60a i gss gate leakage current v gs =20v; v ds =0v; t j = 25 c - - 100 na v gs =-20v; v ds =0v; t j = 25 c - - 100 na r dson drain-source on-state resistance v gs =10v; i d =25a; t j = 100 c; see figure 13 --6.7m ? v gs =10v; i d =25a; t j =25c; see figure 13 ; [1] -3.94.6m ? r g internal gate resistance (ac) f=1mhz - 0.97 - ? dynamic characteristics q g(tot) total gate charge i d =0a; v ds =0v; v gs =10v - 35 - nc i d =25a; v ds =20v; v gs =10v; see figure 14 ; see figure 15 - 42.3 - nc q gs gate-source charge i d =25a; v ds =20v; v gs =10v; see figure 14 ; see figure 15 - 13.8 - nc q gs(th) pre-threshold gate-source charge -7.9-nc q gs(th-pl) post-threshold gate-source charge -5.9-nc q gd gate-drain charge - 8.8 - nc v gs(pl) gate-source plateau voltage i d =25a; v ds =20v; see figure 14 -4.8-v c iss input capacitance v ds =12v; v gs = 0 v; f = 1 mhz; t j =25c; see figure 16 - 2683 - pf c oss output capacitance - 660 - pf c rss reverse transfer capacitance - 290 - pf t d(on) turn-on delay time v ds =12v; r l =0.5 ? ; v gs =10v; r g(ext) =4.7 ? -19-ns t r rise time - 23 - ns t d(off) turn-off delay time - 30 - ns t f fall time - 9 - ns
PSMN4R5-40PS_2 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 02 ? 25 june 2009 6 of 13 nxp semiconductors PSMN4R5-40PS n-channel 40 v 4.6 m ? standard level mosfet [1] measured 3 mm from package. source-drain diode v sd source-drain voltage i s =25a; v gs =0v; t j = 25 c; see figure 17 - 0.75 1.2 v t rr reverse recovery time i s =50a; di s /dt = -100 a/s; v gs =0v; v ds =20v -40-ns q r recovered charge i s =50a; di s /dt = -100 a/s; v gs =0v; v ds =20v; t j =25c -33-nc table 6. characteristics ?continued tested to jedec standards where applicable. symbol parameter conditions min typ max unit fig 5. output characteristics: drain current as a function of drain-source voltage; typical values fig 6. drain-source on-state resistance as a function of drain current; typical values 003aad020 0 50 100 150 200 250 300 0123456 v ds (v) i d (a) 6.5 6 5.5 10 5 4.5 15 7.5 v gs (v) = 7 20 003aad021 2 4 6 8 10 0 50 100 150 200 250 i d (a) r dson (m ) 7 6 7.5 20 10 15 v gs (v) = 6.5
PSMN4R5-40PS_2 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 02 ? 25 june 2009 7 of 13 nxp semiconductors PSMN4R5-40PS n-channel 40 v 4.6 m ? standard level mosfet fig 7. transfer characteristics: drain current as a function of gate-source voltage; typical values fig 8. input and reverse transfer capacitances as a function of gate-source voltage; typical values fig 9. forward transconductance as a function of drain current; typical values fig 10. drain-source on-state resistance as a function of gate-source voltage; typical values 003aad022 0 20 40 60 80 100 02468 v gs (v) i d (a) t j = 175 c 25 c 003aad026 0 1000 2000 3000 4000 0246810 v gs (v) c (pf) c iss c rss 003aad027 0 25 50 75 100 0 25 50 75 100 i d (a) g fs (s) 003aad028 0 5 10 15 20 25 0 5 10 15 20 v gs (v) r dson (m )
PSMN4R5-40PS_2 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 02 ? 25 june 2009 8 of 13 nxp semiconductors PSMN4R5-40PS n-channel 40 v 4.6 m ? standard level mosfet fig 11. sub-threshold drain current as a function of gate-source voltage fig 12. gate-source threshold voltage as a function of junction temperature fig 13. normalized drain-source on-state resistance factor as a function of junction temperature fig 14. gate charge waveform definitions 03aa35 v gs (v) 06 4 2 10 ? 4 10 ? 5 10 ? 2 10 ? 3 10 ? 1 i d (a) 10 ? 6 min typ max t j ( c) ? 60 180 120 060 003aad280 2 3 1 4 5 v gs(th) (v) 0 max typ min 03aa27 0 0.5 1 1.5 2 ? 60 0 60 120 180 t j ( c) a 003aaa50 8 v gs v gs(th) q gs1 q gs2 q gd v ds q g(tot) i d q gs v gs(pl)
PSMN4R5-40PS_2 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 02 ? 25 june 2009 9 of 13 nxp semiconductors PSMN4R5-40PS n-channel 40 v 4.6 m ? standard level mosfet fig 15. gate-source voltage as a function of gate charge; typical values fig 16. input, output and reverse transfer capacitances as a function of drain-source voltage; typical values fig 17. source (diode forward) current as a function of source-drain (diode forward) voltage; typical values 003aad024 0 2 4 6 8 10 0 1020304050 q g (nc) v gs (v) v ds = 20v 003aad025 10 2 10 3 10 4 10 -1 1 10 10 2 v ds (v) c (pf) c iss c rss c oss 003aad023 0 20 40 60 80 100 0 0.2 0.4 0.6 0.8 1 v sd (v) i s (a) t j = 25 c 175 c
PSMN4R5-40PS_2 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 02 ? 25 june 2009 10 of 13 nxp semiconductors PSMN4R5-40PS n-channel 40 v 4.6 m ? standard level mosfet 7. package outline fig 18. package outline sot78 (to-220ab) references outline version european projection issue date iec jedec jeita sot78 sc-46 3-lead to-220ab sot78 08-04-23 08-06-13 notes 1. lead shoulder designs may vary. 2. dimension includes excess dambar. unit a mm 4.7 4.1 1.40 1.25 0.9 0.6 0.7 0.4 16.0 15.2 6.6 5.9 10.3 9.7 15.0 12.8 3.30 2.79 3.8 3.5 a 1 dimensions (mm are the original dimensions) plastic single-ended package; heatsink mounted; 1 mounting hole; 3-lead to-220ab 0 5 10 mm scale b b 1 (2) 1.6 1.0 c d 1.3 1.0 b 2 (2) d 1 e e 2.54 l l 1 (1) l 2 (1) max. 3.0 p q 3.0 2.7 q 2.6 2.2 d d 1 q p l 123 l 1 (1) b 1 (2) (3 ) b 2 (2) (2 ) e e b(3 ) a e a 1 c q l 2 (1) mounting base
PSMN4R5-40PS_2 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 02 ? 25 june 2009 11 of 13 nxp semiconductors PSMN4R5-40PS n-channel 40 v 4.6 m ? standard level mosfet 8. revision history table 7. revision history document id release date data sheet status change notice supersedes PSMN4R5-40PS_2 20090625 product data sheet - PSMN4R5-40PS_1 modifications: ? data sheet status changed from objective to product. ? various changes to content. PSMN4R5-40PS_1 20090507 objective data sheet - -
PSMN4R5-40PS_2 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 02 ? 25 june 2009 12 of 13 nxp semiconductors PSMN4R5-40PS n-channel 40 v 4.6 m ? standard level mosfet 9. legal information 9.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term 'short data sheet' is explained in section "definitions". [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple devices. the latest product status information is available on the internet at url http://www.nxp.com . 9.2 definitions draft ? the document is a draft version only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall hav e no liability for the consequences of use of such information. short data sheet ? a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request vi a the local nxp semiconductors sales office. in case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. 9.3 disclaimers general ? information in this document is believed to be accurate and reliable. however, nxp semiconductors d oes not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. right to make changes ? nxp semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use ? nxp semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors accepts no liability for inclusion and/or use of nxp semiconductors products in su ch equipment or applications and therefore such inclusion and/or use is at the customer?s own risk. applications ? applications that are described herein for any of these products are for illustrative purpos es only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. quick reference data ? the quick reference data is an extract of the product data given in the limiting values and characteristics sections of this document, and as such is not comp lete, exhaustive or legally binding. limiting values ? stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) may cause permanent damage to the device. limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the characteristics sections of this document is not implied. exposure to limiting values for extended periods may affect device reliability. terms and conditions of sale ? nxp semiconductors products are sold subject to the general terms and condit ions of commercial sale, as published at http://www.nxp.com/profile/terms , including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writ ing by nxp semiconductors. in case of any inconsistency or conflict between information in this document and such terms and conditions, the latter will prevail. no offer to sell or license ? nothing in this document may be interpreted or construed as an offer to sell products t hat is open for acceptance or the grant, conveyance or implication of any lic ense under any copyrights, patents or other industrial or intellectual property rights. export control ? this document as well as th e item(s) described herein may be subject to export control regulati ons. export might require a prior authorization from national authorities. 9.4 trademarks notice: all referenced brands, produc t names, service names and trademarks are the property of their respective owners. trenchmos ? is a trademark of nxp b.v. 10. contact information for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com document status [1] [2] product status [3] definition objective [short] data sheet development this document contains data from the object ive specification for product development. preliminary [short] data sheet qualification this document contains data from the preliminary specification. product [short] data sheet production this doc ument contains the pr oduct specification.
nxp semiconductors PSMN4R5-40PS n-channel 40 v 4.6 m ? standard level mosfet ? nxp b.v. 2009. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please se nd an email to: salesaddresses@nxp.com date of release: 25 june 2009 document identifier: PSMN4R5-40PS_2 please be aware that important notices concerning this document and the product(s) described herein, have been included in section ?legal information?. 11. contents 1 product profile . . . . . . . . . . . . . . . . . . . . . . . . . . .1 1.1 general description . . . . . . . . . . . . . . . . . . . . . .1 1.2 features and benefits . . . . . . . . . . . . . . . . . . . . .1 1.3 applications . . . . . . . . . . . . . . . . . . . . . . . . . . . .1 1.4 quick reference data . . . . . . . . . . . . . . . . . . . . .1 2 pinning information . . . . . . . . . . . . . . . . . . . . . . .2 3 ordering information . . . . . . . . . . . . . . . . . . . . . .2 4 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . .2 5 thermal characteristics . . . . . . . . . . . . . . . . . . .4 6 characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . .5 7 package outline . . . . . . . . . . . . . . . . . . . . . . . . .10 8 revision history . . . . . . . . . . . . . . . . . . . . . . . . . 11 9 legal information. . . . . . . . . . . . . . . . . . . . . . . .12 9.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . .12 9.2 definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . .12 9.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . .12 9.4 trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . .12 10 contact information. . . . . . . . . . . . . . . . . . . . . .12


▲Up To Search▲   

 
Price & Availability of PSMN4R5-40PS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X