Part Number Hot Search : 
SB2200 AQV214 SKM15 AD711BQ CO4580 1000W KV2302A HE83139
Product Description
Full Text Search
 

To Download PE-W90SF005-24 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 features ? wr-90 waveguide ? flexes in both the e and h plane ? 8.2 ghz to 12.4 ghz frequency range ? brass fanges with a silver plated brass body ? neoprene sleeve provides added protection and me- chanical support applications ? allows expansion/contraction due to thermal issues. ? t est benches ? microwave radio ? eliminates installation problems caused by misalignment. ? pressurized waveguide systems ? provides vibration isolation . description the PE-W90SF005-24 is part of pasternacks family of fexible, seamless waveguides which operates in the 8.2 to 12.4 ghz range. the waveguide body is made of silver plated brass. it can be bent in both the e and h planes without impairing vswr or attenuation. the waveguide is covered by a neoprene jacket which protects the waveguide and provides mechanical sup - port. electrical specifcations description minimum t ypical maximum units frequency range 8.2 12.4 ghz vswr 1.07:1 insertion loss 0.18 db . mechanical specifcations waveguide size wr-90 waveguide design seamless section length 24 [in [609.6 mm]] e-plane minimum bend radius, one time 0.87 in [22.1 mm] h-plane minimum bend radius, one time 1.69 in [42.93 mm] maximum operating pressure 45 psig description flange 1 w aveguide flange 2 type square cover wr-90 square cover designation ug-39/u ug-39/u material brass brass brass plating silver color gold black gold ... PE-W90SF005-24 rev 1.0 PE-W90SF005-24 wr-90 seamless flexible waveguide, ug-39/u square cover flange operating from 8.2 ghz to 12.4 ghz flexible waveguides technical data sheet click the following link (or enter part number in search on website) to obtain additional part information including price, inventory and certifcations: wr-90 seamless flexible waveguide, ug-39/u square cover flange operating from 8.2 ghz to 12.4 ghz PE-W90SF005-24
2 environmental specifcations compliance certifcations (visit www.pasternack.com for current document) rohs compliant reach compliant 12/17/2015 plotted and other data notes: typical performance data -70 -60 -50 -40 -30 -20 -10 0 8.2 8.8 9.4 10.0 10.6 11.2 11.8 12.4 0 db ghz return loss PE-W90SF005-24 rev 1.0 PE-W90SF005-24 click the following link (or enter part number in search on website) to obtain additional part information including price, inventory and certifcations: wr-90 seamless flexible waveguide, ug-39/u square cover flange operating from 8.2 ghz to 12.4 ghz PE-W90SF005-24 wr-90 seamless flexible waveguide, ug-39/u square cover flange operating from 8.2 ghz to 12.4 ghz
3 -3.00 -2.50 -2.00 -1.50 -1.00 -0.50 0.00 0.50 8.2 8.8 9.4 10.0 10.6 11.2 11.8 12.4 0 db ghz insertion loss wr-90 seamless flexible waveguide, ug-39/u square cover flange operating from 8.2 ghz to 12.4 ghz from pasternack enterprises has same day shipment for domestic and international orders. our rf , microwave and millimeter wave products maintain a 99% availability and are part of the broadest selection in the industry. click the following link (or enter part number in search on website) to obtain additional part information including price, inventory and certifcations: wr-90 seamless flexible waveguide, ug-39/u square cover flange operating from 8.2 ghz to 12.4 ghz PE-W90SF005-24 url: https://www.pasternack.com/wr90-seamless-fexible-waveguide-ug39-square-8.2-12.4-ghz-PE-W90SF005-24-p.aspx PE-W90SF005-24 rev 1.0 PE-W90SF005-24 wr-90 seamless flexible waveguide, ug-39/u square cover flange operating from 8.2 ghz to 12.4 ghz flexible waveguides technical data sheet
4 PE-W90SF005-24 cad drawing wr-90 seamless flexible waveguide, ug-39/u square cover flange operating from 8.2 ghz to 12.4 ghz PE-W90SF005-24 rev 1.0


▲Up To Search▲   

 
Price & Availability of PE-W90SF005-24

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X