Part Number Hot Search : 
76SD02 71112 BCW60A KA7533 AJW3513 AS8223 MC33882 232CB
Product Description
Full Text Search
 

To Download NHD-24064WG-AFML-VZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  nhd -24064 wg -af ml-vz# graphic liquid crystal display module nhd- newhaven display 24064- 240 x 64 pixels wg- display type: graphic a- model f- white ccfl backlight m- stn-blue (-) l- transmissive, 12:00 view, wide temperature (-20 c ~ +70c) vz#- with built-in negative voltage supply rohs compliant newhaven display international, inc. 2511 technology drive, suite 101 elgin il, 60124 ph: 847-844-8795 fax: 847-844-8796 www.newhavendisplay.com nhtech@newhavendisplay.com nhsales@newhavendisplay.com
[2] document revision history revision date description changed by 0 2 / 28 /200 8 initial release - 1 4/ 20 /2010 user guide reformat be 2 5/7/2010 mechanical drawing/electrical updated be 3 11/16/2010 pin description update ak 4 2/10/2011 electrical characteristics updated be 5 5 / 8 / 2 0 1 3 electrical and optical characteristics updated. wiring diagram and mechanical drawing updated. font table added. jn functions and features 240 x 64 pixels built-in ra6963 controller +5.0v power supply white ccfl backlight 12:00 view 1/64 duty rohs compliant
1 2 3 4 5 6 a b c d b c d 1 2 3 4 5 6 mechanical drawing a [3] the drawing contained herein is the exclusive property of newhaven display internatonal, inc. and shall not be copied, reproduced, and/or disclosed in any format without permission. nhd-24064wg-affh-vz# 05/08/13 date unit model: mm gen. tolerance 0.3mm rev descripton date vss vdd v0 /wr /rd /ce vee fgnd c/d reset db0 db1 db2 db3 db4 db5 db6 db7 fs nc confidential
[4] pin description and wiring diagram pin no. symbol external connection function description 1 fgnd power supply frame ground 2 vss power supply ground 3 vdd power supply power supply for logic (+5.0v) 4 v0 adj. power supply power supply for contrast (ap prox. -7v) 5 /wr mpu active low write signal 6 /rd mpu active low read signal 7 /ce mpu active low chip enable 8 c/d mpu register select signal c/d=0: data c/d= 1: command 9 vee power supply negative voltage output (-10v) 10 reset mpu active low reset signal 11~18 dbo~db7 mpu 8-bit bi-directional data bus 19 fs mpu font select: 1=6x8 fonts, 0=8x8 fonts 20 nc - no connect a led+ power supply power supply for led backlight (+205vrms) k led- power supply ground for backlight recommended lcd connector: 2.54mm pitch pins backlight connector: jst-xhp-3 mates with : b 3b-xh-a
[5] electrical characteristics item symbol condition min. typ. max. unit operating temperature range top absolute max -20 - +70 ?c storage temperature range tst absolute max -30 - +8 0 ?c supply voltage vdd 4.75 5.0 5.25 v supply current idd vdd=5.0v - 16 - ma supply for lcd (contrast) vdd-v0 ta=25 - 12.0 - v h level input vih vdd-2.2 - vdd v l level input vil vss - 0.8 v h level output voh vdd-0.3 - vdd v l level output vol 0 - 0.3 v backlight supply voltage vled - 185 205 225 vrms backlight supply current iled vled=205vrms 4.5 5.0 5 .5 marms backlight lifetime - iled=5.0 marms - 10,000 - hrs. optical characteristics item symbol condition min. typ. max. unit viewing angle - top cr 2 - 40 - ? viewing angle - bottom - 20 - ? viewing angle - left - 30 - ? viewing angle - right - 30 - ? contrast ratio cr - 3 - response time (rise) tr - - 200 300 ms response time (fall) tf - - 200 300 ms controller information built-in ra6963 controller. please download specification at http://www.newhavendisplay.com/app_notes/ra6963.pdf
[6] table of commands
[7] timing characteristics
[8] built-in font table
[9] example initialization program void command(int a) { p1 = a; id = 1; //command ce = 0; wrt = 0; wrt = 1; ce = 1; } void data(int a) { p1 = a; id = 0; //data ce = 0; wrt = 0; wrt = 1; ce = 1; } void init() { rst = 1; rdd = 1; f_s = 1; data(0x00); data(0x00); commnd(0x40); //set text home address data(0x00); //low address columns data(0x40); //high address command(0x42); //set graphic home address data(0x1e); //low address columns data(0x00); //high address command(0x41); //set text area data(0x1e); //low address columns data(0x00); //high address command(0x43); //set graphic areaa command(0x80); //mode set to 'or' mode }
[10] quality information test item content of test test condition note high temperature storage endurance test applying th e high storage temperature for a long time. +80?c , 200hrs 2 low temperature storage endurance test applying the low storage temperature for a long time. -30?c , 200hrs 1,2 high temperature operation endurance test applying the electric stress (voltage & current) and the high thermal stress for a long time. +70?c 200hrs 2 low temperature operation endurance test applying the electric stress (voltage & current) and the low thermal stress for a long time. -20?c , 200hrs 1,2 high temperature / humidity operation endurance test applying the electric stress (voltage & current) and the high thermal with high humidity stress for a long time. +60?c , 90% rh , 96hrs 1,2 thermal shock resistance endurance test applying th e electric stress (voltage & current) during a cycle of low and high thermal stress. -20?c,30min -> 25?c,5min -> 70?c,30min = 1 cycle 10 cycles vibration test endurance test applying vibration to simulate transportation and use. 10-55hz , 15mm amplitude. 60 sec in each of 3 directions x,y,z for 15 minutes 3 static electricity test endurance test applying ele ctric static discharge. vs=800v, rs=1.5k, cs=100pf one time note 1: no condensation to be observed. note 2: conducted after 4 hours of storage at 25 ?c, 0%rh. note 3: test performed on product itself, not inside a con tainer. precautions for using lcds/lcms see precautions at www.newhavendisplay.com/specs/precautions.pdf warranty information and terms & conditions http://www.newhavendisplay.com/index.php?main_page= terms


▲Up To Search▲   

 
Price & Availability of NHD-24064WG-AFML-VZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X