Part Number Hot Search : 
73MTC C4686A 230001P HT771810 NP100 SML20T75 B1403N SBR4030
Product Description
Full Text Search
 

To Download NCCA1206F221TR300QYF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 ? nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com surface mount common mode choke ncca series case size 0805 1206 impedence range 67 ~ 360 ohms 90 ~ 2,200 ohms available tolerance 25% temperature range -40c ~ +125c withstanding voltage 125vdc 30 seconds insulation resistance 10m? after application 50v for 30 seconds resistance to solder heat 260c 5c for 10 seconds temperature cycling 25% of initial value after 10 cycles (-40c 2c / +125c 2c) ? high reliability complied to aecq200 ? high common mode impedance at high frequency ? suitable for high speed digital equipment (usb/ieee) ? low profile surface mount package ? shielded providing excellent noise suppression ? both flow and reflow soldering applicable features characteristics rohs compliant includes all homogeneous materials *see part number system for details a b c d2 d1 e type a 0.2 b 0.2 c 0.2 d10.1 d2 0.1 e 0.1 ncca0805 2.0 1.2 1.2 0.55 0.46 0.15 ncca1206 3.2 1.6 2.0 0.50 0.50 0.15 case dimensions (mm) case size l w t 1 t 2 0805 2.60 1.25 1.10 0.45 1206 3.70 1.60 1.90 0.40 l w t 1 t 2 land pattern dimensions (mm) circuit schematic part number system 400 packaging: tr = tape and reel 0805 case size ncca series 670 impedance at 100mhz 3 digit code; first two digits are significant third digit is no. of zeros f rohs compliant tr dc current rating (represented in ma) "qy" denotes aec q-200 qualified suitable for automotive equipment* qy f material (ferrite)
? nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com 2 surface mount common mode choke ncca series nic part number impedance (?) test frequency (mhz) dc resistance ( ? max.) dc current (ma max.) voltage rating (vdc) withstanding voltage (vdc) insulation resistance (?) ncca0805f670tr400qyf 67 25% 100 0.25 400 50 125 10meg ncca0805f900tr400qyf 90 25% 0.3 400 ncca0805f121tr400qyf 120 25% 0.3 400 ncca0805f161tr350qyf 160 25% 0.35 350 ncca0805f181tr350qyf 180 25% 0.35 350 ncca0805f201tr300qyf 200 25% 0.4 300 ncca0805f221tr300qyf 220 25% 0.4 300 ncca0805f261tr300qyf 260 25% 0.4 300 ncca0805f361tr300qyf 360 25% 0.5 300 ncc0805 specifications ncca0805f670tr400qyf ncca0805f900tr400qyf ncca0805f121tr400qyf ncca0805f161tr350qyf ncca0805f181tr350qyf ncca0805f201tr300qyf ncca0805f221tr300qyf ncca0805f261tr300qyf ncca0805f361tr300qyf
3 ? nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com surface mount common mode choke ncca series ncc1206 specifications nic part number impedance (?) test frequency (mhz) dc resistance ( ? max.) dc current (ma max.) voltage rating (vdc) withstanding voltage (vdc) insulation resistance (?) ncca1206f900tr400qyf 90 25% 100 0.3 400 50 125 10meg ncca1206f121tr350qyf 120 25% 0.3 350 ncca1206f161tr350qyf 160 25% 0.4 350 NCCA1206F221TR300QYF 220 25% 0.45 300 ncca1206f261tr300qyf 260 25% 0.5 300 ncca1206f361tr300qyf 360 25% 0.6 300 ncca1206f601tr300qyf 600 25% 0.8 300 ncca1206f102tr230qyf 1000 25% 1 230 ncca1206f222tr200qyf 2200 25% 1.2 200 ncca1206f900tr400qyf ncca1206f121tr350qyf ncca1206f161tr350qyf NCCA1206F221TR300QYF ncca1206f261tr300qyf ncca1206f361tr300qyf ncca1206f601tr300qyf ncca1206f102tr230qyf ncca1206f222tr200qyf
? nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com 4 surface mount common mode choke ncca series 21.0 0.8 9.0 0.5 6 0 2.0 13.00.2 2.0 0.5 178 2.0 series a 0.1 b 0.1 e 0.1 f 0.05 p 0 0.1 p 1 0.1 d 0.1 w 0.1 t 1 0.05 t 2 0.1 reel quantity ncca0805 1.50 2.35 1.75 3.5 4.0 4.0 1.5 8.0 0.22 1.45 2,000 ncca1206 1.88 3.50 2.10 f d p 1 t 1 t 2 w a b p 0 e sprocket hole cover tape reel quantity: 2,000 per reel (0805 & 1206 case size) recommended reflow soldering profile 50 100 150 200 250 peak temperature (260c for 10 sec.) time (seconds) temperature - deg. c 150c 60 sec. c 60 sec. 25 recommended flow soldering profile 50 100 150 200 250 peak temperature (260c for 10 sec.) temperature - deg. c over 120 seconds 25


▲Up To Search▲   

 
Price & Availability of NCCA1206F221TR300QYF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X