Part Number Hot Search : 
1N3330B 2SA1032 NH05AD 74HC1G FR370 FSWS4148 2500ET 356XVRC
Product Description
Full Text Search
 

To Download NAWE470M50V10X105LBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change surface mount aluminum electrolytic capacitors nawe series features ? cylindrical v-chip construction for surface mounting ? suit for high temperature reflow soldering (up to 260c) ? 1,000 hour load life @ +105c ? designed for automatic mounting and reflow soldering characteristics low esr component liquid electrolyte for performance data see www.lowesr.com rated voltage rating 6.3 ~ 50vdc rated capacitance range 1.0 ~ 1,000 f operating temp. range -55 ~ +105c capacitance tolerance 20% (m) max. leakage current after 2 miuntes @ 20c 0.01cv or 3 a whichever is greater tan @ 120hz/20c w.v. (vdc) 6.3 10 16 25 35 50 s.v. (vdc) 8.0 13 20 32 44 63 4mm, 5mm diameter & 6.3x6.1mm 0.30 0.24 0.20 0.16 0.14 0.12 6.3x8mm & 8~10mm diameter 0.35 0.26 0.24 0.18 0.14 0.12 low temperature stability impedance ratio @ 120hz w.v. (vdc) 6.3 10 16 25 35 50 z-25c/z+20c 432222 z-40c/z+20c 884433 load life test @ 105c all case sizes = 1,000 hours capacitance change within 30% of initial measured value tan less than 300% of the speci ed maximum value leakage current less than the speci ed maximum value precautions please review the notes on correct use, safety and precautions found on pages t10 & t11 of nic?s electrolytic capacitor catalog . also found at www.niccomp.com/precautions if in doubt or uncertainty, please review your speci c application - process details with nic?s technical support personnel: tpmg@niccomp.com nawe 101 m 16v 6.3x5.5 n b f rohs compliant termination/packaging code re ow temperature code size in mm working voltage tolerance code m=20% capacitance code in f, rst 2 digits are signi cant third digit is no. of zeros, ?r? indicates decimal for values under 10 f series part number system cap. ( f) code working voltage (vdc) 6.3 10 16 25 35 50 1.01r0----- 4x5.5 2.22r2----- 4x5.5 3.33r3----- 4x5.5 4.7 4r7 - - - - 4x5.5 5x5.5 10 100 - - 4x5.5 - 5x5.5 6.3x5.5 22 220 4x5.5 - 5x5.5 - 6.3x5.5 - 33 330 - 5x5.5 - 6.3x5.5 - 8x10.5 47 470 5x5.5 - 6.3x5.5 - - 8x10.5 10x10.5 100 101 6.3x5.5 - 6.3x5.5 8x10.5 8x10.5 8x10.5 10x10.5 10x10.5 220 221 - - 8x10.5 8x10.5 10x10.5 - 10x10.5 330 331 - 8x10.5 8x10.5 10x10.5 - - 10x10.5 470 471 8x10.5 8x10.5 10x10.5 - - - 10x10.5 1000 102 10x10.5 ----- dimensions (mm) and reel quantities case size d0.5 l max. a0.2 b0.2 i0.3 w p0.3 qty/reel 4x5.5 4.0 5.5 4.3 4.3 1.8 0.5~0.8 1.0 1,500 5x5.5 5.0 5.5 5.3 5.3 2.2 0.5~0.8 1.4 1000 6.3x5.5 6.3 5.5 6.6 6.6 2.5 0.5~0.8 2.2 1000 8x10.5 8.0 10.5 8.3 8.3 2.9 0.7~1.1 3.2 300 10x10.5 10.0 10.5 10.3 10.3 3.2 0.8~1.4 4.6 300 0.3mm max. d l + - i i w p a b code peak re ow temperature n 260c l 250c peak reflow temperature codes standard values and case sizes (mm) code finish & reel size b sn-bi finish & 13" reel lb sn-bi finish & 15" reel s 100% sn finish & 13" reel ls 100% sn finish & 15" reel termination finish & packaging options codes sac alloy compatible 230c ~ 260c *see part number system for details pnb s fd il rohs compliant includes all homogeneous materials
2 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change surface mount aluminum electrolytic capacitors nawe series nic part number cap. ( f) w.v. (vdc) dissipaton factor (tan ) max. ripple current (ma) +105c/120hz load life hours @ +105c nawe220m6.3v4x5.5nbf 22 6.3 0.30 23 1,000 nawe470m6.3v5x5.5nbf 47 0.30 37 1,000 nawe101m6.3v6.3x5.5nbf 100 0.30 57 1,000 nawe471m6.3v8x10.5lbf 470 0.35 210 1,000 nawe102m6.3v10x10.5lbf 1000 0.35 480 1,000 nawe330m10v5x5.5nbf 33 10 0.24 34 1,000 nawe331m10v8x10.5lbf 330 0.26 195 1,000 nawe471m10v8x10.5lbf 470 0.26 210 1,000 nawe471m10v10x10.5lbf 470 0.26 440 1,000 nawe100m16v4x5.5nbf 10 16 0.20 20 1,000 nawe220m16v5x5.5nbf 22 0.20 31 1,000 nawe470m16v6.3x5.5nbf 47 0.20 56 1,000 nawe101m16v6.3x5.5nbf 100 0.20 65 1,000 nawe221m16v8x10.5lbf 220 0.20 185 1,000 nawe331m16v8x10.5lbf 330 0.20 195 1,000 nawe331m16v10x10.5lbf 330 0.20 440 1,000 nawe471m16v10x10.5lbf 470 0.20 460 1,000 nawe330m25v6.3x5.5nbf 33 25 0.16 48 1,000 nawe101m25v8x10.5lbf 100 0.16 180 1,000 nawe221m25v8x10.5lbf 220 0.16 190 1,000 nawe221m25v10x10.5lbf 220 0.16 353 1,000 nawe331m25v10x10.5lbf 330 0.16 450 1,000 nawe4r7m35v4x5.5nbf 4.7 35 0.14 14 1,000 nawe100m35v5x5.5nbf 10 0.14 24 1,000 nawe220m35v6.3x5.5nbf 22 0.14 46 1,000 nawe101m35v8x10.5lbf 100 0.14 180 1,000 nawe101m35v10x10.5lbf 100 0.14 305 1,000 nawe221m35v10x10.5lbf 220 0.14 360 1,000 nawe1r0m50v4x5.5nbf 1.0 50 0.12 8.0 1,000 nawe2r2m50v4x5.5nbf 2.2 0.12 11 1,000 nawe3r3m50v4x5.5nbf 3.3 0.12 13 1,000 nawe4r7m50v5x5.5nbf 4.7 0.12 18 1,000 nawe100m50v6.3x5.5nbf 10 0.12 28 1,000 nawe330m50v8x10.5lbf 33 0.12 135 1,000 nawe470m50v8x10.5lbf 47 0.12 155 1,000 nawe470m50v10x10.5lbf 47 0.12 180 1,000 nawe101m50v8x10.5lbf 100 0.12 200 1,000 nawe101m50v10x10.5lbf 100 0.12 315 1,000 standard values, case sizes and specifications frequency 50/60hz 120hz 500hz 1khz 10khz 0.1 ~ 1 f 0.5 1.00 1.20 1.30 1.50 2.2 ~ 4.7 f 0.65 1.00 1.20 1.30 1.50 10 ~ 47 f 0.80 1.00 1.20 1.30 1.50 100 ~ 1000 f 0.80 1.00 1.10 1.15 1.20 ripple current frequency correction factors
3 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change case size a b c 4x5.5 1.0 2.6 1.8 5x5.5 1.4 3.0 1.8 6x3x5.5 1.8 3.6 1.8 8x10.5 2.8 4.1 2.2 10x10.5 4.3 4.4 2.5 a c b recommended land pattern dimensions (mm) surface mount aluminum electrolytic capacitors nawe series diameter time above 217c peak temperature 5 seconds 4 ~ 6.3mm 60 sec. max. 260c 8 ~ 10mm 60 sec. max. 250c peak reflow temperature and duration time above 217c (see table) 50 100 150 200 time (seconds) temperature - deg. c preheat - 120 seconds max. (150c ~ 180c) peak temperature (see table) 230 review & compare re ow soldering heat limits v-chip smt aluminum electrolytic capacitors www.niccomp.com/rsl capacitors can withstand two times reflow at the above conditions. second reflow shall be at least one hour after natural cool to room temperature. carrier tape dimensions & reel qty case size a 0.5 b 0.5 c 0.3 d 0.1 p 0.1 t 0.2 t 0.1 4x5.5 4.7 4.7 12.0 5.5 8.0 5.8 0.6 5x5.5 5.7 5.7 12.0 5.5 12.0 5.8 0.6 6.3x5.5 7.0 7.0 16.0 7.5 12.0 5.8 0.6 8x10.5 8.7 8.7 24.0 11.5 16.0 11.1 0.6 10x10.5 10.7 10.7 24.0 11.5 16.0 11.2 0.6 t a p feeding d b c 1.5 +0.1/-0 1.75 + 0.10 t 4 + 0.1 210.8 13 ? 0.5 3.0 0.5 330 or 380 mm 50 ? min. w 2.00.5 reel dimensions & reel qty case size w 1.0 quantity tr13 (330mm) tr15 (380mm) 4x5.5 14 1500 2000 5x5.5 14 1000 - 6.3x5.5 18 1000 - 8x10.5 26 300 500 10x10.5 26 300 500


▲Up To Search▲   

 
Price & Availability of NAWE470M50V10X105LBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X