Part Number Hot Search : 
NCP3064B 492LL NJM4565D IBAADS FMMT493 CSNE371 8F800 492LL
Product Description
Full Text Search
 

To Download MUR6020PTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  maximum ratings rating symbol MUR6020PTR mur6040ptr mur6060ptr unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 200 400 600 v average rectified forward current (rated v r ) per leg per device i f(av) 30 @ t c = 150 c 60 @ t c = 150 c a peak rectified forward current, per leg (rated v r , square wave, 20 khz, t c = 150 c) i frm 60 @ t c = 150 c 60 @ t c =145 c a nonrepetitive peak surge current (surge applied at rated load conditions, halfwave, single phase, 60 hz) per leg i fsm 600 a operating junction and storage temperature t j , t stg ? 65 to +175 c thermal characteristics (per diode leg) maximum thermal resistance, ? junction?to?case ? junction?to?ambient r  jc r  ja 1.5 40 c/w electrical characteristics (per diode leg) maximum instantaneous forward voltage (note 1) (i f = 30 amp, t c = 150 c) (i f = 30 amp, t c = 25 c) v f 0.95 1.05 1.20 1.30 1.5 1.7 v maximum instantaneous reverse current (note 1) (rated dc voltage, t j = 150 c) (rated dc voltage, t j = 25 c) i r 5000 60 5000 60  a maximum reverse recovery time (i f = 1.0 a, di/dt = 50 a/  s) t rr 35 50 ns maximum ratings are those values beyond which device damage can occur. maximum ratings applied to the device are individual str ess limit values (not normal operating conditions) and are not valid simultaneously. if these limits are exceeded, device functional operation i s not implied, damage may occur and reliability may be affected. 1. pulse test: pulse width = 300  s, duty cycle 2.0%. ? MUR6020PTR thru mur6060ptr pb free plating product MUR6020PTR/mur6040ptr/mur6060ptr 60 amperes heatsink dual common anode ultra fast recovery rectifiers pb ? 2006 thinki semiconductor co., ltd. http://www.thinkisemi.com/ page 1/2 rev.07c features low forward voltage drop latest gpp technology with super fast recovery time high current capability case: to-3pn/to-3pb high surge current capability weight: 6.0 gram approximately polarity: as marked on diode body method 208 mounting position: any terminals: solderable per mil-std-202 mechanical data low reverse leakage current epoxy: ul 94v-0 rate flame retardant application automotive inverters/solar inverters plating power supply,smps,adapter and ups car audio amplifiers and sound device systems to-3pn/to-3pb bottom side metal heat sink positive negative doubler common cathode case case case common anode suffix "pt" tandem polarity case series tandem polarity suffix "ptr" suffix "ptd" suffix "pts"
200 60 0 1000 0 400 800 0 10 20 30 40 50 60 70 0. 001 0. 01 0. 1 1 10 0. 0 0. 2 0. 4 0. 6 0. 8 1. 0 1. 2 0 4 0 8 0 120 160 0. 4 0. 6 0. 8 1. 0 1. 2 1. 4 1. 6 k f t vj c -d i f /d t t s k/ w 0 200 400 600 800 0 1 2 3 4 5 6 0. 0 0. 3 0. 6 0. 9 1. 2 1. 5 1. 8 v fr di f /d t v 200 6 0 0 1000 0 400 80 0 5 15 25 0 10 20 30 10 100 1000 0. 0 0. 2 0. 4 0. 6 0. 8 0. 0 0 . 4 0. 8 1 . 2 0 20 40 60 80 100 120 i rm q r i f a v f -d i f /d t -d i f /d t a/ us a v uc t rr ns t fr z th j c a/ us us a/ us a/ us t vj = 100 c v r = 100v t vj = 100 c i f = 30a fig. 3 typ. peak reverse current i rm versus -di f /dt fig. 2 typ. reverse recovery charge q r versus -di f /dt fig. 1 forward current i f versus v f t vj =100 c t vj = 25 c t vj = 100 c v r = 100v t vj = 100 c v r = 100v q r i rm fig. 4 dynamic parameters q r , i rm versus t vj fig. 5 typ. recovery time t rr versus -di f /dt fig. 6 typ. peak forward voltage v fr and t fr versus di f /dt t fr v fr fig. 7 t ransient thermal impedance junction to case t vj =150 c i f = 15a i f = 30a i f = 70a i f = 15a i f = 30a i f = 70a i f = 15a i f = 30a i f = 70a ultra f ast rec o ve r y diodes ? 2006 thinki semiconductor co., ltd. http://www.thinkisemi.com/ page 2/2 rev.07c ? MUR6020PTR thru mur6060ptr


▲Up To Search▲   

 
Price & Availability of MUR6020PTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X