Part Number Hot Search : 
FC17GY MBRF10 PM6615 MBRF10 SLP2040 MBRF10 7950K11 107004
Product Description
Full Text Search
 

To Download LM108AQML Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lm108-n , LM108AQML www.ti.com snosah4b ? march 2005 ? revised march 2013 lm108-n/LM108AQML operational amplifiers check for samples: lm108-n , LM108AQML 1 features description the lm108-n is a precision operational amplifier 2 ? maximum input bias current of 3.0 na over having specifications a factor of ten better than fet temperature amplifiers over a ? 55 c to +125 c temperature ? offset current less than 400 pa over range. temperature the devices operate with supply voltages from 2v to ? supply current of only 300 a, even in 20v and have sufficient supply rejection to use saturation unregulated supplies. although the circuit is ? ensured drift characteristics interchangeable with, and uses the same compensation as the lm101a, an alternate compensation scheme can be used to make it particularly insensitive to power supply noise and to make supply bypass capacitors unnecessary. the low current error of the lm108-n makes possible many designs that are not practical with conventional amplifiers. in fact, it operates from 10 m source resistances, introducing less error than devices like the 709 with 10 k sources. integrators with drifts less than 500 v/sec and analog time delays in excess of one hour can be made using capacitors no larger than 1 f. connection diagrams *package is connected to pin 4 (v ? ) **unused pin (no internal connection) to allow for input anti-leakage guard ring on printed circuit board layout. figure 1. to-99 package figure 2. 14 lead dual-in-line package (top view) 8 lead cdip package see package number j 1 please be aware that an important notice concerning availability, standard warranty, and use in critical applications of texas instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 2 all trademarks are the property of their respective owners. production data information is current as of publication date. copyright ? 2005 ? 2013, texas instruments incorporated products conform to specifications per the terms of the texas instruments standard warranty. production processing does not necessarily include testing of all parameters.
lm108-n , LM108AQML snosah4b ? march 2005 ? revised march 2013 www.ti.com figure 3. 8 lead cdip package (top view) figure 4. 10 lead clga package see package number nab0008a see package number nad0010a, nac0010a schematic diagram compensation circuits 2 submit documentation feedback copyright ? 2005 ? 2013, texas instruments incorporated product folder links: lm108-n LM108AQML
lm108-n , LM108AQML www.ti.com snosah4b ? march 2005 ? revised march 2013 standard compensation circuit alternate frequency compensation **bandwidth and slew rate are proportional to 1/c s c o = 30 pf **bandwidth and slew rate are proportional to 1/c f note: improves rejection of power supply noise by a factor of ten. figure 5. feedforward compensation these devices have limited built-in esd protection. the leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the mos gates. copyright ? 2005 ? 2013, texas instruments incorporated submit documentation feedback 3 product folder links: lm108-n LM108AQML
lm108-n , LM108AQML snosah4b ? march 2005 ? revised march 2013 www.ti.com absolute maximum ratings (1) (2) (3) lm108-nrh lm108- n/lm108-na supply voltage 22v 20v power dissipation (4) to-99 8 ld 330mw @ +125 c cdip 14ld 400mw @ +125 c cdip 8ld 400mw @ +125 c clga 10ld 330mw @ +125 c clga 10 ld 330mw @ +125 c differential input current (5) 10 ma differential input voltage (6) 30v n/a input voltage (7) 20v 15v output short-circuit duration continuous operating temperature range ? 55 c t a +125 c storage temperature range ? 65 c t a +150 c thermal resistance ja to-99 8 ld still air 150 c/w 500lf / min air flow 86 c/w cdip 14ld still air 94 c/w 500lf / min air flow 55 c/w cdip 8ld still air 120 c/w 500lf / min air flow 68 c/w clga 10ld still air 225 c/w 500lf / min air flow 142 c/w clga 10 ld still air 225 c/w 500lf / min air flow 142 c/w jc to-99 8 ld 38 c/w cdip 14ld 13 c/w cdip 8ld 17 c/w clga 10ld 21 c/w clga 10 ld 21 c/w package weight (typical) to-99 8 ld 990mg cdip 14ld 2,180mg cdip 8ld 1,090mg clga 10ld 225mg clga 10 ld 210mg maximum junction temperature 175 c 150 c lead temperature (soldering, 10 sec) 300 c esd tolerance (8) 2000v (1) parameters have only been entered in the lm108-n / lm108-na column if different from lm108-nrh (2) absolute maximum ratings indicate limits beyond which damage to the device may occur. operating ratings indicate conditions for which the device is functional, but do not ensure specific performance limits. for ensured specifications and test conditions, see the electrical characteristics. the ensured specifications apply only for the test conditions listed. some performance characteristics may degrade when the device is not operated under the listed test conditions. (3) if military/aerospace specified devices are required, please contact the ti sales office/distributors for availability and specifications. (4) the maximum power dissipation must be derated at elevated temperatures and is dictated by t j max (maximum junction temperature), ja (package junction to ambient thermal resistance), and t a (ambient temperature). the maximum allowable power dissipation at any temperature is p d max = (t j max - t a ) / ja or the number given in the absolute maximum ratings, whichever is lower. (5) the inputs are shunted with back-to-back diodes for over voltage protection. therefore, excessive current will flow if a differential input voltage in excess of 1v is applied between the inputs unless some limiting resistance is used. (6) this rating is 1.0v unless resistances of 2k ohms or greater are inserted in series with the inputs to limit current in the input shunt diodes to the maximum allowable value.. (7) for supply voltages less than 20v, the absolute maximum input voltage is equal to the supply voltage. (8) human body model, 1.5 k in series with 100 pf. 4 submit documentation feedback copyright ? 2005 ? 2013, texas instruments incorporated product folder links: lm108-n LM108AQML
lm108-n , LM108AQML www.ti.com snosah4b ? march 2005 ? revised march 2013 table 1. quality conformance inspection (1) subgroup description temp ( c) 1 static tests at +25 c 2 static tests at +125 c 3 static tests at ? 55 c 4 dynamic tests at +25 c 5 dynamic tests at +125 c 6 dynamic tests at ? 55 c 7 functional tests at +25 c 8a functional tests at +125 c 8b functional tests at ? 55 c 9 switching tests at +25 c 10 switching tests at +125 c 11 switching tests at ? 55 c (1) mil-std-883, method 5005 - group a lm108-n electrical characteristics dc parameters the following conditions apply to all the following parameters, unless otherwise specified. v cc = 20v, v cm = 0v sub- symbol parameter conditions notes min max units groups v io input offset voltage v cm = -15v -2.0 2.0 mv 1 -3.0 3.0 mv 2, 3 v cm = 15v -2.0 2.0 mv 1 -3.0 3.0 mv 2, 3 -2.0 2.0 mv 1 -3.0 3.0 mv 2, 3 v cc = 5v -2.0 2,0 mv 1 -3.0 3.0 mv 2, 3 i io input offset current v cm = -15v -0.2 0.2 na 1 -0.4 0.4 na 2, 3 v cm = 15v -0.2 0.2 na 1 -0.4 0.4 na 2, 3 -0.2 0.2 na 1 -0.4 0.4 na 2, 3 v cc = 5v -0.2 0.2 na 1 -0.4 0.4 na 2, 3 i ib input bias current v cm = -15v -0.1 2.0 na 1 -1.0 3.0 na 2, ? 0.1 3.0 na 3 v cm = 15v -0.1 2.0 na 1 -1.0 3.0 na 2, ? 0.1 3.0 na 3 -0.1 2.0 na 1 -1.0 3.0 na 2, ? 0.1 3.0 na 3 v cc = 5v -0.1 2.0 na 1 -1.0 3.0 na 2, ? 0.1 3.0 na 3 psrr power supply rejection ratio 20v < = vcc < = 5v 80 db 1, 2, 3 copyright ? 2005 ? 2013, texas instruments incorporated submit documentation feedback 5 product folder links: lm108-n LM108AQML
lm108-n , LM108AQML snosah4b ? march 2005 ? revised march 2013 www.ti.com lm108-n electrical characteristics dc parameters (continued) the following conditions apply to all the following parameters, unless otherwise specified. v cc = 20v, v cm = 0v sub- symbol parameter conditions notes min max units groups cmrr common mode rejection ratio -15v < = v cm < = 15v 85 db 1, 2, 3 +i os short circuit current v cc = 15v -30 -1.0 ma 1, 2, 3 -i os short circuit current v cc = 15v 1 30 ma 1, 2, 3 i cc power supply current 0.6 ma 1 0.4 ma 2 0.8 ma 3 r in input resistance see (1) 30 m ? 1 v in input voltage range v cc = 15v see (2) 14 v 1, 2 see (2) ? 14 v 1, 2 see (2) 13.5 v 3 see (2) ? 13. v 3 5 see (2) 15 v 1, 2, 3 see (2) ? 15 v 1, 2, 3 +v op output voltage swing v cc = 15v, r l = 10k ? 13 v 4, 5, 6 -v op output voltage swing v cc = 15v, r l = 10k ? -13 v 4, 5, 6 +a vs open loop voltage gain v cc = 15v, r l = 10k ? , see (3) 50 v/mv 4 vout = 0 to 10v see (3) 25 v/mv 5, 6 -a vs open loop voltage gain v cc = 15v, r l = 10k ? see (3) 50 v/mv 4 vout = 0 to -10v see (3) 25 v/mv 5, 6 (1) ensured parameter not tested. (2) parameter tested go-no-go (3) datalog reading in k = v/mv lm108-n electrical characteristics ac parameters the following conditions apply to all the following parameters, unless otherwise specified. v cc = 20v, v cm = 0v. sub- symbol parameter conditions notes min max units groups tr tr rise time see (1) 1.0 s 7 tr os overshoot see (1) 30 % 7 (1) ensured parameter not tested. lm108-na electrical characteristics dc parameters the following conditions apply to all the following parameters, unless otherwise specified. v cc = 20v, v cm = 0v sub- symbol parameter conditions notes min max units groups v io input offset voltage v cm = -15v -0.5 0.5 mv 1 -1.0 1.0 mv 2, 3 v cm = 15v -0.5 0.5 mv 1 -1.0 1.0 mv 2, 3 -0.5 0.5 mv 1 -1.0 1.0 mv 2, 3 v cc = 5v -0.5 0.5 mv 1 -1.0 1.0 mv 2, 3 6 submit documentation feedback copyright ? 2005 ? 2013, texas instruments incorporated product folder links: lm108-n LM108AQML
lm108-n , LM108AQML www.ti.com snosah4b ? march 2005 ? revised march 2013 lm108-na electrical characteristics dc parameters (continued) the following conditions apply to all the following parameters, unless otherwise specified. v cc = 20v, v cm = 0v sub- symbol parameter conditions notes min max units groups i io input offset current v cm = -15v -0.2 0.2 na 1 -0.4 0.4 na 2, 3 v cm = 15v -0.2 0.2 na 1 -0.4 0.4 na 2, 3 -0.2 0.2 na 1 -0.4 0.4 na 2, 3 v cc = 5v -0.2 0.2 na 1 -0.4 0.4 na 2, 3 i ib input bias current v cm = -15v -0.1 2.0 na 1 -1.0 3.0 na 2 -0.1 3.0 na 3 v cm = 15v -0.1 2.0 na 1 -1.0 3.0 na 2 -0.1 3.0 na 3 -0.1 2.0 na 1 -1.0 3.0 na 2 -0.1 3.0 na 3 v cc = 5v -0.1 2.0 na 1 -1.0 3.0 na 2 -0.1 3.0 na 3 psrr power supply rejection ratio 20v < = v cc < = 5v 96 db 1, 2, 3 cmrr common mode rejection ratio -15v < = v cm < = 15v 96 db 1, 2, 3 +i os short circuit current v cc = 15v -30 -1.0 ma 1, 2, 3 -i os short circuit current v cc = 15v 1.0 30 ma 1, 2, 3 i cc power supply current 0.6 ma 1 0.4 ma 2 0.8 ma 3 r in input resistance see (1) 30 m ? 1 v in input voltage range v cc = 15v see (2) 14 v 1, 2 see (2) ? 14 v 1, 2 see (2) 13.5 v 3 see (2) ? 13. v 3 5 see (2) 15 v 1, 2, 3 see (2) ? 15 v 1, 2, 3 (1) ensured parameter not tested. (2) parameter tested go-no-go#snosah42270 copyright ? 2005 ? 2013, texas instruments incorporated submit documentation feedback 7 product folder links: lm108-n LM108AQML
lm108-n , LM108AQML snosah4b ? march 2005 ? revised march 2013 www.ti.com lm108-na electrical characteristics dc parameters (continued) the following conditions apply to all the following parameters, unless otherwise specified. v cc = 20v, v cm = 0v sub- symbol parameter conditions notes min max units groups delta v io / temperature coefficient of input see (3) 5.0 v/ c 1, 2, 3 delta t offset voltage delta i io / temperature coefficient of input see (3) 2.5 pa/ c 1, 2, 3 delta t offset current +v op output voltage swing v cc = 15v, r l = 10k ? 13 v 4, 5, 6 -v op output voltage swing v cc = 15v, r l = 10k ? -13 v 4, 5, 6 +a vs open loop voltage gain v cc = 15v, r l = 10k ? , see (4) 80 v/mv 4 vout = 0 to 10v see (4) 40 v/mv 5, 6 -a vs open loop voltage gain v cc = 15v, r l = 10k ? , see (4) 80 v/mv 4 vout = 0 to -10v see (4) 40 v/mv 5, 6 (3) ensured parameter not tested. (4) datalog reading in k = v/mv lm108-na electrical characteristics ac parameters the following conditions apply to all the following parameters, unless otherwise specified. v cc = 20v, v cm = 0v sub- symbol parameter conditions notes min max units groups tr tr transient response rise time see (1) 1.0 s 7 (1) ensured parameter not tested. lm108-na rad hard ? electrical characteristics dc parameters the following conditions apply to all the following parameters, unless otherwise specified. v cc = 20v, v cm = 0v, r s = 50 ? sub- symbol parameter conditions notes min max units groups +v cc = 35v, -v cc = -5v, -0.5 0.5 mv 1 v cm = -15v -1.0 1.0 mv 2, 3 +v cc = 5v, -v cc = -35v, -0.5 0.5 mv 1 v cm = 15v -1.0 1.0 mv 2, 3 v io input offset voltage -0.5 0.5 mv 1 -1.0 1.0 mv 2, 3 +v cc = +5v, -v cc = -5v -0.5 0.5 mv 1 -1.0 1.0 mv 2, 3 delta v io / temperature coefficient of input 25 c t a +125 c see (1) -5.0 5.0 v/ c 2 delta t offset voltage -55 c t a 25 c see (1) -5.0 5.0 v/ c 3 i io input offset current +v cc = 35v, -v cc = -5v, -0.2 0.2 na 1 v cm = -15v -0.4 0.4 na 2, 3 +v cc = 5v, -v cc = -35v, -0.2 0.2 na 1 v cm = 15v -0.4 0.4 na 2, 3 -0.2 0.2 na 1 -0.4 0.4 na 2, 3 +v cc = +5v, -v cc = -5v -0.2 0.2 na 1 -0.4 0.4 na 2, 3 delta i io / temperature coefficient of input 25 c t a +125 c see (1) -2.5 2.5 pa/ c 2 delta t offset current -55 c t a 25 c see (1) -2.5 2.5 pa/ c 3 (1) calculated parameter 8 submit documentation feedback copyright ? 2005 ? 2013, texas instruments incorporated product folder links: lm108-n LM108AQML
lm108-n , LM108AQML www.ti.com snosah4b ? march 2005 ? revised march 2013 lm108-na rad hard ? electrical characteristics dc parameters (continued) the following conditions apply to all the following parameters, unless otherwise specified. v cc = 20v, v cm = 0v, r s = 50 ? sub- symbol parameter conditions notes min max units groups i ib input bias current +v cc = 35v, -v cc = -5v, -0.1 2.0 na 1 v cm = -15v -1.0 2.0 na 2 -0.1 3.0 na 3 +v cc = 5v, -v cc = -35v, -0.1 2.0 na 1 v cm = 15v -1.0 2.0 na 2 -0.1 3.0 na 3 -0.1 2.0 na 1 -1.0 2.0 na 2 -0.1 3.0 na 3 +v cc = +5v, -v cc = -5v -0.1 2.0 na 1 -1.0 2.0 na 2 -0.1 3.0 na 3 +psrr power supply rejection ratio +v cc = 10v, -v cc = -20v -16 16 v/v 1, 2, 3 -psrr power supply rejection ratio +v cc = 20v, -v cc = -10v -16 16 v/v 1, 2, 3 cmrr common mode rejection ratio v cm = 15v 96 db 1, 2, 3 +i os short circuit current +v cc = +15v, -v cc = -15v, t 25ms -20 ma 1, 2, 3 -i os short circuit current +v cc = +15v, -v cc = -15v, t 25ms 20 ma 1, 2, 3 i cc power supply current 0.6 ma 1, 2 +v cc = +15v, -v cc = -15v 0.8 ma 3 +v op output voltage swing r l = 10k ? 16 v 4, 5, 6 -v op output voltage swing r l = 10k ? -16 v 4, 5, 6 +a vs open loop voltage gain r l = 10k ? , vout = +15v see (2) 80 v/mv 4 see (2) 40 v/mv 5, 6 -a vs open loop voltage gain r l = 10k ? , vout = -15v see (2) 80 v/mv 4 see (2) 40 v/mv 5, 6 a vs open loop voltage gain v cc = 5v, r l = 10k ? , see (2) 20 v/mv 4, 5, 6 vout = 2v (2) datalog reading in k = v/mv lm108-na rad hard ? electrical characteristics dc drift parameters the following conditions apply to all the following parameters, unless otherwise specified. v cc = 20v, v cm = 0v, r s = 50 ? delta calculations performed on jan s and qmlv devices at group b, subgroup 5 only. sub- symbol parameter conditions notes min max units groups v io input offset voltage -0.25 0.25 mv 1 i ib input bias current -0.5 0.5 na 1 lm108-na rad hard ? electrical characteristics ac parameters the following conditions apply to all the following parameters, unless otherwise specified. ac v cc = 20v, v cm = 0v, r s = 50 ? sub- symbol parameter conditions notes min max units groups tr tr transient response rise time r l = 10k ? , c l = 100pf, 1,00 f < 1khz, vin = +50mv 0 ns 9, 10, 11 copyright ? 2005 ? 2013, texas instruments incorporated submit documentation feedback 9 product folder links: lm108-n LM108AQML
lm108-n , LM108AQML snosah4b ? march 2005 ? revised march 2013 www.ti.com lm108-na rad hard ? electrical characteristics ac parameters (continued) the following conditions apply to all the following parameters, unless otherwise specified. ac v cc = 20v, v cm = 0v, r s = 50 ? sub- symbol parameter conditions notes min max units groups tr os transient response overshoot r l = 10k ? , c l = 100pf, f < 1khz, vin = +50mv 50 % 9, 10, 11 +s r slew rate a v = 1, v in = -5v to +5v 0.05 v/ s 9, 10, 11 ? s r slew rate a v = 1, v in = +5v to -5v 0.05 v/ s 9, 10, 11 ni bb noise broadband bw = 10hz to 5khz, r s = 0 ? 15 v rms 9 ni pc noise popcorn bw = 10hz to 5khz, r s = 100k ? 40 v pk 9 lm108-na rad hard ? electrical characteristics post radiation parameters @ +25 c (1) (2) the following conditions apply to all the following parameters, unless otherwise specified. dc: v cc = 20v, v cm = 0v, r s = 50 ? sub- symbol parameter conditions notes min max units groups i ib input bias current +v cc = 35v, -v cc = -5v, v cm = -15v see (1) 5.0 na 1 +v cc = 5v, -v cc = -35v, v cm = -15v see (1) 5.0 na 1 see (1) 5.0 na 1 +v cc = +5v, -v cc = -5v see (1) 5.0 na 1 i io input offset current +v cc = 35v, -v cc = -5v, v cm = -15v see (1) 0.5 na 1 +v cc = 5v, -v cc = -35v, v cm = -15v see (1) 0.5 na 1 see (1) 0.5 na 1 +v cc = +5v, -v cc = -5v see (1) 0.5 na 1 (1) pre and post irradiation limits are identical to those listed under ac and dc electrical characteristics except as listed in the post radiation limits table. these parts may be dose rate sensitive in a space environment and demonstrate enhanced low dose rate effect. radiation end point limits for the noted parameters are specified only for the conditions as specified in mil-std-883, method 1019.5. (2) calculated parameter for class ? s ? only 10 submit documentation feedback copyright ? 2005 ? 2013, texas instruments incorporated product folder links: lm108-n LM108AQML
lm108-n , LM108AQML www.ti.com snosah4b ? march 2005 ? revised march 2013 typical performance characteristics input currents offset error figure 6. figure 7. drift error input noise voltage figure 8. figure 9. closed loop power supply rejection output impedance figure 10. figure 11. copyright ? 2005 ? 2013, texas instruments incorporated submit documentation feedback 11 product folder links: lm108-n LM108AQML
lm108-n , LM108AQML snosah4b ? march 2005 ? revised march 2013 www.ti.com typical performance characteristics (continued) voltage gain output swing figure 12. figure 13. open loop supply current frequency response figure 14. figure 15. large signal voltage follower frequency response pulse response figure 16. figure 17. 12 submit documentation feedback copyright ? 2005 ? 2013, texas instruments incorporated product folder links: lm108-n LM108AQML
lm108-n , LM108AQML www.ti.com snosah4b ? march 2005 ? revised march 2013 typical applications figure 18. sample and hold ? teflon polyethylene or polycarbonate dielectric capacitor worst case drift less than 2.5 mv/sec figure 19. high speed amplifier with low drift and low input current copyright ? 2005 ? 2013, texas instruments incorporated submit documentation feedback 13 product folder links: lm108-n LM108AQML
lm108-n , LM108AQML snosah4b ? march 2005 ? revised march 2013 www.ti.com figure 20. fast summing amplifier *in addition to increasing speed, the lm101a raises high and low frequency gain, increases output drive capability and eliminates thermal feedback. note: power bandwidth: 250 khzsmall signal bandwidth: 3.5 mhz slew rate: 10v/ s 14 submit documentation feedback copyright ? 2005 ? 2013, texas instruments incorporated product folder links: lm108-n LM108AQML
lm108-n , LM108AQML www.ti.com snosah4b ? march 2005 ? revised march 2013 table 2. revision history date revision section originator changes released 03/23/05 a new release, corporate format. ordering l. lytle 3 mds data sheets converted into one corp. information table, electrical sections for datasheet format. mrlm108-na-x-rh rev. the lm108-n and lm108-na. 1a0, mnlm108-na-x rev 1a1, mnlm108-n ? x rev 0bl. deleted following: nsid lm108- naw/883 and lm108-naj-8rqml, no longer offered; from lm108-n electrical ' s delta v io /delta t, delta i io /delta t, drift parameters; from lm108-na electrical ' s drift parameters. reason: referenced products are 883 only. 12/14/05 b rad hard electricals, dc parameters r. malone +i os from -15 ma min to -20 ma min and -i os from +15 ma max to +20 ma max. reason: to reflect smd update. revision a will be archived. 03/26/2013 b all sections changed layout of national data sheet to ti format copyright ? 2005 ? 2013, texas instruments incorporated submit documentation feedback 15 product folder links: lm108-n LM108AQML
mechanical da t a nab 000 8a www .ti.com j 0 8 a ( r e v m )

mechanical da t a nac0010a www .ti.com w g 1 0 a ( r e v h )
mechanical da t a nad0010a www .ti.com w 1 0 a ( r e v h )

important notice texas instruments incorporated and its subsidiaries (ti) reserve the right to make corrections, enhancements, improvements and other changes to its semiconductor products and services per jesd46, latest issue, and to discontinue any product or service per jesd48, latest issue. buyers should obtain the latest relevant information before placing orders and should verify that such information is current and complete. all semiconductor products (also referred to herein as ? components ? ) are sold subject to ti ? s terms and conditions of sale supplied at the time of order acknowledgment. ti warrants performance of its components to the specifications applicable at the time of sale, in accordance with the warranty in ti ? s terms and conditions of sale of semiconductor products. testing and other quality control techniques are used to the extent ti deems necessary to support this warranty. except where mandated by applicable law, testing of all parameters of each component is not necessarily performed. ti assumes no liability for applications assistance or the design of buyers ? products. buyers are responsible for their products and applications using ti components. to minimize the risks associated with buyers ? products and applications, buyers should provide adequate design and operating safeguards. ti does not warrant or represent that any license, either express or implied, is granted under any patent right, copyright, mask work right, or other intellectual property right relating to any combination, machine, or process in which ti components or services are used. information published by ti regarding third-party products or services does not constitute a license to use such products or services or a warranty or endorsement thereof. use of such information may require a license from a third party under the patents or other intellectual property of the third party, or a license from ti under the patents or other intellectual property of ti. reproduction of significant portions of ti information in ti data books or data sheets is permissible only if reproduction is without alteration and is accompanied by all associated warranties, conditions, limitations, and notices. ti is not responsible or liable for such altered documentation. information of third parties may be subject to additional restrictions. resale of ti components or services with statements different from or beyond the parameters stated by ti for that component or service voids all express and any implied warranties for the associated ti component or service and is an unfair and deceptive business practice. ti is not responsible or liable for any such statements. buyer acknowledges and agrees that it is solely responsible for compliance with all legal, regulatory and safety-related requirements concerning its products, and any use of ti components in its applications, notwithstanding any applications-related information or support that may be provided by ti. buyer represents and agrees that it has all the necessary expertise to create and implement safeguards which anticipate dangerous consequences of failures, monitor failures and their consequences, lessen the likelihood of failures that might cause harm and take appropriate remedial actions. buyer will fully indemnify ti and its representatives against any damages arising out of the use of any ti components in safety-critical applications. in some cases, ti components may be promoted specifically to facilitate safety-related applications. with such components, ti ? s goal is to help enable customers to design and create their own end-product solutions that meet applicable functional safety standards and requirements. nonetheless, such components are subject to these terms. no ti components are authorized for use in fda class iii (or similar life-critical medical equipment) unless authorized officers of the parties have executed a special agreement specifically governing such use. only those ti components which ti has specifically designated as military grade or ? enhanced plastic ? are designed and intended for use in military/aerospace applications or environments. buyer acknowledges and agrees that any military or aerospace use of ti components which have not been so designated is solely at the buyer ' s risk, and that buyer is solely responsible for compliance with all legal and regulatory requirements in connection with such use. ti has specifically designated certain components as meeting iso/ts16949 requirements, mainly for automotive use. in any case of use of non-designated products, ti will not be responsible for any failure to meet iso/ts16949. products applications audio www.ti.com/audio automotive and transportation www.ti.com/automotive amplifiers amplifier.ti.com communications and telecom www.ti.com/communications data converters dataconverter.ti.com computers and peripherals www.ti.com/computers dlp ? products www.dlp.com consumer electronics www.ti.com/consumer-apps dsp dsp.ti.com energy and lighting www.ti.com/energy clocks and timers www.ti.com/clocks industrial www.ti.com/industrial interface interface.ti.com medical www.ti.com/medical logic logic.ti.com security www.ti.com/security power mgmt power.ti.com space, avionics and defense www.ti.com/space-avionics-defense microcontrollers microcontroller.ti.com video and imaging www.ti.com/video rfid www.ti-rfid.com omap applications processors www.ti.com/omap ti e2e community e2e.ti.com wireless connectivity www.ti.com/wirelessconnectivity mailing address: texas instruments, post office box 655303, dallas, texas 75265 copyright ? 2013, texas instruments incorporated


▲Up To Search▲   

 
Price & Availability of LM108AQML

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X