Part Number Hot Search : 
COMPO 3833R GMPSA94S ATP050SM S1NB20D 2SJ585LS E006854 MBRF1015
Product Description
Full Text Search
 

To Download IRFPS37N50A-17 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 91258 www.vishay.com s11-0111-rev. c, 07-feb-11 1 power mosfet irfps37n50a, sihfps37n50a vishay siliconix features ? low gate charge q g results in simple drive requirement ? improved gate, avalanch e and dynamic dv/dt ruggedness ? fully characterized capacitance and avalanche voltage and current ? effective c oss specified ? compliant to rohs directive 2002/95/ec applications ? switch mode power supply (smps) ? uninterruptible power supply ? high speed power switching typical smps topologies ? full bridge converters ? power factor correction boost notes a. repetitive rating; pulse widt h limited by maximum junction temperature (see fig. 11). b. starting t j = 25 c, l = 1.94 mh, r g = 25 ? , i as = 36 a (see fig. 12). c. i sd ? 36 a, di/dt ? 145 a/s, v dd ? v ds , t j ? 150 c. d. 1.6 mm from case. product summary v ds (v) 500 r ds(on) (max.) ( ? )v gs = 10 v 0.13 q g (max.) (nc) 180 q gs (nc) 46 q gd (nc) 71 configuration single n-channel mosfet g d s s d g super-247 available rohs* compliant ordering information package super-247 lead (pb)-free irfps37n50apbf sihfps37n50a-e3 snpb irfps37n50a sihfps37n50a absolute maximum ratings (t c = 25 c, unless otherwise noted) parameter symbol limit unit drain-source voltage v ds 500 v gate-source voltage v gs 30 continuous drain current v gs at 10 v t c = 25 c i d 36 a t c = 100 c 23 pulsed drain current a i dm 144 linear derating factor 3.6 w/c single pulse avalanche energy b e as 1260 mj repetitive avalanche current a i ar 36 a repetitive avalanche energy a e ar 44 mj maximum power dissipation t c = 25 c p d 446 w peak diode recovery dv/dt c dv/dt 3.5 v/ns operating junction and storage temperature range t j , t stg - 55 to + 150 c soldering recommendations (p eak temperature) for 10 s 300 d * pb containing terminations are not rohs compliant, exemptions may apply
www.vishay.com document number: 91258 2 s11-0111-rev. c, 07-feb-11 irfps37n50a, sihfps37n50a vishay siliconix notes a. repetitive rating; pulse widt h limited by maximum junction temperature (see fig. 11). b. pulse width ? 300 s; duty cycle ? 2 %. c. c oss eff. is a fixed capacitance that gives the same charging time as c oss while v ds is rising from 0 % to 80 % v ds . thermal resistance ratings parameter symbol typ. max. unit maximum junction-to-ambient r thja -40 c/w case-to-sink, flat, greased surface r thcs 0.24 - maximum junction-to-case (drain) r thjc -0.28 specifications (t j = 25 c, unless otherwise noted) parameter symbol test condi tions min. typ. max. unit static drain-source brea kdown voltage v ds v gs = 0 v, i d = 250 a 500 - - v gate-source threshold voltage v gs(th) v ds = v gs , i d = 250 a 2.0 - 4.0 v gate-source leakage i gss v gs = 30 v - - 100 na zero gate voltage drain current i dss v ds = 500 v, v gs = 0 v - - 25 a v ds = 400 v, v gs = 0 v, t j = 150 c - - 250 drain-source on-state resistance r ds(on) v gs = 10 v i d = 22 a b - - 0.13 ? forward transconductance g fs v ds = 50 v, i d = 22 a b 20 - - s dynamic input capacitance c iss v gs = 0 v, v ds = 25 v, f = 1.0 mhz, see fig. 5 - 5579 - pf output capacitance c oss - 810 - reverse transfer capacitance c rss -36- output capacitance c oss v gs = 0 v v ds = 1.0 v , f = 1.0 mhz - 7905 - v ds = 400 v , f = 1.0 mhz - 221 - effective output capacitance c oss eff. v ds = 0 v to 400 v - 400 - total gate charge q g v gs = 10 v i d = 36 a, v ds = 400 v, see fig. 6 and 13 b - - 180 nc gate-source charge q gs --46 gate-drain charge q gd --71 turn-on delay time t d(on) v dd = 250 v, i d = 36 a, r g = 2.15 ? , r d = 7.0 ??? see fig. 10 b -23- ns rise time t r -98- turn-off delay time t d(off) -52- fall time t f -80- drain-source body diode characteristics continuous source-dr ain diode current i s mosfet symbol showing the integral reverse p - n junction diode --36 a pulsed diode forward current a i sm - - 144 body diode voltage v sd t j = 25 c, i s = 36 a, v gs = 0 v b --1.5v body diode reverse recovery time t rr t j = 25 c, i f = 36 a, di/dt = 100 a/s b - 570 860 ns body diode reverse recovery charge q rr - 8.6 13 c forward turn-on time t on intrinsic turn-on time is negligible (turn-on is dominated by l s and l d ) s d g
document number: 91258 www.vishay.com s11-0111-rev. c, 07-feb-11 3 irfps37n50a, sihfps37n50a vishay siliconix typical characteristics (25 c, unless otherwise noted) fig. 1 - typical output characteristics fig. 2 - typical output characteristics fig. 3 - typical transfer characteristics fig. 4 - normalized on-resistance vs. temperature 0.1 1 10 100 1000 0.1 1 10 100 20s pulse width t = 25 c j top bottom vgs 15v 10v 8.0v 7.0v 6.0v 5.5v 5.0v 4.5v v , drain-to-source voltage (v) i , drain-to-source current (a) ds d 4.5v 1 10 100 0.1 1 10 100 20s pulse width t = 150 c j top bottom vgs 15v 10v 8.0v 7.0v 6.0v 5.5v 5.0v 4.5v v , drain-to-source voltage (v) i , drain-to-source current (a) ds d 4.5v 1 10 100 1000 4.0 5.0 6.0 7.0 8.0 9.0 v = 50v 20s pulse width ds v , gate-to-source voltage (v) i , drain-to-source current (a) gs d t = 25 c j t = 150 c j -60 -40 -20 0 20 40 60 80 100 120 140 160 0.0 0.5 1.0 1.5 2.0 2.5 3.0 t , junction temperature ( c) r , drain-to-source on resistance (normalized) j ds(on) v = i = gs d 10v 36a
www.vishay.com document number: 91258 4 s11-0111-rev. c, 07-feb-11 irfps37n50a, sihfps37n50a vishay siliconix fig. 5 - typical capacitance vs. drain-to-source voltage fig. 6 - typical gate charge vs. gate-to-source voltage fig. 7 - typical source-drain diode forward voltage fig. 8 - maximum safe operating area 10 100 1000 10000 100000 1 10 100 1000 c, capacitance (pf) ds v , drain-to-source voltage (v) a v = 0v, f = 1mhz c = c + c , c shorted c = c c = c + c gs iss gs gd ds rss gd oss ds gd c iss c oss c rss 0 40 80 120 160 200 0 4 8 12 16 20 q , total gate charge (nc) v , gate-to-source voltage (v) g gs for test circuit see figure i = d 13 36a v = 100v ds v = 250v ds v = 400v ds 0.1 1 10 100 1000 0.2 0.4 0.6 0.8 1.0 1.2 1.4 v ,source-to-drain voltage (v) i , reverse drain current (a) sd sd v = 0 v gs t = 25 c j t = 150 c j 1 10 100 1000 10 100 1000 10000 operation in this area limited by r ds(on) single pulse t t = 150 c = 25 c j c v , drain-to-source voltage (v) i , drain current (a) i , drain current (a) ds d 10us 100us 1ms 10ms
document number: 91258 www.vishay.com s11-0111-rev. c, 07-feb-11 5 irfps37n50a, sihfps37n50a vishay siliconix fig. 9 - maximum drain current vs. case temperature fig. 10a - switching time test circuit fig. 10b - switching time waveforms fig. 11 - maximum effective transient thermal impedance, junction-to-case 25 50 75 100 125 150 0 10 20 30 40 t , case temperature ( c) i , drain current (a) c d pulse width 1 s duty factor 0.1 % r d v gs r g d.u.t. 10 v + - v ds v dd v ds 90 % 10 % v gs t d(on) t r t d(off) t f 0.001 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thjc c p t t dm 1 2 t , rectangular pulse duration (sec) thermal response (z ) 1 thjc 0.01 0.02 0.05 0.10 0.20 d = 0.50 single pulse (thermal response)
www.vishay.com document number: 91258 6 s11-0111-rev. c, 07-feb-11 irfps37n50a, sihfps37n50a vishay siliconix fig. 12a - unclamped inductive test circuit fig. 12b - unclamped inductive waveforms fig. 12c - maximum avalanche energy vs. drain current fig. 12d - maximum avalanche energy vs. drain current fig. 13a - basic gate charge waveform fig. 13b - gate charge test circuit a r g i as 0.01 t p d.u.t. l v ds + - v dd driver 15 v 20 v i as v ds t p 25 50 75 100 125 150 0 500 1000 1500 2000 2500 3000 starting t , junction temperature ( c) e , single pulse avalanche energy (mj) j as i d top bottom 16a 23a 36a 500 520 540 560 580 010203040 a dsav av i , avalanche current (a) v , avalanche voltage (v) q gs q gd q g v g charge 10 v d.u.t. 3 ma v gs v ds i g i d 0.3 f 0.2 f 50 k 12 v current regulator current sampling resistors same type as d.u.t. + -
document number: 91258 www.vishay.com s11-0111-rev. c, 07-feb-11 7 irfps37n50a, sihfps37n50a vishay siliconix fig. 14 - for n-channel vishay siliconix maintains worldw ide manufacturing capability. prod ucts may be manufactured at on e of several qualified locatio ns. reliability data for silicon technology and package reliability represent a composite of all qualified locations. for related documents su ch as package/tape drawings, part marking, and reliability data, see www.vishay.com/ppg?91258 . p.w. period di/dt diode recovery dv/dt ripple 5 % body diode forward drop re-applied voltage rever s e recovery current body diode forward current v gs = 10 v a i s d driver gate drive d.u.t. l s d waveform d.u.t. v d s waveform inductor current d = p.w. period + - + + + - - - peak dio d e recovery d v/ d t test circuit v dd ? dv/dt controlled by r g ? driver s ame type a s d.u.t. ? i s d controlled by duty factor d ? d.u.t. - device under te s t d.u.t. circuit layout con s ideration s ? low s tray inductance ? g round plane ? low leakage inductance current tran s former r g note a. v gs = 5 v for logic level device s v dd
package information www.vishay.com vishay siliconix revision: 27-mar-17 1 document number: 91365 for technical questions, contact: hvm@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 to-274aa (high voltage) notes ? dimensioning and tolerancing per asme y14.5m-1994 ? dimension d and e do not include mold fl ash. mold flash shall not ex ceed 0.127 mm (0.005") per side . these dimens ions are meas ured at the outer extremes of the plastic body ? outline conforms to jedec ? outline to to-274aa (1) dimension measured at tip of lead millimeters inches millimeters inches dim. min. max. min. max. dim. min. max. min. max. a 4.70 5.30 0.185 0.209 d1 15.50 16.10 0.610 0.634 a1 1.50 2.50 0.059 0.098 d2 0.70 1.30 0.028 0.051 a2 2.25 2.65 0.089 0.104 e 15.10 16.10 0.594 0.634 b 1.30 1.60 0.051 0.063 e1 13.30 13.90 0.524 0.547 b2 1.80 2.20 0.071 0.087 e 5.45 bsc 0.215 bsc b4 3.00 3.25 0.118 0.128 l 13.70 14.70 0.539 0.579 c (1) 0.38 0.89 0.015 0.035 l1 1.00 1.60 0.039 0.063 d 19.80 20.80 0.780 0.819 r 2.00 3.00 0.079 0.118 ecn: x17-0056-rev. b, 27-mar-17 dwg: 5975 a1 a c a2 b e e4 d l e l1 b 0.10 (0.25) b a mm e1 d2 d1 r detail ?a? a b2 b4 detail ?a? scale: 2:1 10 5 lead tip
legal disclaimer notice www.vishay.com vishay revision: 08-feb-17 1 document number: 91000 disclaimer ? all product, product specifications and data ar e subject to change with out notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of th e products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product , (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all implied warranties, includ ing warranties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain types of applicatio ns are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular applic ation. it is the customers responsibility to validate tha t a particular product with the prope rties described in the product sp ecification is suitable for use in a particular application. parameters provided in datasheets and / or specifications may vary in different ap plications and perfor mance may vary over time. all operating parameters, including ty pical parameters, must be va lidated for each customer application by the customer s technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product could result in personal injury or death. customers using or selling vishay product s not expressly indicated for use in such applications do so at their own risk. please contact authorized vishay personnel to obtain writ ten terms and conditions rega rding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners. ? 2017 vishay intertechnology, inc. all rights reserved


▲Up To Search▲   

 
Price & Availability of IRFPS37N50A-17

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X