https://www.phoenixcontact.com/pi/products/2701418 08/14/2018???page? 1 ?/? 5 industrial ethernet switch?-?fl switch 7008-eip?-?2701418 please be informed that the data shown in this pdf document is generated from our online catalog. please find the complete data in the user's documentation. our general terms of use for downloads are valid (http://phoenixcontact.com/download) managed switch 7000, 8 rj45 ports 10/100 mbps, degree of protection:?ip20, ethernet/ip? product description the fl switch 7008-eip is a managed ethernet switch suitable for industrial applications with eight fast ethernet ports in rj45 format. the switches communicate directly via the common industrial protocol (cip) in the ethernet/ip? network. via cip, the switch can be integrated into an ethernet/ip? control system from where it can be configured and diagnosed. multicast functions which are important for ethernet/ip?, such as igmp snooping, multicast source detection, and auto query port, are also available. the switch can also be used universally in other automation networks. for maximum network availability, the switches support the non-proprietary device level ring (dlr) redundancy protocol for ethernet/ip? with switch-over times <3 ms. in addition, the switch supports rapid spanning tree (rstp) with fast ring detection (frd) extension. thanks to the extended temperature range of -40 c to 70 c and the robust metal housing, it can also be used in harsh industrial environments. why buy this product ?device level ring (dlr) ?common industrial protocol (cip) ?dhcp client, dhcp server (pool-based and port-based), dhcp option 82 ?vlans ?rstp with fast switch-over ?-40c ... +70c ambient temperature ?slim design ?web-based management, snmp key commercial data packing unit 1 stk gtin gtin 4046356749732 technical data note utilization restriction emc: class a product, see manufacturer's declaration in the download area fail mode us2us1 act net eip x9 x1x2 x3 x4 modmod mod mod switch 7000 lnklnk lnk lnk lnklnk lnk lnk x5x6 x7 x8 modmod mod mod spd mod fd order no. 29 88 120 256mb sd flash 256mb fail mode us2us1 act net eip x9 x1x2 x3 x4 modmod mod mod switch 7000 lnklnk lnk lnk lnklnk lnk lnk x5x6 x7 x8 modmod mod mod spd mod fd >click< fail mode us2us1 act net eip x9 x1x2 x3 x4 modmod mod mod switch 7000 lnklnk lnk lnk lnklnk lnk lnk x5x6 x7 x8 modmod mod mod spd mod fd 6 5 4 3 4 2 1
https://www.phoenixcontact.com/pi/products/2701418 08/14/2018???page? 2 ?/? 5 industrial ethernet switch?-?fl switch 7008-eip?-?2701418 technical data dimensions width 60 mm height 130 mm depth 135.5 mm ambient conditions degree of protection ip20 ambient temperature (operation) -40 c ... 70 c ambient temperature (storage/transport) -40 c ... 85 c permissible humidity (operation) 10 % ... 95 % (non-condensing) permissible humidity (storage/transport) 10 % ... 95 % (non-condensing) air pressure (operation) 86 kpa ... 108 kpa (1500?m above sea level) air pressure (storage/transport) 66 kpa ... 108 kpa (3500?m above sea level) interfaces interface 1 ethernet (rj45) no. of ports 8 (rj45 ports) note on the connection method auto negotiation and autocrossing transmission physics copper transmission speed 10/100 mbps transmission length 100 m (per segment) signal leds data receive, link status function basic functions store-and-forward switch, complies with ieee 802.3 management web-based management (http/https) snmpv1/v2/v3 diagnostic functions remanente event-table rmon history n:1-portmirroring lldp (link layer discovery protocol) snmp-traps acd (address conflict detection) filter functions quality of service (8 priority classes) port-priorisierung vlan (up to 32 vlans) igmp snooping (512 groups) igmp query auto-query-port extended multicast filtering static multicast filtering (32 groups) link aggregation (up to 4 trunks) mac address table 16k fail mode us2us1 act net eip x9 x1x2 x3 x4 modmod mod mod switch 7000 lnklnk lnk lnk lnklnk lnk lnk x5x6 x7 x8 modmod mod mod spd mod fd order no. 29 88 120 256mb sd flash 256mb fail mode us2us1 act net eip x9 x1x2 x3 x4 modmod mod mod switch 7000 lnklnk lnk lnk lnklnk lnk lnk x5x6 x7 x8 modmod mod mod spd mod fd >click< fail mode us2us1 act net eip x9 x1x2 x3 x4 modmod mod mod switch 7000 lnklnk lnk lnk lnklnk lnk lnk x5x6 x7 x8 modmod mod mod spd mod fd 6 5 4 3 4 2 1
https://www.phoenixcontact.com/pi/products/2701418 08/14/2018???page? 3 ?/? 5 industrial ethernet switch?-?fl switch 7008-eip?-?2701418 technical data function redundancy dlr (device level ring) rstp (rapid spanning tree protocol) frd (fast ring detection) large tree support ip parameterization dhcp-client dhcp option 82 (relay agent) dhcp server (pool-based, port-based) bootp profinet device function fast startup profinet conformance class conformance-class a ethernet/ip? supported protocols common industrial protocol (cip) time synchronization ptp 1588 (transparent clock on the dlr ports) additional functions mac-based port security status and diagnostic indicators leds: us1, us2 (power supply), fail (alarm contact), 2 leds per ethernet port (link and switchable activity/speed/duplex) ethernet/ip? status led: net, mod signal contact control voltage 24 v dc (typical) signal contact control current 1 a (maximum) network expansion parameters cascading depth network, linear, and star structure: any maximum conductor length (twisted pair) 100 m supply voltage supply voltage 24 v dc (redundant) residual ripple 3.6 v pp (within the permitted voltage range) supply voltage range 12 v dc ... 58 v dc typical current consumption 350 ma (at u s = 24 v dc) current consumption 350 ma general mounting type din rail type ax book type net weight 900 g mttf 209.8 years (sn 29500 standard, temperature 25 c, operating cycle 21 % (5 days a week, 8 hours a day)) 105.79 years (sn 29500 standard, temperature 40 c, operating cycle 34.25 % (5 days a week, 12 hours a day)) 14.78 years (sn 29500 standard, temperature 70 c, operating cycle 100 % (7 days a week, 24 hours a day)) connection data connection method screw connection conductor cross section solid min. 0.2 mm2 fail mode us2us1 act net eip x9 x1x2 x3 x4 modmod mod mod switch 7000 lnklnk lnk lnk lnklnk lnk lnk x5x6 x7 x8 modmod mod mod spd mod fd order no. 29 88 120 256mb sd flash 256mb fail mode us2us1 act net eip x9 x1x2 x3 x4 modmod mod mod switch 7000 lnklnk lnk lnk lnklnk lnk lnk x5x6 x7 x8 modmod mod mod spd mod fd >click< fail mode us2us1 act net eip x9 x1x2 x3 x4 modmod mod mod switch 7000 lnklnk lnk lnk lnklnk lnk lnk x5x6 x7 x8 modmod mod mod spd mod fd 6 5 4 3 4 2 1
https://www.phoenixcontact.com/pi/products/2701418 08/14/2018???page? 4 ?/? 5 industrial ethernet switch?-?fl switch 7008-eip?-?2701418 technical data connection data conductor cross section solid max. 2.5 mm2 conductor cross section flexible min. 0.2 mm2 conductor cross section flexible max. 2.5 mm2 conductor cross section awg min. 24 conductor cross section awg max. 12 stripping length 7 mm standards and regulations electromagnetic compatibility conformance with emc directive 2004/108/ec type of test vibration resistance in acc. with en?60068-2-6/iec?60068-2-6 test result operation/storage/transport: 5g, 150 hz, criterion 3 noise emission en 61000-6-4 noise immunity en 61000-6-2:2005 vibration (storage/transport) 5g, 150 hz, in acc. with iec 60068-2-6 free from substances that could impair the application of coating yes vibration (operation) in acc. with iec 60068-2-6: 5g, 150 hz environmental product compliance reach svhc lead 7439-92-1 china rohs environmentally friendly use period = 50 for details about hazardous substances go to tab downloads, category manufacturer's declaration drawings schematic diagram key: 1 ethernet ports 2 slot for optional sd memory card schematic diagram inserting/removing the sd card fail mode us2us1 act net eip x9 x1x2 x3 x4 modmod mod mod switch 7000 lnklnk lnk lnk lnklnk lnk lnk x5x6 x7 x8 modmod mod mod spd mod fd order no. 29 88 120 256mb sd flash 256mb fail mode us2us1 act net eip x9 x1x2 x3 x4 modmod mod mod switch 7000 lnklnk lnk lnk lnklnk lnk lnk x5x6 x7 x8 modmod mod mod spd mod fd >click< fail mode us2us1 act net eip x9 x1x2 x3 x4 modmod mod mod switch 7000 lnklnk lnk lnk lnklnk lnk lnk x5x6 x7 x8 modmod mod mod spd mod fd 6 5 4 3 4 2 1
https://www.phoenixcontact.com/pi/products/2701418 08/14/2018???page? 5 ?/? 5 industrial ethernet switch?-?fl switch 7008-eip?-?2701418 3 mode switch with leds 4 diagnostics and status indicators 5 connection of the supply voltage 6 floating signal contact approvals approvals approvals ul listed / cul listed / ethernet/ip conformance tested tm / culus listed ex approvals ul listed / cul listed / culus listed approval details ul listed? ? ? http://database.ul.com/cgi-bin/xyv/template/lisext/1frame/index.htm ?file e 140324 cul listed? ? ? http://database.ul.com/cgi-bin/xyv/template/lisext/1frame/index.htm ?file e 140324 ethernet/ip conformance tested tm? ? ?11221.01 culus listed? ? ? ? phoenix contact 2018 ? - all rights reserved http://www.phoenixcontact.com phoenix contact gmbh & co. kg flachsmarktstr. 8 32825 blomberg germany tel. +49 5235 300 fax +49 5235 3 41200 http://www.phoenixcontact.com fail mode us2us1 act net eip x9 x1x2 x3 x4 modmod mod mod switch 7000 lnklnk lnk lnk lnklnk lnk lnk x5x6 x7 x8 modmod mod mod spd mod fd order no. 29 88 120 256mb sd flash 256mb fail mode us2us1 act net eip x9 x1x2 x3 x4 modmod mod mod switch 7000 lnklnk lnk lnk lnklnk lnk lnk x5x6 x7 x8 modmod mod mod spd mod fd >click< fail mode us2us1 act net eip x9 x1x2 x3 x4 modmod mod mod switch 7000 lnklnk lnk lnk lnklnk lnk lnk x5x6 x7 x8 modmod mod mod spd mod fd 6 5 4 3 4 2 1
|