Part Number Hot Search : 
TS862 1990329 1N5731C AP1116Y 261405B AP1116Y Z86C61 M3100
Product Description
Full Text Search
 

To Download ECCSR1200L1HR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1.0a surface mount schottky barrier rectifiers - 20v-200v e-cmos corp. ( www.ecmos.com.tw ) page 1 of 5 4l05n-rev. f001 eccsr120-eccsr1200 features batch process design, excellent power dissipation o ffers better reverse leakage current and thermal resistance. low profile surface mounted application in order to optimize board space. low power loss, high efficiency. high current capability, low forward voltage drop. high surge capability. guardring for overvoltage protection. ultra high-speed switching. silicon epitaxial planar chip, metal silicon juncti on. lead-free parts meet environmental standards of mil-std-19500 /228 suffix "h" indicates halogen-free parts, ex. eccsr1 20l1hr mechanical data epoxy : ul94-v0 rated flame retardant case : molded plastic, do-214ac / sma terminals :plated terminals, solderable per mil-std -750, method 2026 polarity : indicated by cathode band mounting position : any weight : approximated 0.05 gram maximum ratings and electrical characteristics (at t a =25 o c unless otherwise noted) parameter conditions symbol min. typ. max. unit forward rectified current see fig.2 i o 1.0 a forward surge current 8.3ms single half sine-wave (jedec methode) i fsm 30 a v r = v rrm t j = 25 0.5 reverse current v r = v rrm t j = 125 i r 10 ma junction to ambient r q ja 64 thermal resistance junction to case r q jc 32 diode junction capacitance f=1mhz and applied 4v dc reverse voltage c j 120 pf storage temperature t stg -65 175
1.0a surface mount schottky barrier rectifiers - 20v-200v e-cmos corp. ( www.ecmos.com.tw ) page 2 of 5 4l05n-rev. f001 eccsr120-eccsr1200 rating and characteristic curves symbols *1 vrrm (v) *2 vrms (v) *3 vr (v) *4 vf (v) operating temperature t j , ( ) eccsr120 20 14 20 eccsr130 30 21 30 eccsr140 40 28 40 0.50 -55 to +125 eccsr150 50 35 50 eccsr160 60 42 60 0.70 eccsr180 80 56 80 eccsr1100 100 70 100 0.85 eccsr1150 150 105 150 0.90 eccsr1200 200 140 200 0.92 -55 to +150
1.0a surface mount schottky barrier rectifiers - 20v-200v e-cmos corp. ( www.ecmos.com.tw ) page 3 of 5 4l05n-rev. f001 eccsr120-eccsr1200 pinning information
1.0a surface mount schottky barrier rectifiers - 20v-200v e-cmos corp. ( www.ecmos.com.tw ) page 4 of 5 4l05n-rev. f001 eccsr120-eccsr1200 marking part no marking eccsr120l1r / eccsr120l1 h r ss12 eccsr130l1r / eccsr130l1 h r ss13 eccsr140l1r / eccsr140l1 h r ss14 eccsr150l1r / eccsr150l1 h r ss15 eccsr160l1r / eccsr160l1 h r ss16 eccsr180l1r / eccsr180l1 h r ss18 eccsr1100l1r / eccsr1100l1 h r s100 eccsr1150l1r / eccsr1150l1 h r s150 eccsr1200l1r / eccsr1200l1 h r s200 h: halogen free suggested solder pad layout
1.0a surface mount schottky barrier rectifiers - 20v-200v e-cmos corp. ( www.ecmos.com.tw ) page 5 of 5 4l05n-rev. f001 eccsr120-eccsr1200


▲Up To Search▲   

 
Price & Availability of ECCSR1200L1HR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X