Part Number Hot Search : 
07401 09900 LMX2522 X9C103PI 2SD1349 M28W201 HYB31 TDA8415
Product Description
Full Text Search
 

To Download DPX-E110-6A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  all product specifications are subject to change without notice www.advantech-innocore.com last updated : 16-sep-2011 see overleaf for continued specifcation features dpx ? -e110-6a introduction the dpx ? -e110-6a is a complete industrial computer system for the italian gaming market designed especially to comply with the requirements of aams and comma 6a legislation. the system offers good performance and very low power with the cost effective intel ? atom? processor. in its typical confguration, the system is fanless and supports single or dual monitors. a high performance graphics card may be added for even higher performance. a full set of i/o, coms and security features designed specifcally for italy is included making the dpx ? -e110-6a an ideal integrated platform for next generation slot machines. ? complete platform for gaming machines ? full aams software protocol provided ? fanless system ? low power intel atom chipset ? security and cable access to meet comma 6a ? integrated smart card reader feature summary system intel ? atom? performance & low power intel 945gse chipset 512mb ddr2 sdram 1 x compact flash socket (internal) audio i/o jamma 28 way edge card interface comma 6a com connector aams control device reader (iso:7810, 7816 smart card) video integrated intel gma 950 (gen. 3.5) dual monitor support optional low profle high performance vga card (nvidia or ati). security case and cabinet intrusion monitoring. enclosure steel passive cooling system (without vga card) software edge-to-edge drivers and api/sdk. aams smart card management aams fscal counter management aams cctalk aams comma 6a pda interface power down and intrusion monitoring. cpu/chipset intel ? atom? n270 1.6ghz (1.6/533 2.5w) intel ? 945gse + ich7m memory 1 x sodimm socket 512mb ddr2 533mhz up to 2gb* bios ami pci/pnp/acpi bios video integrated - intel gma 950 dual independent monitor support * video option* nvidia geforce 8400gs/256 low profle high performance card storage compactflash type i/ii ** sata port ** smart card:** aams iso:7810, 7816 smart card socket. external ports 1) jamma 28 way edge connector: 2 x cctalk cabinet door open hopper coin in/out buttons inputs (7) lamp outputs (7) speaker (line l&r) refll key service key 2) comma 6a com connector 3) vga monitor connector 4) dvi monitor connector * 5) serial rs232 (touchscreen) * sound ac97 audio codec 2 channel line level outputs on jamma watchdog timer programmable time-out of 1-255 seconds gaming platform for italian comma 6a market innovations in gaming computing
www.advantech-innocore.com dpx ? -e110-6a short enclosure (DPX-E110-6As) tall enclosure (DPX-E110-6At) intrusion detection 1) two intrusion detection input lines (used for case open) operates with and without system active (battery backed) 2) door open input on jamma system health monitoring measurement of cpu core temp. with thermal trip. power atx or pseudo at mode external psu. environment operating temperature: 0 C 40 oc tbc storage temperature: -20 C 85 oc approvals emc: ce, fcc class a rohs, weee aams comma 6a dimensions DPX-E110-6As: 198 x 237 x 65 DPX-E110-6At: tbc (with optional vga card) notes:- * - optional items are subject to an moq, price change and are factory confgured at time of order. ** - user accessible (internally mounted behind rear cover plate under battery backed intrusion detection) benefts meets italian regulations low power (cpu power 2.5w, overall power 15w) single integrated solution small size C 198 x 237 x 65mm (without optional vga card) low cost optional hardware edge card connector compact flash cards external power supply vga card oem customization and product development ? advantech-innocore specializes in the felds of pc-based hardware design and software development. our in-depth knowledge and global resources make us your ideal partner. ? advantech-innocore is part of the advantech co., ltd. group of companies. ? specifcations subject to change. e&oe. ? copyright ? 2011 advantech co., ltd. ? all rights reserved. advantech-innocore, the advantech-innocore logo, dpx, connectbus are trademarks of advantech co., ltd. in the uk, us and other countries. ? all other trademarks are acknowledged and respected. innovations in gaming computing


▲Up To Search▲   

 
Price & Availability of DPX-E110-6A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X