Part Number Hot Search : 
HCS320 SMBJ130A SW61500 HCU04 STK40 PT71949L 2SC446 A1S10
Product Description
Full Text Search
 

To Download DPX-E105 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  all product specifications are subject to change without notice www.advantech-innocore.com last updated : 16-sep-2011 see overleaf for continued specifcation features dpx ? -e105 introduction the dpx ? -e105 is a complete industrial computer system that offers good performance and very low power with the cost effective intel ? atom? processor. a full feature set of i/o and coms designed specifcally for gaming devices is also included making the dpx ? -e105 an ideal integrated platform for many gaming, amusement and kiosk applications. the overall system is fanless and the gaming functions share the same api as advantec h-innocores other dpx ? series boards. feature summary system (standard model) intel ? atom? performance & low power intel 945gse chipset 512mb ddr2 sdram 1 x gigabit ethernet lan 2 x compactflash socket audio 1024kb sram (nvram) i/o 5 x rs232 serial, 16550 compatible 1 x cctalk 5 x usb 2.0 32 inputs and 32 outputs meter outputs with disconnect detect video integrated intel gma 950 (gen. 3.5) dual monitor support security intrusion switch inputs bios customization 1 x ibutton ? sockets 1 x security rom socket enclosure aluminium extruded with status leds. passive cooling system software edge-to-edge drivers and api/sdk. code portability through consistent api with other advantech-innocore boards. range of advantech-innocore software products for gaming cpu/chipset intel ? atom? n270 1.6ghz (1.6/533 2.5w) intel ? 945gse + ich7m memory 1 x so-dimm socket 512mb ddr2 533mhz optional* :- up to 2gb bios ami pci/pnp/acpi bios video integrated - intel gma 950 video ports: primary:- analog vga secondary:- dvi lan 1 x ethernet gigabit lan full duplex operation wake-on-lan capability optional* :- lan 2 gigabit lan storage 2 x compactflash type i/ii (flash/microdrive)** optional* :- 1 x cf socket confgured for sd card** 1 x hdd/ssd 2.5?** ports 5 x rs232 serial, 16550 compatible (2 x available as ttl) 1 x cctalk 4 x usb 2.0 1 x usb 2.0** optional* :- 1 x cctalk 2 x rs232 1 x rs485 2 x usb** ? comprehensive gaming features ? low power and compact design ? easy integration for gaming applications ? dual monitor supported ? fanless system intel ? atom? industrial computer system innovations in gaming computing
www.advantech-innocore.com dpx ? -e110-6a i/o 32 esd protected inputs 32 oc outputs (500ma, 50v) (of which 6 i/o ports can be confgured as meter outputs with disconnect detect) optional* :- 4 opto-isolated outputs 4 high current outputs (3a) power fail detect external sensor input for advanced warning of ac power fail sound: hd audio 2 channel line level outputs sram 1024kb fast sram (1 bank) on pci bus battery state software readable optional* :- up to 4096kb eeprom optional* :- 32kb user eeprom ibutton 1 x ibutton ? socket for special purpose device or security modules** optional* :- 1 x ibutton ? ** security rom 1 x socket for 1mb eprom/otprom plcc32 (pci, bootable) optional* :- 1 x socket for 1mb eprom/otprom plcc32 (pci, bootable) watchdog timer programmable time-out of 1-255 seconds always on design (default 255 seconds) intrusion detection six intrusion detection input lines (2 used for case open) operates with and without system active logs date/time of last 254 events logs system resets/brownouts as events eeprom backup for 10 years retention system health monitoring measurement of cpu core temp. with thermal trip. power atx or at mode external psu. environment operating temperature: 0 ~ 40 c tbc storage temperature: -20 ~ 85 c approvals emc: ce, fcc class a rohs, weee dimensions 229 x 180 x 77 mm (9.0 x 7.1 x 3.0") notes: * optional items are subject to an moq, price change and are factory confgured at time of order. ** user accessible (internally mounted behind rear cover plate under battery backed intrusion detection) optional hardware edge card connector set compact flash cards usb sticks external power supply ibuttons ? benefts low power (cpu power 2.5w) single integrated solution small size: 229 x 180 x 77mm (9.0 x 7.1 x 3.0) designed for the gaming industry low cost oem customization and product development ? advantech-innocore specializes in the felds of pc-based hardware design and software development. our in-depth knowledge and global resources make us your ideal partner. ? advantech-innocore is part of the advantech co., ltd. group of companies. ? specifcations subject to change. e&oe. ? copyright ? 2011 advantech co., ltd. ? all rights reserved. advantech-innocore, the advantech-innocore logo, dpx, connectbus are trademarks of advantech co., ltd. in the uk, us and other countries. ? all other trademarks are acknowledged and respected. front i/o rear i/o innovations in gaming computing


▲Up To Search▲   

 
Price & Availability of DPX-E105

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X