Part Number Hot Search : 
IRFE9210 008MXP OP4006B1 D10LC20 22000 T6209BN6 20N06L R5150
Product Description
Full Text Search
 

To Download DMT2D33K-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ratings rohs compliant d l max. tinned copper-clad steel leads s .050 .984 min. (25) t max. h max. .0937 max. film/foil radial leads specifcations general purpose, high peak currents, high insulation resistance voltage range: 100-600 vdc capacitance range: .001-.68 f capacitance tolerance: 10% (k) standard 5% (j) optional operating temperature range: -55 c to 125 c* *full-rated voltage at 85 cCderate linearly to 50%-rated voltage at 125 c dielectric strength: 250% (1 minute) dissipation factor: 1% max. (25 c, 1 khz) insulation resistance: 30,000 m ? x f 100,000 m ? min. life test: 500 hours at 85 c at 125% rated voltage note: other capacitance values, sizes and performance specifcations are available. contact us. type dmt radial-leaded, polyester film/foil noninductively wound film capacitors feature compact size and moisture-resistive epoxy coating. high insulation resistance and low dissipation factor, type dmt is an ideal choice for most applications, especially with high peak currents. cap. catalog t h l s d dv/dt (f) part number inches (mm) inches (mm) inches (mm) inches (mm) inches (mm) v/s 100 vdc 0.0010 dmt1d1k-f 0.197 (5.0) 0.354 (9.0) 0.512 (13.0) 0.394 (10.0) 0.024 (0.6) 4550 0.0015 dmt1d15k-f 0.200 (5.1) 0.354 (9.0) 0.512 (13.0) 0.394 (10.0) 0.024 (0.6) 4550 0.0022 dmt1d22k-f 0.210 (5.3) 0.354 (9.0) 0.512 (13.0) 0.394 (10.0) 0.024 (0.6) 4550 0.0033 dmt1d33k-f 0.210 (5.3) 0.354 (9.0) 0.512 (13.0) 0.394 (10.0) 0.024 (0.6) 4550 0.0047 dmt1d47k-f 0.210 (5.3) 0.354 (9.0) 0.512 (13.0) 0.394 (10.0) 0.024 (0.6) 4550 0.0068 dmt1d68k-f 0.210 (5.3) 0.354 (9.0) 0.512 (13.0) 0.394 (10.0) 0.024 (0.6) 4550 0.0100 dmt1s1k-f 0.220 (5.6) 0.354 (9.0) 0.512 (13.0) 0.394 (10.0) 0.024 (0.6) 4550 0.0150 dmt1s15k-f 0.220 (5.6) 0.370 (9.4) 0.512 (13.0) 0.394 (10.0) 0.024 (0.6) 4550 0.0220 dmt1s22k-f 0.256 (6.5) 0.390 (9.9) 0.512 (13.0) 0.394 (10.0) 0.024 (0.6) 4550 0.0330 dmt1s33k-f 0.250 (6.3) 0.350 (8.9) 0.560 (14.2) 0.400 (10.2) 0.032 (0.8) 3300 0.0470 dmt1s47k-f 0.260 (6.6) 0.433 (11.0) 0.560 (14.2) 0.420 (10.7) 0.032 (0.8) 3300 0.0680 dmt1s68k-f 0.275 (7.0) 0.460 (11.7) 0.560 (14.2) 0.420 (10.7) 0.032 (0.8) 3300 0.1000 dmt1p1k-f 0.290 (7.4) 0.445 (11.3) 0.682 (17.3) 0.545 (13.8) 0.032 (0.8) 2100 0.1500 dmt1p15k-f 0.350 (8.9) 0.490 (12.4) 0.682 (17.3) 0.545 (13.8) 0.032 (0.8) 2100 0.2200 dmt1p22k-f 0.360 (9.1) 0.520 (13.2) 0.820 (20.8) 0.670 (17.0) 0.032 (0.8) 1600 0.3300 dmt1p33k-f 0.390 (9.9) 0.560 (14.2) 0.942 (23.9) 0.795 (20.2) 0.032 (0.8) 1600 0.4700 dmt1p47k-f 0.420 (10.7) 0.600 (15.2) 1.080 (27.4) 0.920 (23.4) 0.032 (0.8) 1050 cde cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02740 ? phone: (508)996-8561 ? fax: (508)996-3830 www.cde.com type dmt, polyester film capacitors type dmt, polyester film capacitors
cap. catalog t h l s d dv/dt (f) part number inches (mm) inches (mm) inches (mm) inches (mm) inches (mm) v/s 0.5000 dmt1p5k-f 0.530 (13.5) 0.690 (17.5) 1.102 (28.0) 0.920 (23.4) 0.032 (0.8) 1050 0.6800 dmt1p68k-f 0.480 (12.2) 0.690 (17.5) 1.140 (28.9) 0.985 (25.0) 0.032 (0.8) 1050 1.0000 dmt1w1k-f 0.520 (13.2) 0.730 (18.5) 1.330 (33.8) 1.170 (29.7) 0.032 (0.8) 800 200/250 vdc 0.0010 dmt2d1k-f 0.217 (5.5) 0.374 (9.5) 0.512 (13.0) 0.394 (10.0) 0.024 (0.6) 6000 0.0015 dmt2d15k-f 0.217 (5.5) 0.374 (9.5) 0.512 (13.0) 0.394 (10.0) 0.024 (0.6) 6000 0.0022 dmt2d22k-f 0.217 (5.5) 0.374 (9.5) 0.512 (13.0) 0.394 (10.0) 0.024 (0.6) 6000 0.0033 DMT2D33K-F 0.217 (5.5) 0.374 (9.5) 0.512 (13.0) 0.394 (10.0) 0.024 (0.6) 6000 0.0047 dmt2d47k-f 0.236 (6.0) 0.394 (10.0) 0.512 (13.0) 0.394 (10.0) 0.024 (0.6) 6000 0.0068 dmt2d68k-f 0.236 (6.0) 0.394 (10.0) 0.512 (13.0) 0.394 (10.0) 0.024 (0.6) 6000 0.0100 dmt2s1k-f 0.236 (6.0) 0.394 (10.0) 0.512 (13.0) 0.394 (10.0) 0.024 (0.6) 6000 0.0150 dmt2s15k-f 0.236 (6.0) 0.395 (10.0) 0.512 (13.0) 0.394 (10.0) 0.024 (0.6) 6000 0.0220 dmt2s22k-f 0.275 (7.0) 0.433 (11.0) 0.512 (13.0) 0.394 (10.0) 0.024 (0.6) 6000 0.0330 dmt2s33k-f 0.295 (7.5) 0.453 (11.0) 0.694 (17.6) 0.545 (13.8) 0.024 (0.6) 3000 0.0470 dmt2s47k-f 0.295 (7.5) 0.472 (12.0) 0.694 (17.6) 0.545 (13.8) 0.024 (0.6) 3000 0.0680 dmt2s68k-f 0.335 (8.5) 0.512 (13.0) 0.694 (17.6) 0.545 (13.8) 0.032 (0.8) 3000 0.1000 dmt2p1k-f 0.354 (9.0) 0.512 (13.0) 0.820 (20.8) 0.670 (17.0) 0.032 (0.8) 2100 0.1500 dmt2p15k-f 0.394 (10.0) 0.571 (14.5) 0.820 (20.8) 0.670 (17.0) 0.032 (0.8) 2100 0.2200 dmt2p22k-f 0.413 (10.5) 0.630 (16.0) 0.945 (24.0) 0.795 (20.2) 0.032 (0.8) 2100 0.3300 dmt2p33k-f 0.492 (12.5) 0.689 (17.5) 0.945 (24.0) 0.795 (20.2) 0.032 (0.8) 2100 0.4700 dmt2p47k-f 0.531 (13.5) 0.728 (18.5) 1.110 (28.2) 0.920 (23.4) 0.032 (0.8) 1360 0.6800 dmt2p68k-f 0.630 (16.0) 0.827 (21.0) 1.132 (28.7) 0.984 (25.0) 0.032 (0.8) 1360 400 vdc 0.0010 dmt4d1k-f 0.197 (5.0) 0.354 (9.0) 0.569 (14.4) 0.400 (10.2) 0.024 (0.6) 14400 0.0015 dmt4d15k-f 0.221 (5.6) 0.356 (9.0) 0.569 (14.4) 0.400 (10.2) 0.024 (0.6) 14400 0.0022 dmt4d22k-f 0.221 (5.6) 0.356 (9.0) 0.569 (14.4) 0.400 (10.2) 0.024 (0.6) 14400 0.0033 dmt4d33k-f 0.221 (5.6) 0.374 (9.5) 0.569 (14.4) 0.400 (10.2) 0.024 (0.6) 14400 0.0047 dmt4d47k-f 0.241 (6.1) 0.394 (10.0) 0.569 (14.4) 0.400 (10.2) 0.024 (.6) 14400 0.0068 dmt4d68k-f 0.286 (7.3) 0.411 (10.4) 0.569 (14.4) 0.400 (10.2) 0.024 (0.6) 14400 0.0100 dmt4s1k-f 0.331 (8.4) 0.456 (11.6) 0.569 (14.4) 0.400 (10.2) 0.032 (0.8) 14400 0.0150 dmt4s15k-f 0.368 (9.3) 0.534 (13.6) 0.569 (14.4) 0.400 (10.2) 0.032 (0.8) 14400 0.0220 dmt4s22k-f 0.328 (8.3) 0.479 (12.2) 0.694 (17.6) 0.545 (13.8) 0.032 (0.8) 7200 0.0330 dmt4s33k-f 0.388 (9.9) 0.539 (13.7) 0.694 (17.6) 0.545 (13.8) 0.032 (0.8) 7200 0.0470 dmt4s47k-f 0.338 (8.6) 0.534 (13.6) 0.882 (22.4) 0.733 (18.6) 0.032 (0.8) 4100 0.0680 dmt4s68k-f 0.397 (10.1) 0.593 (15.1) 0.882 (22.4) 0.733 (18.6) 0.032 (0.8) 4100 0.1000 dmt4p1k-f 0.472 (12.0) 0.668 (17.0) 0.882 (22.4) 0.733 (18.6) 0.032 (0.8) 4100 0.1500 dmt4p15k-f 0.408 (10.4) 0.810 (20.6) 1.069 (27.1) 0.920 (23.4) 0.032 (0.8) 2900 0.2200 dmt4p22k-f 0.418 (10.6) 0.811 (20.6) 1.319 (33.5) 1.170 (29.7) 0.032 (0.8) 2100 0.3300 dmt4p33k-f 0.415 (10.5) 0.844 (21.4) 1.569 (39.8) 1.420 (36.1) 0.032 (0.8) 2100 0.4700 dmt4p47k-f 0.541 (13.7) 0.934 (23.7) 1.569 (39.8) 1.420 (36.1) 0.032 (0.8) 2100 600/630 vdc 0.0010 dmt6d1k-f 0.218 (5.5) 0.326 (8.3) 0.694 (17.6) 0.545 (13.8) 0.024 (0.6) 15000 0.0015 dmt6d15k-f 0.221 (5.6) 0.329 (8.4) 0.694 (17.6) 0.545 (13.8) 0.024 (0.6) 15000 0.0022 dmt6d22k-f 0.251 (6.4) 0.359 (9.1) 0.694 (17.6) 0.545 (13.8) 0.024 (0.6) 15000 0.0033 dmt6d33k-f 0.251 (6.4) 0.376 (9.5) 0.694 (17.6) 0.545 (13.8) 0.032 (0.8) 15000 0.0047 dmt6d47k-f 0.284 (7.2) 0.409 (10.4) 0.694 (17.6) 0.545 (13.8) 0.032 (0.8) 15000 rohs compliant cde cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02740 ? phone: (508)996-8561 ? fax: (508)996-3830 www.cde.com cde cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02740 ? phone: (508)996-8561 ? fax: (508)996-3830 www.cde.com type dmt, polyester film capacitors
cap. catalog t h l s d dv/dt (f) part number inches (mm) inches (mm) inches (mm) inches (mm) inches (mm) v/s 600/630 vdc 0.0068 dmt6d68k-f 0.313 (7.9) 0.464 (11.8) 0.694 (17.6) 0.545 (13.8) 0.032 (0.8) 15000 0.0100 dmt6s1k-f 0.364 (9.2) 0.515 (13.1) 0.694 (17.6) 0.545 (13.8) 0.032 (0.8) 15000 0.0150 dmt6s15k-f 0.342 (8.7) 0.508 (12.9) 0.820 (20.8) 0.670 (17.0) 0.032 (0.8) 7400 0.0220 dmt6s22k-f 0.402 (10.2) 0.568 (14.4) 0.820 (20.8) 0.670 (17.0) 0.032 (0.8) 7400 0.0330 dmt6s33k-f 0.443 (11.2) 0.609 (15.5) 0.882 (22.4) 0.733 (18.6) 0.032 (0.8) 7400 0.0470 dmt6s47k-f 0.519 (13.2) 0.685 (17.4) 0.882 (22.4) 0.733 (18.6) 0.032 (0.8) 7400 0.0680 dmt6s68k-f 0.453 (11.5) 0.649 (16.5) 1.194 (30.3) 1.045 (26.5) 0.032 (0.8) 4000 0.1000 dmt6p1k-f 0.541 (13.7) 0.737 (18.7) 1.194 (30.3) 1.045 (26.5) 0.032 (0.8) 4000 0.1500 dmt6p15k-f 0.656 (16.7) 0.926 (23.5) 1.194 (30.3) 1.045 (26.5) 0.032 (0.8) 4000 0.2200 dmt6p22k-f 0.630 (16.0) 1.024 (26.0) 1.444 (36.7) 1.295 (32.9) 0.032 (0.8) 3000 0.3300 dmt6p33k-f 0.650 (16.5) 1.010 (25.6) 1.819 (46.2) 1.670 (42.4) 0.032 (0.8) 3000 0.4700 dmt6p47k-f 0.739 (18.8) 1.132 (28.7) 1.819 (46.2) 1.670 (42.4) 0.032 (0.8) 3000 rohs compliant notice and disclaimer: all product drawings, descriptions, specifcations, statements, information and data (collectively, the information) in this datasheet or other publication are subject to change. the customer is responsible for checking, confrming and verifying the extent to which the information con - tained in this datasheet or other publication is applicable to an order at the time the order is placed. all information given herein is believed to be accurate and reliable, but it is presented without any guaran - tee, warranty, representation or responsibility of any kind, expressed or implied. statements of suitability for certain applications are based on the knowledge that the cornell dubilier company providing such statements (cornell dubilier) has of operating conditions that such cornell dubilier company regards as typical for such applications, but are not intended to constitute any guarantee, warranty or representa - tion regarding any such matter C and cornell dubilier specifcally and expressly disclaims any guarantee, warranty or representation concerning the suitability for a specifc customer application, use, storage, transportation, or operating environment. the information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by cornell dubilier with reference to the use of any cornell dubilier products is given gratis (unless otherwise specifed by cornell dubilier), and cornell dubilier assumes no obligation or liability for the advice given or results obtained. although cornell dubilier strives to apply the most stringent quality and safety standards regarding the design and manufacturing of its products, in light of the current state of the art, isolated component failures may still occur. accordingly, customer applications which require a high degree of reliability or safety should employ suitable designs or other safeguards (such as installation of protective circuitry or redundancies or other appropriate protective measures) in order to ensure that the failure of an electrical component does not result in a risk of personal injury or property damage. although all product-related warnings, cautions and notes must be observed, the customer should not assume that all safety measures are indi - cated in such warnings, cautions and notes, or that other safety measures may not be required. cde cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02740 ? phone: (508)996-8561 ? fax: (508)996-3830 www.cde.com cde cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02740 ? phone: (508)996-8561 ? fax: (508)996-3830 www.cde.com type dmt, polyester film capacitors type dmt, polyester film capacitors


▲Up To Search▲   

 
Price & Availability of DMT2D33K-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X