Part Number Hot Search : 
NLSX5002 CJ110 ML9213GA RJK250 RBC1006 RJK250 TLOU160 ADT7210
Product Description
Full Text Search
 

To Download DF15005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  DF15005s - df1510s surface mount mini bridge rectifiers prv : 50 - 1000 volts io : 1.5 ampere features : * glass passivated junction chip * high current capability * high surge current capability * high reliability * low reverse current * low forward voltage drop * ideal for printed circuit board * pb / rohs free mechanical data : * case : molded plastic * epoxy : ul94v-0 rate flame retardant * terminals : leads solderable per mil-std-202, method 208 guaranteed * mounting position : any * weight : 0.02 ounce, 0.4 gram maximum ratings and electrical characteristics rating at 25c ambient temperature unless otherwise specified. 60 hz, resistive or inductive load. symbol df 15005 df 1501s df 1502s df 1504s df 1506s df 1508s df 1510s uni t maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward output rectified current at ta = 40c maximum peak forward surge current single half sine wave superimposed on rated load (jedec method) current squared time at t < 8.3 ms. i 2 t 10 a 2 s maximum instantaneous forward voltage per element at if = 1.5 a maximum dc reverse current ta = 25c i r 5.0 m a at rated dc blocking voltage ta = 125c i r(h) 500 m a typical junction capacitance per element (note 1) cj 25 pf typical thermal resistance (note 2) r q ja 40 c/w junction and storage temperature range t j , t stg - 55 to + 150 c notes : (1) measured at 1.0 mhz and applied reverse voltage of 4.0vdc (2) units mounted on p.c.b. with 0.51 x 0.51? (13 x 13mm) copper pads a rating i f(av) i fsm 1.5 50 v f 1.1 v a dimensions in inches and ( millimeters ) dfs 0.049(1.25) 0.0 38 ( 0 . 95) 0.410(10.4) 0.36 0 (9. 4 ) 0.346(8.8) 0.3 07 ( 7.8 ) 0.255(6.5) 0.245(6.2) 0.126(3.2) 0.10 2 ( 2.6 ) 0.060(1.524) 0.040(1.016) max.0 .009 (0.2 3 ) ~ ~ 0.205(5.2) 0.195(5.0)
rating and characteristic curves ( DF15005s - df1510s ) fig.1 - derating curve for output fig.2 - maximum non-repetitive peak rectified current forward surge current per bridge element 0 25 50 75 100 125 150 175 1 2 4 6 10 20 40 60 100 ambient temperature, ( c) number of cycles at 60hz fig.3 - typical forward characteristics fig.4 - typical reverse characteristics per bridge element 1.2 0.9 0.6 0.3 1.5 10 1.0 40 0 50 0 30 20 10 1 80 0.1 0.01 10 0.1 100 140 0 20 40 60 120 percent of rated peak reverse voltage, (%) peak forward surge current, amperes average forward output current, amperes forward current, amperes reverse current, microamperes t j = 25 c t j = 125 c 0.01 100 pulse width = 300 m s 2% duty cycle t j = 25c single sine-wave (jedec method) t j = 150c 60hz resistive or inductive load forward voltage, volts 0 .20 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0


▲Up To Search▲   

 
Price & Availability of DF15005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X