Part Number Hot Search : 
PD438 FR2SMAG 2ATTD M400T K3AB1EAA T5074 74ACT899 D50NH02
Product Description
Full Text Search
 

To Download CJMPD8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dual p - channel enhancement mode mosfet features ? low on - resistance ? 70 m ? @v gs = - 4.5v ? 85 m ? @v gs = - 2.5v ? 86 m ? (typ) @v gs = - 1.8v ? low gate threshold voltage, - 0.9 v max ? fast switching speed ? low input/output leakage ? low profile, 0.5mm max height ? totally le ad - free & fully rohs compliant (notes 1 & 2) ? halogen and antimony free. green device (note 3) ? qualified to aec - q101 standards for high reliability mechanical data ? case: u - dfn2020 - 6 type b ? case material: molded plastic, green molding compound ; ul f lammability classification rating 94v - 0 ? moisture sensitivity : level 1 per j - std - 020 ? terminal connections: see diagram ? terminals: finish C nipdau a nnealed over copper l eadframe ; solderable per mil - std - 202, method 208 e4 ? weight: 0.0065 grams ( a pproximate ) u - dfn2020 - 6 type b b ottom view s 1 g 1 d2 s2 g2 d1 d2 pin1 d1 d 1 s 1 g 1 d 2 s 2 g 2 equivalent circuit s m d ty p e maximum ratings (@ t a = +25c, unless otherwise specified.) characteristic symbol value units drain - source voltage v dss - 20 v gate - source voltage v gss 12 v drain current (note 5 ) i d - 3.8 a pulsed drain current (note 6 ) i dm - 13 a thermal characteristics (@ t a = +25c, unless otherwise specified.) characteristic symbol value unit power dissipation (note 5 ) p d 1.4 w therma l resistance, junction to ambient r ? ja 89 c/w operating and storage temperature range t j , t stg - 55 to +150 c m o s f e t cjmpd08 e4 p2 y m
electrical characteristics (@ t a = +25c, unless otherwise specified.) characteristic symbol min typ max unit test condition off characteristics (note 7 drain - source breakdo wn voltage bv dss - 20   v v gs = 0v, i d = - 250 a zero gate voltage drain current i dss   - 1 a v ds = - 20 v, v gs = 0v gate - source leakage i gss       r 100 r 800 na v gs = r 8v, v ds = 0v v gs = r 12v, v ds = 0v on characteristics (note 7 ) gate threshold vol tage v gs(th) - 0.45  - 0.9 v v ds = v gs , i d = - 250 a static drain - source on - resistance r ds (on)      54 68 86 70 85  m ? v gs = - 4.5v, i d = - 2.8 a v gs = - 2.5v, i d = - 2. 0 a v gs = - 1.8v, i d = - 1.0a forward transfer admittance |y fs |  8  s v ds = - 5v, i d = - 2.8a diode forward voltage (note 7 ) v sd  0.7 - 1.2 v v gs = 0v, i s = - 1.6a dynamic characteristics input capacitance c iss  536  pf v ds = - 10v, v gs = 0v f = 1.0mhz output capacitance c oss  68  pf reverse transfer capacitance c rss  59  pf gate resistance r g - 34 - ? v ds = 0 v, v gs = 0v , f = 1mhz total gate charge q g - 6.5 - nc v gs = - 4.5 v, v d d = - 10 v, i d = - 1.5 a gate - source charge q gs - 0.8 - nc gate - drain charge q gd - 1.4 - nc turn - on delay time t d(on) - 11.51 - ns v g en = - 4.5 v , v d d = - 10 v , r l = 10  5 g = 6  turn - on rise time t r - 12.09 - ns turn - off delay time t d(off) - 55.34 - ns turn - off fall time t f - 27.54 - ns notes: 5. device mounted on fr - 4 pcb, on minimum recommended, 2oz copper pad layout. 6. repetitive rating, pulse width limited by junction temperature. 7 . short duration pulse test used to minimize self - heating effect. s m d ty p e m o s f e t
0 1 2 3 4 5 fig. 1 typical output characteristics -v , drain-source voltage (v) ds 0 2 4 6 8 10 - i , d r a i n c u r r e n t ( a ) d v = -1.5v gs v = -2.0v gs v = -2.5v gs v = -4.5v gs v = -8.0v gs v = -1.0v gs v = -1.2v gs 0.5 1 1.5 2 0 2 4 6 8 10 - i , d r a i n c u r r e n t ( a ) d fig. 2 typical transfer characteristics -v , gate source voltage (v) gs v = -5v ds t = -55c a t = 25c a t = 85c a t = 150c a t = 125c a 0 0.02 0.04 0.06 0.08 0.1 0.12 0.14 0 1 2 3 4 5 6 7 8 fig. 3 typical on-resistance vs. drain current and gate voltage -i , drain current (a) d r , d r a i n - s o u r c e o n - r e s i s t a n c e ( ) d s ( o n ) ? v = -2.5v gs v = -4.5v gs v = -1.8v gs 0 0.02 0.04 0.06 0.08 0.1 0.12 0.14 0 1 2 3 4 5 6 7 8 -i , drain current (a) fig. 4 typical drain-source on-resistance vs. drain current and temperature d r , d r a i n - s o u r c e o n - r e s i s t a n c e ( ) d s ( o n ) ? t = -55c a t = 25c a t = 85c a t = 125c a t = 150c a fig. 5 on-resistance variation with temperature -50 -25 0 25 50 75 100 125 150 t , junction temperature (c) j 0.6 0.8 1.0 1.2 1.4 1.6 r , d r a i n - s o u r c e o n - r e s i s t a n c e ( n o r m a l i z e d ) d s ( o n ) v = -4.5v i = -5a gs d v = -2.5v i = -2a gs d 0.03 0.05 0.07 0.09 0.11 fig. 6 on-resistance variation with temperature -50 -25 0 25 50 75 100 125 150 t , junction temperature (c) j r , d r a i n - s o u r c e o n - r e s i s t a n c e ( ) d s ( o n ) ? v = -4.5v i = -5a gs d v = -2.5v i = -2a gs d s m d ty p e m o s f e t 0 1 2 3 4 5 fig. 1 typical output characteristics -v , drain-source voltage (v) ds 0 2 4 6 8 10 - i , d r a i n c u r r e n t ( a ) d v = -1.5v gs v = -2.0v gs v = -2.5v gs v = -4.5v gs v = -8.0v gs v = -1.0v gs v = -1.2v gs 0.5 1 1.5 2 0 2 4 6 8 10 - i , d r a i n c u r r e n t ( a ) d fig. 2 typical transfer characteristics -v , gate source voltage (v) gs v = -5v ds t = -55c a t = 25c a t = 85c a t = 150c a t = 125c a 0 0.02 0.04 0.06 0.08 0.1 0.12 0.14 0 1 2 3 4 5 6 7 8 fig. 3 typical on-resistance vs. drain current and gate voltage -i , drain current (a) d r , d r a i n - s o u r c e o n - r e s i s t a n c e ( ) d s ( o n ) ? v = -2.5v gs v = -4.5v gs v = -1.8v gs 0 0.02 0.04 0.06 0.08 0.1 0.12 0.14 0 1 2 3 4 5 6 7 8 -i , drain current (a) fig. 4 typical drain-source on-resistance vs. drain current and temperature d r , d r a i n - s o u r c e o n - r e s i s t a n c e ( ) d s ( o n ) ? t = -55c a t = 25c a t = 85c a t = 125c a t = 150c a fig. 5 on-resistance variation with temperature -50 -25 0 25 50 75 100 125 150 t , junction temperature (c) j 0.6 0.8 1.0 1.2 1.4 1.6 r , d r a i n - s o u r c e o n - r e s i s t a n c e ( n o r m a l i z e d ) d s ( o n ) v = -4.5v i = -5a gs d v = -2.5v i = -2a gs d 0.03 0.05 0.07 0.09 0.11 fig. 6 on-resistance variation with temperature -50 -25 0 25 50 75 100 125 150 t , junction temperature (c) j r , d r a i n - s o u r c e o n - r e s i s t a n c e ( ) d s ( o n ) ? v = -4.5v i = -5a gs d v = -2.5v i = -2a gs d
10 100 1,000 10,000 c , c a p a c i t a n c e ( p f ) 0 4 8 12 16 20 fig. 7 typical capacitance -v , drain-source voltage (v) ds f = 1mhz c iss c oss c rss fig. 8 gate threshold variation vs. ambient temperature -50 -25 0 25 50 75 100 125 150 t , ambient temperature (c) a 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 - v , g a t e t h r e s h o l d v o l t a g e ( v ) g s ( t h ) i = -250a d i = -1ma d 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 -v , source-drain voltage (v) sd fig. 9 diode forward voltage vs. current 0 2 4 6 8 10 - i , s o u r c e c u r r e n t ( a ) s t = 25c a 0 4 8 12 16 20 -v , drain-source voltage (v) fig. 10 typical drain-source leakage current vs. voltage ds 10,000 - i , l e a k a g e c u r r e n t ( n a ) d s s 1,000 100 10 1 t = 150c a t = 125c a t = 85c a t = 25c a q , total gate charge (nc) g figure 11 gate-charge characteristics - v , g a t e - s o u r c e v o l t a g e ( v ) g s 0 1 2 3 4 5 6 7 8 9 10 0 5 10 15 v = -10v ds i = -1.5a d s m d ty p e m o s f e t 10 100 1,000 10,000 c , c a p a c i t a n c e ( p f ) 0 4 8 12 16 20 fig. 7 typical capacitance -v , drain-source voltage (v) ds f = 1mhz c iss c oss c rss fig. 8 gate threshold variation vs. ambient temperature -50 -25 0 25 50 75 100 125 150 t , ambient temperature (c) a 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 - v , g a t e t h r e s h o l d v o l t a g e ( v ) g s ( t h ) i = -250a d i = -1ma d 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 -v , source-drain voltage (v) sd fig. 9 diode forward voltage vs. current 0 2 4 6 8 10 - i , s o u r c e c u r r e n t ( a ) s t = 25c a 0 4 8 12 16 20 -v , drain-source voltage (v) fig. 10 typical drain-source leakage current vs. voltage ds 10,000 - i , l e a k a g e c u r r e n t ( n a ) d s s 1,000 100 10 1 t = 150c a t = 125c a t = 85c a t = 25c a q , total gate charge (nc) g figure 11 gate-charge characteristics - v , g a t e - s o u r c e v o l t a g e ( v ) g s 0 1 2 3 4 5 6 7 8 9 10 0 5 10 15 v = -10v ds i = -1.5a d
0.00001 0.0001 0.001 0.01 0.1 1 10 100 1,000 0.001 0.01 0.1 1 r ( t ) , t r a n s i e n t t h e r m a l r e s i s t a n c e t - t = p * r (t) j a ja t duty cycle, d = t /t 1 2 r (t) = r(t) * r t ja ja t ja r = 146c/w t p(pk) t 1 t 2 d = 0.7 d = 0.5 d = 0.3 d = 0.1 d = 0.05 d = 0.02 d = 0.01 d = 0.005 d = 0.9 fig. 12 transient thermal response t , pulse duration time (s) 1 package outline dimensions suggested pad layout u - dfn2020 - 6 type b dim min max typ a 0.545 0.605 0.575 a1 0 0.05 0.02 a3     0.13 b 0.20 0.30 0.25 d 1.95 2.075 2.00 d     0.45 d2 0.50 0.70 0.60 e     0.65 e 1.95 2.075 2.00 e2 0.90 1.10 1.00 f     0.15 l 0.25 0.35 0.30 z     0.225 all dimensions in mm dimensions value (in mm) z 1.67 g 0.20 g1 0.40 x1 1.0 x2 0.45 y 0.37 y1 0.70 c 0.65 seating plane d e pin#1 id l b d2 e2 e a1 a a3 f z f d g g y c z y1 x2 x1 g1 s m d ty p e m o s f e t 0.00001 0.0001 0.001 0.01 0.1 1 10 100 1,000 0.001 0.01 0.1 1 r ( t ) , t r a n s i e n t t h e r m a l r e s i s t a n c e t - t = p * r (t) j a ja ? duty cycle, d = t /t 1 2 r (t) = r(t) * r ? ja ja ? ja r = 146c/w ? p(pk) t 1 t 2 d = 0.7 d = 0.5 d = 0.3 d = 0.1 d = 0.05 d = 0.02 d = 0.01 d = 0.005 d = 0.9 fig. 12 transient thermal response t , pulse duration time (s) 1 seating plane d e pin#1 id l b d2 e2 e a1 a a3 f z f d g g y c z y1 x2 x1 g1


▲Up To Search▲   

 
Price & Availability of CJMPD8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X