Part Number Hot Search : 
C4064V JAN2N TLP716 LM117 M62427 ERD15F CL432BLP 930911
Product Description
Full Text Search
 

To Download ATS035035009-PF023-17 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rev - 040517 bga heat sink (high aspect ratio ext.) standard pin fin *image above is for illustration purpose only. ats part#: ats035035009-pf023 description: 35.00 x 35.00 x 8.90 mm bga heat sink (high aspect ratio ext.) standard pin fin heat sink type: standard pin fin heat sink attachment: n/a equivalent part number: n/a features & benefits excellent balance of low cost and high performance in an aluminum heat sink. designed for semiconductor devices with omni-directional airflow requirements. 11 x 11 pin aray available with a variety of thermal adhesive tape options. contact sales@qats.com for product configurations. thermal performance air velocity @200 lfm 1.0 m/s @300 lfm 1.5 m/s @400 lfm 2.0 m/s @500 lfm 2.5 m/s @600 lfm 3.0 m/s @700 lfm 3.5 m/s @800 lfm 4.0 m/s thermal resistance unducted flow 7.5 c/w n/a c/w n/a c/w n/a c/w n/a c/w n/a c/w n/a c/w ducted flow 0 n/a n/a n/a n/a n/a n/a product detail schematic image dimension a dimension b dimension c dimension d tim finish *image above is for illustration purpose only. 35.00 mm 35.00 mm 8.90 mm n/a mm no tim black anodized notes: dimension a and b refer to component size. dimension c is the heat sink height from the bottom of the base to the top of the fin field. thermal performance data are provided for reference only. actual performance may vary by application. ats reserves the right to update or change its products without notice to improve the design or performance. ats certifies that this heat sink assembly is rohs-6 and reach compliant. contact ats to learn about custom options available. for more information, to find a distributor or to place an order, please contact us at 781-769-2800 (north america), sales@qats.com or www.qats.com . ? 2013 advanced thermal solutions, inc. | 89-27 access road | norwood ma | 02062 | usa


▲Up To Search▲   

 
Price & Availability of ATS035035009-PF023-17

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X