Part Number Hot Search : 
FT232AM KSA1220 A1005 A5800989 MX23L TR0001 F2914 ANSR2N7
Product Description
Full Text Search
 

To Download AM1DE1205SH30Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  series am1de-z 1 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r11.a 1 of 5 north america only features: ? operating temperature -40 c to +105 c ? ? high efficiency up to 81% ? ? low profile plastic package ? ? 7 pin sip package ? models single output model input voltage (v) output voltage (v) output current max (ma) isolation (vdc) input current full load | no load (ma) max capacitive load (uf) efficiency % am1de-0505sz 4.5 - 5.5 5 200 1500 253 30 220 80 am1de-0512sz 4.5 - 5.5 12 83 1500 253 30 100 81 am1de-0515sz 4.5 - 5.5 15 67 1500 253 30 100 81 am1de-1205sz 10.8 - 13.2 5 200 1500 106 15 220 80 am1de-1212sz 10.8 - 13.2 12 83 1500 106 15 100 80 am1de-1215sz 10.8 - 13.2 15 67 1500 104 15 100 81 am1de-2405sz 21.6 ? 26.4 5 200 1500 53 7 220 80 am1de-2412sz 21.6 ? 26.4 12 83 1500 53 7 100 80 am1de-2415sz 21.6 ? 26.4 15 67 1500 53 7 100 80 am1de-0505sh30z 4.5 - 5.5 5 200 3000 253 30 220 80 am1de-0512sh30z 4.5 - 5.5 12 83 3000 253 30 100 81 am1de-0515sh30z 4.5 - 5.5 15 67 3000 253 30 100 81 am1de-1205sh30z 10.8 - 13.2 5 200 3000 106 15 220 80 am1de-1212sh30z 10.8 - 13.2 12 83 3000 106 15 100 80 am1de-1215sh30z 10.8 - 13.2 15 67 3000 104 15 100 81 am1de-2405sh30z 21.6 ? 26.4 5 200 3000 53 7 220 80 am1de-2412sh30z 21.6 ? 26.4 12 83 3000 53 7 100 80 am1de-2415sh30z 21.6 ? 26.4 15 67 3000 53 7 100 80 models dual output model input voltage (v) output voltage (v) output current max (ma) isolation (vdc) input current full load | no load (ma) max capacitive load (uf) efficiency (%) am1de-0505dz 4.5 - 5.5 5 100 1500 253 30 100 80 am1de-0512dz 4.5 - 5.5 12 42 1500 253 30 47 81 am1de-0515dz 4.5 - 5.5 15 33 1500 253 30 47 81 am1de-1205dz 10.8 - 13.2 5 100 1500 106 15 100 80 am1de-1212dz 10.8 - 13.2 12 42 1500 106 15 47 80 am1de-1215dz 10.8 - 13.2 15 33 1500 104 15 47 81 am1de-2405dz 21.6 ? 26.4 5 100 1500 53 7 100 80 am1de-2412dz 21.6 ? 26.4 12 42 1500 53 7 47 80 am1de-2415dz 21.6 ? 26.4 15 33 1500 53 7 47 80 am1de-0505dh30z 4.5 - 5.5 5 100 3000 253 30 100 80 am1de-0512dh30z 4.5 - 5.5 12 42 3000 253 30 47 81 am1de-0515dh30z 4.5 - 5.5 15 33 3000 253 30 47 81 am1de-1205dh30z 10.8 - 13.2 5 100 3000 106 15 100 80 am1de-1212dh30z 10.8 - 13.2 12 42 3000 106 15 47 80 am1de-1215dh30z 10.8 - 13.2 15 33 3000 104 15 47 81 am1de-2405dh30z 21.6 ? 26.4 5 100 3000 53 7 100 80 am1de-2412dh30z 21.6 ? 26.4 12 42 3000 53 7 47 80 am1de-2415dh30z 21.6 ? 26.4 15 33 3000 53 7 47 80 note: all specifications in this datasheet are measured at an ambient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specified. click on series name for product info on aimtec.com
series am1de-z 1 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r11.a 2 of 5 north america only input specifications parameters nominal typical maximum units voltage range 5 4.5 - 5.5 vdc 12 10.8 - 13.2 24 21.6 - 26.4 filter capacitor input reflected ripple current with reference circuit 15 ma p-p absolute maxi mum rating (1 sec max) 5 vin 0-9 vdc 12 vin 0-18 24 vin 0-30 isolation specifications parameters conditions typical rated units tested i/o voltage 60 sec 1500 or 3000 vdc resistance > 1000 mohm capacitance 50 pf output specifications parameters conditions typical maximum units voltage accuracy see tolerance chart short circuit protection continuous with auto recovery line voltage regulation for 1.0% of vin 1.2 % load voltage regulation load 10~100% 10 % temperature coefficient 0.02 %/ o c ripple & noise* at 20mhz bandwidth 60 mv p-p * measured with 0.1 f ceramic capacitor general specifications parameters conditions typical maximum units switching frequency 50 khz operating temperature derating above 95 c -40 to +105 o c storage temperature -55 to +125 o c cooling free air convection humidity 95 % case material non-conductive black plastic ul 94 v-0 weight 2.4 g dimensions (l x w x h) 0.76 x 0.24 x 0.39 inch 19.50 x 6.00 x 9.90 mm mtbf >3 600 000 hrs (mil-hdbk -217f, ground benign, t=+25 o c) safety specifications parameters agency approval ce standards en 55022: 2010+ac: 2011, class b (external reference circuit below) en 55024: 2010 iec 61000-4-2: 2008 iec 61000-4-3: 2010 iec 61000-4-4: 2012 iec 61000-4-5: 2014 iec 61000-4-6: 2013 iec 61000-4-8: 2009 designed to meet iec60950-1
series am1de-z 1 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r11.a 3 of 5 north america only pin out specifications pin single 1000 vdc dual 1000 vdc single 3000 vdc dual 3000 vdc 1 + v input + v input + v input + v input 2 - v input - v input - v input - v input 4 - v output - v output no pin no pin 5 no pin common - v output - v output 6 + v output + v output no pin common 7 no pin no pin + v output + v output dimensions
series am1de-z 1 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r11.a 4 of 5 north america only aimtec dc-dc converter l1 6.8h vin+ vin- + - vo+ vo- c1 4.7f/ 50v load accuracy tolerance graph input reflected ripple test circuit conducted em issions circuit, class b aimtec dc-dc converter lin 12h cin 47f esr< 1 ? at 100khz test point vin+ vin- + - vo+ vo- * tested at full load, and nominal input surge immunity test circuit c d am1de-05xx 1000uf/35v 9v am1de-12xx 1000uf/35v 18v am1de-24xx 330uf/50v 28v dc-dc converter +vin -vin load d c + - +vout -vout
series am1de-z 1 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r11.a 5 of 5 north america only derating 020 60 40 80 100 80 60 40 20 0 safe operating area 95 free air convection ambient temperature o c 100 -40 output power % -25 oc 95 90 30 105 oc 105 note: 1. datasheets are updated as needed and as such, specifications ar e subject to change without notic e. once printed or downloaded , datasheets are no longer controlled by aimtec; refer to www.aimtec.com for the most current product specifications. 2. product labels shown, including safety agency cert ifications on labels, may vary based on the date manufactured. 3. mechanical drawings and specifications are for reference only. 4. all specifications are measured at an am bient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specifie d. 5. aimtec may not have conducted destructive testing or chemical analysis on all internal components and chemicals at the time of publishing this document. cas numbers and other limited information are considered proprietary an d may not be available for release. 6. this product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control sys tems or other such applications which necessitate specific safety and regulatory standards ot her the ones listed in this datasheet. 7. warranty is in accordance with aimtec?s st andard terms of sale available at www.aimtec.com.


▲Up To Search▲   

 
Price & Availability of AM1DE1205SH30Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X