for more information, please visit the product page. ????????? ?????????????????? cui .com 09/13/2017 1 of 7 series : ae10-ew-t description: dc-dc converter features ? 10 watts ? high operating temp -40 to +70c ? 4,000 vac isolation ? extra wide input voltage 10:1 ? input voltage up to 1 kvdc ? ovp protection ? output short circuit protection ? chassis mounted ? en 62109 approved model input voltage output voltage output current output power ripple & noise 1 effciency 2 range (vdc) (vdc) min (a) max (a) max (w) max (mvp-p) typ (%) ae10-ew-s5-t 100~1000 5 0 2.00 10 200 72 ae10-ew-s9-t 100~1000 9 0 1.11 10 200 76 AE10-EW-S24-T 100~1000 24 0 0.42 10 200 80 notes: 1. measured at nominal input, 20 mhz bandwidth oscilloscope, with 10 f electrolytic and 1 f ceramic capacitors on the output. 2. measured at 200 vdc input voltage, full load. 3. all specifcations are measured at ta=25c, humidity < 75%, nominal input voltage, and rated output load unless otherwise specifed. part number key base number ae10-ew - s xx - t output voltage mounting style: t = chassis mount date page
for more information, please visit the product page. ?????????????????? cui .com date 09/13/2017 page 2 of 7 cui inc series : ae10-ew-t description: dc-dc converter input parameter conditions/description min typ max units operating input voltage 100 1000 vdc current at 200 vdc at 600 vdc at 1000 vdc 75 25 16 ma ma ma inrush current at 200 vdc at 600 vdc at 1000 vdc 7 20 30 a a a input fuse 1 a / 1000 vdc (external) output parameter conditions/description min typ max units maximum capacitive load 5 vdc output model 9 vdc output model 24 vdc output model 6,000 4,000 470 f f f voltage accuracy 1 2 % line regulation from low line to high line, full load 0.5 1 % load regulation from 0% to full load 0.5 1 % delay time from vin = 0 v to 90% of rated ouptut voltage 1 s switching frequency 75 khz temperature coeffcient at full load 0.02 %/c protections parameter conditions/description min typ max units over voltage protection 5 vdc output model 9 vdc output model 24 vdc output model 7.5 12 28 vdc vdc vdc over current protection automatic recovery 110 % short circuit protection continuous, automatic recovery safety and compliance parameter conditions/description min typ max units isolation voltage input to output for 1 minute 4,000 vac safety approvals en 62109 conducted emissions cispr22/en55022, class a (external circuit required, see figure 2) radiated emissions cispr22/en55022, class a (external circuit required, see figure 2) esd iec/en61000-4-2, contact 6kv/air 8kv, class b radiated immunity iec/en61000-4-3, 10v/m, class a eft/burst iec/en61000-4-4, 4kv, class b (external circuit required, see figure 2) surge iec/en61000-4-5, 2kv, class b (external circuit required, see figure 2) conducted immunity iec/en61000-4-6, 10 vr.m.s, class a mtbf as per mil-hdbk-217f, 25c 300,000 hours rohs 2011/65/eu
for more information, please visit the product page. ?????????????????? cui .com date 09/13/2017 page 3 of 7 cui inc series : ae10-ew-t description: dc-dc converter environmental parameter conditions/description min typ max units operating temperature see derating curves -40 70 c storage temperature -40 105 c storage humidity non-condensing 95 % altitude 2000 m mechanical parameter conditions/description min typ max units dimensions 96.10 x 54.00 x 32.00 [3.783 x 2.126 x 1.260 inch] mm case material black fame-retardant heat-proof plastic (ul94v-0) weight 150 g mechanical drawing units: mm [inch] tolerance: 0.50[0.020] wire range: 24~12 awg tightening torque: max 0.4 n*m pin connections pin function 1 -vin 2 nc 3 +vin 4 +vout 5 nc 6 nc 7 -vout nc=no connection
for more information, please visit the product page. ?????????????????? cui .com date 09/13/2017 page 4 of 7 cui inc series : ae10-ew-t description: dc-dc converter derating curves ambient t emper ature (c) output load (% ) -30 -40 60 100 40 50 80 20 0 70 0 ambient t emper ature (c) output load (% ) -40 60 100 40 50 80 20 0 70 0 temperature derating curve (100~150 vdc input voltage) temperature derating curve (150~1000 vdc input voltage) 200 input vo ltage (vdc) output load (% ) 100 60 100 40 1000 80 20 0 70 load vs. input voltage derating curve (at 25c) efficiency curves 100 200 300 400 500 60 0 700 800 900 1000 72 70 68 66 efficiency (% ) 64 62 input v oltage (vdc) 60 74 76 10 20 30 40 50 60 70 80 90 100 70 65 60 55 efficiency (% ) 50 45 load current (%) 40 75 80 ae10-ew-s5-t effciency curve effciency vs. input voltage ae10-ew-s5-t effciency curve effciency vs. load current
for more information, please visit the product page. ?????????????????? cui .com date 09/13/2017 page 5 of 7 cui inc series : ae10-ew-t description: dc-dc converter efficiency curves ( continued ) 100 200 300 400 500 600 700 800 900 1000 80 78 76 74 efficiency (% ) 72 70 input v oltage (vdc) 68 82 ae10-ew-s9-t effciency curve effciency vs. input voltage ae10-ew-s9-t effciency curve effciency vs. load current 10 20 30 40 50 60 70 80 90 100 80 75 70 65 efficiency (% ) 60 55 50 85 load current (%) 100 200 300 400 500 6 00 700 800 900 1000 82 80 78 76 efficiency (% ) 74 72 input v oltage (vdc) 70 84 86 AE10-EW-S24-T effciency curve effciency vs. input voltage AE10-EW-S24-T effciency curve effciency vs. load current 10 20 30 40 50 60 70 80 90 100 80 75 70 65 efficiency (% ) 60 55 50 85 load current (%)
for more information, please visit the product page. ?????????????????? cui .com date 09/13/2017 page 6 of 7 cui inc series : ae10-ew-t description: dc-dc converter figure 1 table 1 +i np ut +v o -v o +v in -i np ut -v in c1 c2 tv s rl fu se mo v nt c emc recommended circuit fu se c1 c2 tv s rl +v in -v in +v o -v o +i np ut -i np ut r1 r2 r3 r4 c3 c4 c5 c6 lc m ld m nt c mo v table 2 figure 2 recommended external circuit components fuse 1 a/1000 vdc mov s14k880 c3, c4, c5, c6 47 f/400 vdc r1, r2, r3, r4 1 m/2 w ntc 10d-11 ldm 4.7 mh/0.38 a lcm 10 mh vout (vdc) fuse mov ntc c1 (f) c2 (f) tvs 5 1 a / 1000 vdc s14k880 10d-11 1 220 smbj7.0a 9 1 a / 1000 vdc s14k880 10d-11 1 120 smbj12a 24 1 a / 1000 vdc s14k880 10d-11 1 68 smbj33a application circuit note: see also table 1. notes: 1. c1 is a ceramic capacitor used to flter high frequency noise. 2. c2 is electrolytic and is recommended to be high frequency and low resistance. for capacitance and current of the capacitor, refer to the datasheet provided by the manufacturer. capacitance withstand voltage derating should be 80% or above.
for more information, please visit the product page. ????????? date 09/13/2017 page 7 of 7 cui inc series : ae10-ew-t description: dc-dc converter cui offers a two (2) year limited warranty. complete warranty information is listed on our website. cui reserves the right to make changes to the product at any time without notice. information provided by cui is believed to be accurate and reliable. however, no responsibility is assumed by cui for its use, nor for any infringements of patents or other rights of third parties which may result from its use. cui products are not authorized or warranted for use as critical components in equipment that requires an extremely high level of reliability. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safet y or effectiveness. headquarters 20050 sw 112th ave. tualatin, or 97062 800.275.4899 fax 503.612.2383 cui .com techsupport@cui.com rev. description date 1.0 initial release 09/13/2017 the revision history provided is for informational purposes only and is believed to be accurate. revision history
|