Part Number Hot Search : 
CD407 PJF7N65 CZMK4V7 RM214C EMK12 FM340 3843B MOC3082
Product Description
Full Text Search
 

To Download 2903149 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  https://www.phoenixcontact.com/us/products/2903149 09/06/2016???page? 1 ?/? 7 power supply unit?-?trio-ps-2g/1ac/24dc/10?-?2903149 please be informed that the data shown in this pdf document is generated from our online catalog. please find the complete data in the user's documentation. our general terms of use for downloads are valid (http://phoenixcontact.com/download) primary-switched trio power power supply with push-in connection for din rail mounting, input: single phase, output: 24?v?dc/10?a product description trio power power supplies with standard functionality the trio?power power supply range with push-in connection has been perfected for use in machine building. all functions and the space-saving design of the single and three-phase modules are optimally tailored to the stringent requirements. under challenging ambient conditions, the power supply units, which feature an extremely robust electrical and mechanical design, ensure the reliable supply of all loads. why buy this product ?save time and costs, thanks to the push-in connection and narrow design ?increase system availability, thanks to dynamic boost with 150% of the nominal current for five seconds ?maximum flexibility due to the wide temperature range from -25c to +70c and device startup at -40c key commercial data packing unit 1 stk weight per piece (excluding packing) 1,320.000 g custom tariff number 85044030 country of origin china technical data dimensions width 42 mm height 130 mm depth 160 mm ambient conditions degree of protection ip20 ambient temperature (operation) -25 c ... 70 c (> 60 c derating: 2,5 %/k) 14 13 active pfc l/+ n/- 1314 ++ -- -
https://www.phoenixcontact.com/us/products/2903149 09/06/2016???page? 2 ?/? 7 power supply unit?-?trio-ps-2g/1ac/24dc/10?-?2903149 technical data ambient conditions ambient temperature (storage/transport) -40 c ... 85 c max. permissible relative humidity (operation) 95 % (at 25 c, non-condensing) noise immunity en 61000-6-2:2005 maximum altitude 5000 m (> 2000 m, observe derating) input data nominal input voltage range 100 v ac ... 240 v ac -15 % ... +10 % 110 v dc ... 250 v dc input voltage range 85 v ac ... 264 v ac 99 v dc ... 275 v dc dielectric strength maximum 300 v ac 15 s ac frequency range 50 hz ... 60 hz discharge current to pe 3.5 ma current consumption 3.1 a (100 v ac) 1.4 a (240 v ac) inrush surge current 25 a (typical) power failure bypass > 15 ms (120 v ac) > 15 ms (230 v ac) input fuse 6.3 a (internal (device protection)) choice of suitable circuit breakers 6 a ... 16 a (characteristics b, c, d, k) type of protection transient surge protection protective circuit/component varistor output data nominal output voltage 24 v dc 1?% setting range of the output voltage (u set ) 24 v dc ... 28 v dc (> 24 v?dc, constant capacity restricted) nominal output current (i n ) 10 a dynamic boost (i dyn.boost ) 15 a (5 s) derating > 60 c ... 70 c (2.5%/k) connection in parallel yes, for redundancy and increased capacity connection in series yes control deviation < 1 % (change in load, static 10 % ... 90 %) < 3 % (dynamic load change 10 % ... 90 %, 10 hz) < 0.1 % (change in input voltage 10 %) residual ripple 10 mv pp output power 240 w typical response time < 1 s maximum power dissipation in no-load condition < 5.1 w 14 13 active pfc l/+ n/- 1314 ++ -- -
https://www.phoenixcontact.com/us/products/2903149 09/06/2016???page? 3 ?/? 7 power supply unit?-?trio-ps-2g/1ac/24dc/10?-?2903149 technical data general net weight 1 kg efficiency > 91 % (for 230 v ac and nominal values) insulation voltage input/output 4 kv ac (type test) 1.5 kv ac (routine test) protection class i (in closed control cabinet) mtbf (iec 61709, sn 29500) > 1800000 h (25 c) > 1000000 h (40c) > 480000 h (60c) mounting position horizontal din rail ns 35, en 60715 assembly instructions can be aligned: horizontally 0 mm ( 40 c) 10 mm ( 70 c), vertically 50 mm connection data, input connection method push-in connection conductor cross section solid min. 0.2 mm2 conductor cross section solid max. 4 mm2 conductor cross section flexible min. 0.2 mm2 conductor cross section flexible max. 2.5 mm2 conductor cross section awg min. 24 conductor cross section awg max. 12 stripping length 10 mm connection data, output connection method push-in connection conductor cross section solid min. 0.2 mm2 conductor cross section solid max. 4 mm2 conductor cross section flexible min. 0.2 mm2 conductor cross section flexible max. 2.5 mm2 conductor cross section awg min. 24 conductor cross section awg max. 12 stripping length 8 mm connection data for signaling connection method push-in connection conductor cross section solid min. 0.2 mm2 conductor cross section solid max. 1.5 mm2 conductor cross section flexible min. 0.2 mm2 conductor cross section flexible max. 1.5 mm2 conductor cross section awg min. 24 14 13 active pfc l/+ n/- 1314 ++ -- -
https://www.phoenixcontact.com/us/products/2903149 09/06/2016???page? 4 ?/? 7 power supply unit?-?trio-ps-2g/1ac/24dc/10?-?2903149 technical data connection data for signaling conductor cross section awg max. 16 stripping length 8 mm standards and regulations electromagnetic compatibility conformance with emc directive 2004/108/ec shock 18 ms, 30g, in each space direction (according to iec 60068-2-27) noise emission en 55011 (en 55022) noise immunity en 61000-6-2:2005 standards/regulations en 61000-4-2 en 61000-4-3 en 61000-4-4 en 61000-4-5 en?61000-4-6 standard - safety of transformers en 61558-2-16 (air clearances and creepage distances only) standard - electrical safety iec 60950-1/vde 0805 (selv) standard C electronic equipment for use in electrical power installations and their assembly into electrical power installations en 50178/vde 0160 (pelv) standard C safety extra-low voltage iec 60950-1 (selv) and en 60204-1 (pelv) standard - safe isolation din vde 0100-410 standard C limitation of mains harmonic currents en 61000-3-2 ul approvals ul listed ul 508 ul/c-ul recognized ul 60950-1 vibration (operation) < 15 hz, amplitude 2.5 mm (according to iec 60068-2-6) 15 hz ... 150 hz, 4g, 90 min. low voltage directive conformance with lv directive 2006/95/ec rail applications en 50121-4 drawings block diagram 14 13 active pfc l/+ n/- 1314 ++ -- -
https://www.phoenixcontact.com/us/products/2903149 09/06/2016???page? 5 ?/? 7 power supply unit?-?trio-ps-2g/1ac/24dc/10?-?2903149 classifications ecl@ss ecl@ss 4.0 27040702 ecl@ss 4.1 27040702 ecl@ss 5.0 27049002 ecl@ss 5.1 27049002 ecl@ss 6.0 27049002 ecl@ss 7.0 27049002 ecl@ss 8.0 27049002 ecl@ss 9.0 27040701 etim etim 4.0 ec002540 etim 5.0 ec002540 approvals approvals approvals ul recognized / ul listed / cul recognized / cul listed / eac / iecee cb scheme / culus recognized / culus listed ex approvals approval details ul recognized? ? http://database.ul.com/cgi-bin/xyv/template/lisext/1frame/index.htm ?file e 211944 ul listed? ? http://database.ul.com/cgi-bin/xyv/template/lisext/1frame/index.htm ?file e 123528 cul recognized? ? http://database.ul.com/cgi-bin/xyv/template/lisext/1frame/index.htm ?file e 211944 14 13 active pfc l/+ n/- 1314 ++ -- -
https://www.phoenixcontact.com/us/products/2903149 09/06/2016???page? 6 ?/? 7 power supply unit?-?trio-ps-2g/1ac/24dc/10?-?2903149 approvals cul listed? ? http://database.ul.com/cgi-bin/xyv/template/lisext/1frame/index.htm ?file e 123528 eac? ??7500651.22.01.00242 iecee cb scheme? ? http://www.iecee.org/ ?dk-45300-a1-ul culus recognized? ? http://database.ul.com/cgi-bin/xyv/template/lisext/1frame/index.htm culus listed? ? accessories accessories device circuit breakers electronic device circuit breaker?-?cbm e4 24dc/0.5-10a no-r?-?2905743 multi-channel, electronic device circuit breaker with active current limitation for protecting four loads at 24 v dc in the event of overload and short circuit. with nominal current assistant and electronic locking of the set nominal currents. for installation on din rails. ? ? electronic device circuit breaker?-?cbm e8 24dc/0.5-10a no-r?-?2905744 multi-channel, electronic device circuit breaker with active current limitation for protecting eight loads at 24 v dc in the event of overload and short circuit. with nominal current assistant and electronic locking of the set nominal currents. for installation on din rails. ? ? potential distributor 14 13 active pfc l/+ n/- 1314 ++ -- -
https://www.phoenixcontact.com/us/products/2903149 09/06/2016???page? 7 ?/? 7 power supply unit?-?trio-ps-2g/1ac/24dc/10?-?2903149 accessories potential distributors?-?vip-2/sc/pdm-2/24?-?2315269 varioface module, with two equipotential busbars (p1, p2) for potential distribution, for mounting on ns 35 rails. module width: 70.4 mm ? ? potential distributors?-?vip-3/pt/pdm-2/24?-?2903798 varioface module with push-in connection and two equipotential busbars (p1, p2) for potential distribution, for mounting on ns 35 rails. module width: 57.1 mm ? ? phoenix contact 2016 ? - all rights reserved http://www.phoenixcontact.com 14 13 active pfc l/+ n/- 1314 ++ -- -


▲Up To Search▲   

 
Price & Availability of 2903149

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X