Part Number Hot Search : 
ZHCS400T 16F100M T90S23 B120N BH6519FS C2895A C100KC IRF7433
Product Description
Full Text Search
 

To Download 2903101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  https://www.phoenixcontact.com/us/products/2903101 04/26/2016???page? 1 ?/? 3 input/output module?-?eu5e-swd-4d4d pxc?-?2903101 please be informed that the data shown in this pdf document is generated from our online catalog. please find the complete data in the user's documentation. our general terms of use for downloads are valid (http://phoenixcontact.com/download) smartwire dt? digital module for connecting digital input/output signals, 4 inputs (24 v dc) and 4 outputs (24 v dc/0.5 a). figure shows eu5e-swd-x8d pxc version key commercial data packing unit 1 pc country of origin germany technical data dimensions width 35 mm height 90 mm depth 101 mm ambient conditions ambient temperature (operation) -25 c ... 55 c ambient temperature (storage/transport) -40 c ... 70 c input data input name digital inputs number of inputs 4 rated actuating voltage u c 24 v dc rated actuating current i c typ. 4 ma output data output name digital outputs rated operating voltage u e 24 v dc -15 % ... +20 %
https://www.phoenixcontact.com/us/products/2903101 04/26/2016???page? 2 ?/? 3 input/output module?-?eu5e-swd-4d4d pxc?-?2903101 technical data output data load current typ. 500 ma data interface designation smartwire?-dt data rate 125 kbd / 250 kbd connection method pin strip, 8-pos. connection data connection method push-in connection conductor cross section solid 0.2 mm2 ... 1.5 mm2 conductor cross section flexible 0.2 mm2 ... 1.5 mm2 conductor cross section awg 24 ... 16 connection data bus connection connection name smartwire?-dt connection method pin strip number of connections 1 number of positions 8 note for smartwire-dt device plug swd4-8sf2-5 pxc general degree of protection ip20 color green mounting position any standards and regulations standards/regulations en 50178 classifications ecl@ss ecl@ss 4.0 27142001 ecl@ss 4.1 27142001 ecl@ss 5.0 27142001 ecl@ss 5.1 27371601 ecl@ss 6.0 27371601 ecl@ss 7.0 27371601 ecl@ss 8.0 27242604 ecl@ss 9.0 27242604
https://www.phoenixcontact.com/us/products/2903101 04/26/2016???page? 3 ?/? 3 input/output module?-?eu5e-swd-4d4d pxc?-?2903101 classifications etim etim 3.0 ec000035 etim 4.0 ec001437 etim 5.0 ec001599 unspsc unspsc 6.01 30211915 unspsc 7.0901 39121514 unspsc 11 39121514 unspsc 12.01 39121514 unspsc 13.2 39121514 phoenix contact 2016 ? - all rights reserved http://www.phoenixcontact.com


▲Up To Search▲   

 
Price & Availability of 2903101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X