Part Number Hot Search : 
2SK354 ICX434AQ N5392A MMSZ5226 TDA3303 MC74LVX BC857BT TF1001A
Product Description
Full Text Search
 

To Download 2903100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  https://www.phoenixcontact.com/us/products/2903100 04/26/2016???page? 1 ?/? 3 data interface?-?eu5c-swd-dp pxc?-?2903100 please be informed that the data shown in this pdf document is generated from our online catalog. please find the complete data in the user's documentation. our general terms of use for downloads are valid (http://phoenixcontact.com/download) smartwire-dt ? gateway for connecting to profibus dp as a slave, automatic baud rate detection: 9.6 kbps to 12 mbps, connection of up to 58 smartwire-dt ? devices. key commercial data packing unit 1 pc country of origin germany technical data dimensions width 35 mm height 90 mm depth 127 mm ambient conditions ambient temperature (operation) -25 c ... 55 c ambient temperature (storage/transport) -40 c ... 70 c supply supply voltage u aux 24 v dc -15 % ... +20 % rated current i aux 3 a supply voltage u pow 24 v dc -15 % ... +20 % rated current i pow 700 ma data interface designation smartwire?-dt data rate 125 kbd / 250 kbd connection method pin strip, 8-pos. designation profibus dp data rate 12 mbit/s connection method d-sub-9
https://www.phoenixcontact.com/us/products/2903100 04/26/2016???page? 2 ?/? 3 data interface?-?eu5c-swd-dp pxc?-?2903100 technical data connection data connection name supply connection method push-in connection conductor cross section solid 0.2 mm2 ... 1.5 mm2 conductor cross section flexible 0.2 mm2 ... 1.5 mm2 conductor cross section awg 24 ... 16 connection data bus connection connection name smartwire?-dt connection method pin strip number of connections 1 number of positions 8 note for smartwire? dt-dt spade connector swd4-8mf2 pxc general degree of pollution 2 overvoltage category ii degree of protection ip20 color green mounting position any standards and regulations standards/regulations en 50178 degree of pollution 2 overvoltage category ii classifications ecl@ss ecl@ss 4.0 27142001 ecl@ss 4.1 27142001 ecl@ss 5.0 27142001 ecl@ss 5.1 27371601 ecl@ss 6.0 27371601 ecl@ss 7.0 27371601 ecl@ss 8.0 27242608 etim etim 3.0 ec000035 etim 4.0 ec001437
https://www.phoenixcontact.com/us/products/2903100 04/26/2016???page? 3 ?/? 3 data interface?-?eu5c-swd-dp pxc?-?2903100 classifications etim etim 5.0 ec001604 unspsc unspsc 6.01 30211915 unspsc 7.0901 39121514 unspsc 11 39121514 unspsc 12.01 39121514 unspsc 13.2 39121514 phoenix contact 2016 ? - all rights reserved http://www.phoenixcontact.com


▲Up To Search▲   

 
Price & Availability of 2903100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X