Part Number Hot Search : 
MMBD330 2SD2202 SGC10 2N3054A M67754 MF501 ZT488 GS8640
Product Description
Full Text Search
 

To Download 2903002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  https://www.phoenixcontact.com/pi/products/2903002 12/03/2018???page? 1 ?/? 5 power supply unit?-?uno-ps/1ac/15dc/100w?-?2903002 please be informed that the data shown in this pdf document is generated from our online catalog. please find the complete data in the user's documentation. our general terms of use for downloads are valid (http://phoenixcontact.com/download) primary-switched uno power power supply for din rail mounting, input: 1-phase, output: 15 v dc/100 w product description uno power power supplies with basic functionality thanks to their high power density, compact uno power power supplies are the ideal solution for loads up to 240 w, particularly in compact control boxes. the power supply units are available in various performance classes and overall widths. their high degree of efficiency and low idling losses ensure a high level of energy efficiency. your advantages ?flexible mounting by simply snapping onto the din rail ?more space in the control cabinet with up to 20 % higher power density ?maximum energy efficiency, thanks to over 90 % efficiency and extremely low idling losses under 0.3 w ?outdoor installation, thanks to the wide temperature range from -25c to +70c key commercial data packing unit 1 pc gtin gtin 4046356808712 technical data dimensions width 55 mm height 90 mm depth 84 mm ambient conditions degree of protection ip20 ambient temperature (operation) -25 c ... 70 c (> 55 c derating: 2.5 %/k) ambient temperature (storage/transport) -40 c ... 85 c max. permissible relative humidity (operation) 95 % (at 25 c, non-condensing) n l + +C C
https://www.phoenixcontact.com/pi/products/2903002 12/03/2018???page? 2 ?/? 5 power supply unit?-?uno-ps/1ac/15dc/100w?-?2903002 technical data ambient conditions climatic class 3k3 (in acc. with en 60721) degree of pollution 2 input data nominal input voltage range 100 v ac ... 240 v ac input voltage range 85 v ac ... 264 v ac current consumption 2.19 a (100?v?ac) 1.13 a (240 v ac) nominal power consumption 206.3 va inrush surge current < 30 a (typical) mains buffering typ. 20 ms (120 v ac) typ. 85 ms (230 v ac) input fuse 4 a (slow-blow, internal) choice of suitable circuit breakers 6 a ... 16 a (characteristics b, c, d, k) power factor (cos phi) 0.54 type of protection transient surge protection protective circuit/component varistor output data nominal output voltage 15 v dc 1?% nominal output current (i n ) 6.67 a (-25?c ... 55?c) derating 55 c ... 70 c (2.5%/k) connection in parallel yes, for redundancy and increased capacity connection in series yes feedback resistance < 25 v dc protection against surge voltage on the output 25 v dc control deviation < 1 % (change in load, static 10 % ... 90 %) < 4 % (dynamic load change 10 % ... 90 %, 10 hz) < 0.1 % (change in input voltage 10 %) residual ripple < 75 mv pp (with nominal values) output power 100 w typical response time < 1 s maximum power dissipation in no-load condition < 0.4 w power loss nominal load max. < 12 w general net weight 0.34 kg efficiency typ. 89 % (120 v ac) typ. 89 % (230 v ac) insulation voltage input/output 4 kv ac (type test) 3 kv ac (routine test) protection class ii (in closed control cabinet) n l + +C C
https://www.phoenixcontact.com/pi/products/2903002 12/03/2018???page? 3 ?/? 5 power supply unit?-?uno-ps/1ac/15dc/100w?-?2903002 technical data general degree of protection ip20 mtbf (iec 61709, sn 29500) > 727000 h (40 c) mounting position horizontal din rail ns 35, en 60715 assembly instructions alignable: 0?mm horizontally, 30?mm vertically connection data, input connection method screw connection conductor cross section solid min. 0.2 mm2 conductor cross section solid max. 2.5 mm2 conductor cross section flexible min. 0.2 mm2 conductor cross section flexible max. 2.5 mm2 conductor cross section awg min. 24 conductor cross section awg max. 14 stripping length 8 mm screw thread m3 connection data, output connection method screw connection conductor cross section solid min. 0.2 mm2 conductor cross section solid max. 2.5 mm2 conductor cross section flexible min. 0.2 mm2 conductor cross section flexible max. 2.5 mm2 conductor cross section awg min. 24 conductor cross section awg max. 14 stripping length 8 mm standards and regulations electromagnetic compatibility conformance with emc directive 2014/30/eu noise immunity en 61000-6-2:2005 standards/regulations en 61000-4-2 contact discharge 4 kv (test level 2) standards/regulations en 61000-4-3 frequency range 80 mhz ... 1 ghz test field strength 10 v/m frequency range 1.4 ghz ... 2 ghz test field strength 3 v/m standards/regulations en 61000-4-4 comments criterion b standards/regulations en?61000-6-3 en?61000-4-6 frequency range 10 khz ... 80 mhz voltage 10 v (test level 3) n l + +C C
https://www.phoenixcontact.com/pi/products/2903002 12/03/2018???page? 4 ?/? 5 power supply unit?-?uno-ps/1ac/15dc/100w?-?2903002 technical data standards and regulations standards/regulations en 61000-4-11 low voltage directive conformance with lv directive 2006/95/ec standard - safety of transformers en 61558-2-16 standard - electrical safety iec?60950-1/vde?0805 (selv) standard C electronic equipment for use in electrical power installations and their assembly into electrical power installations en 50178/vde 0160 (pelv) standard C safety extra-low voltage iec?60950-1 (selv) and en?60204-1 (pelv) standard - safe isolation din vde 0100-410 standard C limitation of mains harmonic currents en?61000-3-2 ul approvals ul/c-ul listed ul 508 ul/c-ul recognized ul 60950-1 ul/c-ul listed ansi/isa-12.12.01 class i, division 2, groups a, b, c, d t4a (hazardous location) shock 18 ms, 30g, in each space direction (according to iec 60068-2-27) vibration (operation) < 15 hz, amplitude 2.5 mm (according to iec 60068-2-6) 15 hz ... 150 hz, 2.3g, 90 min. approval - requirement of the semiconductor industry with regard to mains voltage dips en?61000-4-11 information technology equipment - safety (cb?scheme) cb scheme environmental product compliance reach svhc lead 7439-92-1 china rohs environmentally friendly use period = 25; for details about hazardous substances go to tab downloads, category manufacturer's declaration drawings block diagram approvals approvals approvals ul listed / ul recognized / cul recognized / iecee cb scheme / cul listed / culus recognized / culus listed n l + +C C
https://www.phoenixcontact.com/pi/products/2903002 12/03/2018???page? 5 ?/? 5 power supply unit?-?uno-ps/1ac/15dc/100w?-?2903002 approvals ex approvals ul listed / cul listed / culus listed approval details ul listed? ? ? http://database.ul.com/cgi-bin/xyv/template/lisext/1frame/index.htm ?file e 123528 ul recognized? ? ? http://database.ul.com/cgi-bin/xyv/template/lisext/1frame/index.htm ?file e 214596 cul recognized? ? ? http://database.ul.com/cgi-bin/xyv/template/lisext/1frame/index.htm ?file e 214596 iecee cb scheme? ? ? http://www.iecee.org/ ?dk-39228-a1-ul cul listed? ? ? http://database.ul.com/cgi-bin/xyv/template/lisext/1frame/index.htm ?file e 123528 culus recognized? ? ? ? culus listed? ? ? ? phoenix contact 2018 ? - all rights reserved http://www.phoenixcontact.com phoenix contact gmbh & co. kg flachsmarktstr. 8 32825 blomberg germany tel. +49 5235 300 fax +49 5235 3 41200 http://www.phoenixcontact.com n l + +C C


▲Up To Search▲   

 
Price & Availability of 2903002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X