Part Number Hot Search : 
6200S8 HJW0001 C14040B 001SMB 87760 AD5732R G4BC30 HCU04
Product Description
Full Text Search
 

To Download 1415923 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  https://www.phoenixcontact.com/us/products/1415923 01/30/2015???page? 1 ?/? 4 sensor/actuator cable?-?sac-3p- 3,0-pvc/b-1l-z?-?1415923 please be informed that the data shown in this pdf document is generated from our online catalog. please find the complete data in the user's documentation. our general terms of use for downloads are valid (http://phoenixcontact.com/download) sensor/actuator cable, 3-position, pvc, black ral 9005, free cable end, on valve connector b (10 mm), with 1 led, connected with z diode, cable length: 3 m product features ?easy and safe: 100% electrically tested plug-in components ?robust valve connector with zener diode as protective circuit ?convenient: increased machine availability thanks to quick and easy diagnostics ? key commercial data packing unit 1 pc custom tariff number 85444290 country of origin poland technical data dimensions length of cable 3 m ambient conditions ambient temperature (operation) -20 c ... 85 c (valve plug) degree of protection ip65 ip67 general rated current at 40c 4 a rated voltage 24 v number of positions 3 contact resistance 5 m insulation resistance 100 m standards/regulations valve connector en 175301-803 2 1 45 28 20,5 10 2 1 2 1 pe bk 2 bk 1 ye gnye (pe) 28,2 9,9
https://www.phoenixcontact.com/us/products/1415923 01/30/2015???page? 2 ?/? 4 sensor/actuator cable?-?sac-3p- 3,0-pvc/b-1l-z?-?1415923 technical data general status display 1 led protective circuit/component z diode surge voltage category iii pollution degree 3 material inflammability class according to ul 94 v0 valve plug contact material cusn valve plug contact surface material sn valve plug contact insert material pa 66 material housing valve plug tpu sealing material tpu (seal molded) cable cable type pvc black cable type (abbreviation) pvc cable abbreviation liyy ul awm style 2464 conductor cross section 3x 0.5 mm2 awg signal line 20 conductor structure signal line 16x 0.20 mm core diameter including insulation 1.5 mm 0.05 mm wire colors black 1, black 2, green/yellow overall twist 3 wires, twisted external sheath, color black ral 9005 external cable diameter d 4.8 mm 0.2 mm minimum bending radius, fixed installation 5 x d outer sheath, material pvc material conductor insulation pvc conductor material bare cu litz wires insulation resistance 20 m*km conductor resistance 39 /km (at 20 c) nominal voltage, cable 300 v test voltage, cable 1200 v flame resistance din vde 0482 din en 50265-2-1 resistance to oil almost oil-resistant ambient temperature (operation) -40 c ... 80 c (cable, fixed installation) 2 1 45 28 20,5 10 2 1 2 1 pe bk 2 bk 1 ye gnye (pe) 28,2 9,9
https://www.phoenixcontact.com/us/products/1415923 01/30/2015???page? 3 ?/? 4 sensor/actuator cable?-?sac-3p- 3,0-pvc/b-1l-z?-?1415923 technical data cable -5 c ... 80 c (cable, flexible installation) classifications ecl@ss ecl@ss 5.1 27061801 ecl@ss 6.0 27061801 drawings schematic diagram valve connector pin assignment, type b cable cross section pvc black?[pvc] dimensioned drawing valve connector, type b circuit diagram contact assignment of the valve plug dimensioned drawing valve connector, type b, side view 2 1 45 28 20,5 10 2 1 2 1 pe bk 2 bk 1 ye gnye (pe) 28,2 9,9
https://www.phoenixcontact.com/us/products/1415923 01/30/2015???page? 4 ?/? 4 phoenix contact 2015 ? - all rights reserved http://www.phoenixcontact.com 2 1 45 28 20,5 10 2 1 2 1 pe bk 2 bk 1 ye gnye (pe) 28,2 9,9


▲Up To Search▲   

 
Price & Availability of 1415923

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X