Part Number Hot Search : 
TDA72940 MSC80278 MMSZ5221 SA552 6KE16CA D50NH02 SC1815 SK1501
Product Description
Full Text Search
 

To Download 0901210132-17 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 10/30/2017 please check www.molex.com for latest part information part number: 0901210132 status: active overview: c-grid iii? description: 2.54mm pitch c-grid iii header, single row, right angle, 12 circuits, tin (sn) plating documents: 3d model packaging specification pk-90120-100 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification ul e29179 general product family pcb headers series 90121 application signal, wire-to-board overview c-grid iii? product name c-grid iii upc 800753714052 physical breakaway yes circuits (loaded) 12 circuits (maximum) 12 color - resin black first mate / last break no flammability 94v-0 glow-wire compliant no guide to mating part no keying to mating part none lock to mating part none material - metal brass material - plating mating tin material - plating termination tin material - resin polyester net weight 0.900/g number of rows 1 orientation right angle pc tail length 2.90mm pcb locator no pcb retention none packaging type tray pitch - mating interface 2.54mm pitch - termination interface 2.54mm plating min - mating 4.064m plating min - termination 3.048m polarized to mating part no polarized to pcb no shrouded no stackable no temperature range - operating -55c to +125c termination interface: style through hole electrical current - maximum per contact 3.0a voltage - maximum 350v solder process data series image - reference only eu elv not relevant eu rohs china rohs compliant reach svhc not contained per - ed/30/2017 (7 july 2017) halogen-free status not low-halogen need more information on product environmental compliance? email productcompliance@molex.com please visit the contact us section for any non-product compliance questions. china rohs green image elv not relevant rohs phthalates not contained search parts in this series 90121 series
duration at max. process temperature (seconds) 005 lead-freeprocess capability wave max. cycles at max. process temperature 001 process temperature max. c 260 material info reference - drawing numbers packaging specification pk-90120-100 sales drawing sd-90121-001 this document was generated on 10/30/2017 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0901210132-17

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X