Part Number Hot Search : 
BSERIES B250C SPN7402 HT2823 SMBJ54 ZTA42 CD4025AF LM7824
Product Description
Full Text Search
 

To Download 0014445302-17 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 08/29/2017 please check www.molex.com for latest part information part number: 0014445302 status: active overview: sl? modular connectors description: 2.54mm pitch sl? insulation displacement connector assembly, male, single row, version d, back ribs, for wire size 22 awg, 0.38m gold (au), 2 circuits documents: 3d model product specification ts-70541-001-001 (pdf) drawing (pdf) packaging specification pk-70873-0001 (pdf) product specification ps-70400-001 (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family ribbon cable / wire trap connectors series 70475 comments terminals preloaded component type housing glow-wire compliant no overview sl? modular connectors product name sl? upc 800755033359 physical circuits (loaded) 2 circuits (maximum) 2 color - resin black durability (mating cycles max) 50 entry angle vertical flammability 94v-0 lock to mating part none material - metal phosphor bronze material - plating mating gold material - plating termination tin material - resin polyester alloy number of rows 1 pcb retention none packaging type tube pitch - mating interface 2.54mm polarized to mating part no stackable yes surface mount compatible (smc) n/a temperature range - operating -40c to +105c termination interface: style idt or pierce wire insulation diameter 1.35mm max. wire size awg 22 wire/cable type discrete wire, ribbon cable electrical current - maximum per contact 3.0a voltage - maximum 250v material info engineering number 70475-2346 reference - drawing numbers series image - reference only eu elv not reviewed eu rohs china rohs not reviewed reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com please visit the contact us section for any non-product compliance questions. china rohs not reviewed elv not reviewed rohs phthalates not reviewed search parts in this series 70475 series mates with 70004 interim clip (single row), 70013 interim clip (dual row) use with 7307 tinned 28awg, 7767 topcoat 28awg, 24241 tinned 26awg, 8996 topcoat 26awg, 24226 tinned 24awg, 8997 topcoat 24awg, 24369 high flex 26awg, 24389 high flex 24awg
packaging specification pk-70873-0001 product specification ps-70400-001, ts-70541-001-001 sales drawing sda-70475-2346-2369 this document was generated on 08/29/2017 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0014445302-17

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X