- patented trench schottky technology - excellent high temperature stability - low forward voltage - low power loss/ high efficiency - high forward surge capability packing code with suffix "g" means green compound (halogen-free) terminal: matte tin plated leads, solderable per j-std-002 meet jesd 201 class 1a whisker test symbol unit v rrm v dv/dt v/s i f =7.5a i f = 15a i f =7.5a i f = 15a t j = 25c a t j = 125c ma r jc c/w t j c t stg c typ. v 50 - 55 to +150 storage temperature range - 55 to +150 5 - 0.59 version: a1603 note 1: pulse test with pulse width = 300s, 1% duty cycle maximum instantaneous reverse current per diode at rated reverse voltage i r typical thermal resistance per diode operating junction temperature range 100 i fsm 7.5 maximum average forward rectified current voltage rate of change (rated v r ) 10000 0.68 min. t j = 25c t j = 125c v f mechanical data weight: 1.7 g (approximately) - halogen-free according to iec 61249-2-21 max. a maximum repetitive peak reverse voltage molding compound meets ul 94 v-0 flammability rating maximum ratings and electrical characteristics (t a = 25c unless otherwise noted) per diode 15 15a, 60v trench schottky rectifier TSF15L60CW 60 - compliant to rohs directive 2011/65/eu and in accordance to weee 2002/96/ec typical applications trench schottky barrier rectifier is designed for high frequency switched mode power supplies such as adapters, lighting, and dc/dc converters. parameter polarity: as marked ito-220ab mounting torque: 0.56 nm max. TSF15L60CW 80 taiwan semiconductor a i f(av) per device features peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load per diode case: ito-220ab instantaneous forward voltage per diode (note1) - - 0.79 0.88 0.74 0.83 0.70 0.61 -
ordering information note: whole series with green compound (t a = 25c unless otherwise noted) fig 1 2.476 g packing code suffix g example part no. packing TSF15L60CW c0 ito-220ab 50 / tube TSF15L60CW c0g TSF15L60CW c0 green compound packing code suffix ratings and characteristics curves version: a1603 TSF15L60CW taiwan semiconductor part no. packing code package part no. packing code description 0.001 0.01 0.1 1 10 100 10 20 30 40 50 60 70 80 90 100 t j =25 o c t j =100 o c t j =125 o c t j =150 o c 10 100 1000 10000 0 1 10 100 f=1.0mhz v sig =50mv p - p 0.01 0.1 1 10 100 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 fig. 2 typical forward characteristics t j =125 o c t j =100 o c t j =25 o c t j =150 o c 0 5 10 15 20 0 25 50 75 100 125 150 fig.1 forward current derating curve with heatsink 3in x 5in x 0.25in al - plate average forward current (a) instantaneous forward current (a) capacitance (pf) instantaneous reverse current (ma) fig. 4 typical junction capacitance fig. 3 typical reverse characteristics case temperature ( o c) forward voltage (v) reverse voltage (v) percent of rated peak reverse voltage (%)
dim. min max min max a 4.30 4.70 0.17 0.19 b 2.50 3.16 0.10 0.12 c 2.30 2.96 0.09 0.12 d 0.46 0.76 0.02 0.03 e 6.30 6.90 0.25 0.27 f 9.60 10.30 0.38 0.41 g 3.00 3.40 0.12 0.13 h 0.95 1.45 0.04 0.06 i 0.50 0.90 0.02 0.04 j 2.40 3.20 0.09 0.13 k 14.80 15.50 0.58 0.61 l - 4.10 - 0.16 m 12.60 13.80 0.50 0.54 n - 1.80 - 0.07 o 2.41 2.67 0.09 0.11 p/n = specific device code g = green compound yww = date code f = factory code version: a1603 marking diagram TSF15L60CW taiwan semiconductor outline dimension ito-220ab unit (mm) unit (inch)
creat by art assumes no responsibility or liability for any errors or inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied, to any intellectual property rights is granted by this document. except as provided in tsc's terms and conditions of sale for such products, tsc assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of tsc products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify tsc for any damages resulting from such improper use or sale. TSF15L60CW taiwan semiconductor notice specifications of the products displayed herein are subject to change without notice. tsc or anyone on its behalf, version: a1603
|