Part Number Hot Search : 
MBRF2 9010A 1252AP SSC9510 1DC60 14501 EPVP6810 UPD78P
Product Description
Full Text Search
 

To Download TDK4363302 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tdk4_ _3302 phase control thyristo r powerex, inc., 200 hillis street, youngwood, pennsylvania 15697-1800 (724)925-7272 3300 amperes 4500 volts features: low on-state voltage high di/dt capability high dv/dt capability hermetic ceramic package excellent surge and i 2 t ratings applications: dc power supplies ordering information motor controls select the complete 12 digit part number using the table below. example: tdk4443302dh is a 4400v-3300a scr with 300ma igt and 12 inch gate and cathode potential leads. part voltage rating voltage code current rating current code turn-off gate leads v drm -v rrm i tavg tq i gt tdk4 4500 45 3300 33 0 2 4400 44 4200 42 400us 300ma 12" 4000 40 (typ.) (max) 3600 36 revised: 7/27/2003 the tdk4 is a high voltage, high current disc pack scr employing a high di/dt gate structure. this gate design allows the scr to be reliably operated at high di/dt and dv/dt conditions in various phase control applications. page 1
tdk4_ _3302 phase control thyristo r powerex, inc., 200 hillis street, youngwood, pennsylvania 15697-1800 (724)925-7272 3300 amperes 4500 volts absolute maximum ratings ? characteristic symbol rating units repetitive peak voltage v drm -v rrm 4400 volts average on-state current, t c =72c i t(avg.) 3300 a rms on-state current, t c =70c i t(rms) 5184 a average on-state current, t c =55c i t(avg.) 3900 a rms on-state current, t c =55c i t(rms) 6126 a peak one cycle surge current, 60hz, v r =0v i tsm 50,000 a peak one cycle surge current, 50hz, v r =0v i tsm 47,140 a fuse coordination i 2 t, 60hz i 2 t 1.04e+07 a 2 s fuse coordination i 2 t, 50hz i 2 t 1.11e+07 a 2 s critical rate-of-rise of on-state current di/dt 150 a/us repetitive from .67?vdrm critical rate-of-rise of on-state current di/dt 300 a/us non-repetitive from .67?vdrm peak gate power, 100us p gm 16 watts average gate power p g(avg) 5 watts operating temperature tj -40 to+125 c storage temperature t stg. -40 to+150 c approximate weight 7 lb 3.18 kg mounting force 18,000 - 25,000 lbs 80 - 110 knewtons ? ratings apply for operation at rated load force. page 2
tdk4_ _3302 phase control thyristo r powerex, inc., 200 hillis street, youngwood, pennsylvania 15697-1800 (724)925-7272 3300 amperes 4500 volts electrical characteristics, tj=25c unless otherwise specified rating characteristic symbol test conditions min typ max units r epe titi ve p ea k f orwar d leakage current i drm tj=125c, v drm =rated 300 ma r epe titi ve p ea k r everse leakage current i rrm tj=125c, v rrm =rated 300 ma peak on-state voltage v tm tj=125c, i tm =3000 a 1.60 v v tm model, low level v 0 tj=125c 0.991269 v vtm = v o + r? i tm r 15% i tm - ?i tm 1.96e-04 ? v tm model, high level v 0 tj=125c 0.772002 v vtm = v o + r? i tm r ?i tm - i tsm 2.18e-04 ? v tm model, 4-term a tj=125c 0.132 v tm = a + b?ln(i tm ) + b 15%i tm - i tsm 0.181 c?(i tm ) + d?(i tm ) ? c 2.57e-04 d -1.41e-02 turn-on delay time t d v d = 0.5?v drm 3us gate drive: 40v - 20 ? turn-off time (typ) tq tj=125c 400 us dv/dt = 20v/us to 80% v drm dv/dt (crit) dv/dt tj=125c exp. waveform 2000 v/us v d =67% rated gate trigger current i gt tj=25c v d = 12v 40 100 300 ma gate trigger voltage v gt 0.8 2.0 4.0 v peak reverse gate voltage v grm 5v thermal characteristics rating characteristic symbol test conditions min typ max units thermal resistance junction to case r jc double side cooled 0.0055 0.007 c/watt case to sink r cs double side cooled 0.0015 0.002 c/watt thermal impedance model z jc double side cooled z jc (t) = (a( n )?(1-exp(-t / tau ( n )))) where: n = 123 4 a(n ) = 1.43e-04 9.38e-04 2.42e-03 3.50e-03 t au(n) = 2.62e-03 2.31e-02 3.05e-01 3.30e+00 page 3
tdk4_ _3302 phase control thyristo r powerex, inc., 200 hillis street, youngwood, pennsylvania 15697-1800 (724)925-7272 3300 amperes 4500 volts maximum on-state voltage drop 0.00 1.00 2.00 3.00 4.00 5.00 6.00 100 1000 10000 100000 itm (a) vtm (v) tj = 125c maximum transient thermal impedance 0.00e+00 1.00e-03 2.00e-03 3.00e-03 4.00e-03 5.00e-03 6.00e-03 7.00e-03 8.00e-03 0.001 0.01 0.1 1 10 100 time (sec) thermal impedance (c/watt) maximum on-state power dissipation 0 2000 4000 6000 8000 10000 12000 0 1000 2000 3000 4000 iavg (a) pavg (watts) sinusoidal waveform 60 90 120 180 0 180 360 conduction angle maximum allowable case temperature 60 70 80 90 100 110 120 130 0 1000 2000 3000 4000 iavg (a) tc (c) sinusoidal waveform 60 90 120 180 0 180 360 conduction angle maximum on-state power dissipation 0 2000 4000 6000 8000 10000 12000 14000 0 2000 4000 6000 iavg (a) pavg (watts) square waveform 60 90 120 180 0 180 360 conduction angle 360 maximum allowable case temperature 60 70 80 90 100 110 120 130 0 1000 2000 3000 4000 5000 6000 iavg (a) tc (c) square waveform 60 90 120 180 0 180 360 conduction angle 360 page 4


▲Up To Search▲   

 
Price & Availability of TDK4363302

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X