Part Number Hot Search : 
IRH4054 LB1978V TRMPB TL431CP 1N5226 BZ5258 IRKV1 ULN2024
Product Description
Full Text Search
 

To Download SMP1331-087LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  skyworks solutions, inc. ? phone [ 781] 376-3000 ? fax [781] 376-3100 ? sales@ skyworksinc.com ? www.skyworksinc.com 203589a ? skyworks proprietary information ? products and product in formation are subject to cha nge without notice ? jun e 8, 2015 1 data sheet SMP1331-087LF: 45 w surface mount series connected pin diode applications ? low-loss, high-power switches ? low-distortion attenuators features ? high rf power handling: 45 w ? low thermal resistance: 26 c/w ? low series resistance: 0.50 typical @ 100 ma ? low total capacitance: 0.35 pf maximum @ 30 v ? small qfn (2 2 mm) package (msl1, 260 c per jedec j-std-020) s kywork s green? product s are compliant with all applicable legi s lation and are halogen-free. for additional information, refer to skyworks de?nition of green? , document number s q04-0074. anode (pin 2) c athode (pin 1) t s6 47 figure 1. SMP1331-087LF block diagram description the SMP1331-087LF is a surface mountable, low-capacitance silicon pin diode designed as a series connected pin diode for high-power, high-volume switch and attenuator applications from 10 mhz to beyond 6 g hz. typical resistance at 100 ma is 0.50 and maximum capacitance at 30 v is 0.35 pf. the combination of low capacitance, low parasitic inductance, and nominal 30 m i-region width, makes the SMP1331-087LF useful in large signal switches and attenuator applications. the device has a 0.75 w dissipation power rating, which makes it capable of handling up to 45 w @ 85 c continuous wave (cw) in a series-connected transmit/receive (t/r) switch. design information for high-power switches may be found in the skyworks application note, design with pin diodes (document number 200312). a block diagram of the SMP1331-087LF is shown in figure 1.
data sheet ? SMP1331-087LF: 45 w surface mount series connected pin diode skyworks solutions, inc. ? phone [ 781] 376-3000 ? fax [781] 376-3100 ? sales@ skyworksinc.com ? www.skyworksinc.com 2 june 8, 2015 ? skyworks prop rietary information ? products and product information are subj ect to change without notice ? 203589a electrical and mechanical specifications the absolute maximum ratings of the SMP1331-087LF are provided in table 1. electrical specifications are provided in table 2. typical dc performance characteristics of the SMP1331-087LF are illustrated in figures 2, 3, and 4. the SMP1331-087LF evaluation board is used to test the performance of the SMP1331-087LF pin diode. figure 5 shows a bias schematic, and table 3 lists the evaluation board bill of materials. typical rf performance of the SMP1331-087LF using the schematic shown in figure 5 is summarized in table 4 and illustrated in figures 6, 7, and 8. an assembly drawing for the evaluation board is shown in figure 9. the layer detail physical characteristics are provided in figure 10. table 1. SMP1331-087LF absolute maximum ratings parameter symbol minimum maximum units forward current i f 200 ma reverse voltage v r 200 v dissipated power @ 85 c p d 0.75 w peak pulse power dissipation @ 85 c (10% duty cycle) 7.5 w operating temperature t a C55 +85 ? c storage temperature t st g C55 +200 ? c junction temperature t j C55 +175 ? c electrostatic discharge: charged-device model (cdm), class 4 human body model (hbm), class 3a machine model (mm), class c esd 1100 5000 400 v v v note: exposure to maximum rating conditions for extended periods may reduce device reliability. there is no damage to device with on ly one parameter set at the limit and all other parameters set at or below their nominal value. exceeding any of the limits listed here may result in permanent damage to the d evice. caution : although this device is designed to be as robust as possible, electrostatic discharge (esd) can damage this device. this devi ce must be protected at all times from esd. static charges may eas ily produce potentials of several kilovolts on the human body or equipment, which can discharge without detection. industry-standard esd precautions should be used at all times. table 2. SMP1331-087LF electrical specifications (note 1) (t a = +25 ? c, unless otherwise noted) parameter symbol test condition min typical max units forward voltage v f i f = 10 ma 0.80 v reverse leakage current i r v r = 200 v 10 a series resistance r s 1 r s 10 r s 100 i f = 1 ma, f = 100 mhz i f = 10 ma, f = 100 mhz i f = 100 ma, f = 100 mhz 9.0 1.7 0.50 14.5 total capacitance c t 30 v r = 30 v, f = 1 mhz 0.26 0.35 pf series inductance l s 0.37 nh minority carrier lifetime t l i f = 10 ma 600 ns i region width w 30 m thermal resistance (note 2) ? jc junction-to-case 26 c/w peak thermal resistance ? p single, 1 s pulse width, junction-to-case (10% duty cycle) 2.6 c/w note 1: performance is guaranteed only under the conditions listed in this table. note 2: assume a thermal resistance of 90 c/w for the junction-to-bottom of the circuit board.
data sheet ? SMP1331-087LF: 45 w surface mount series connected pin diode skyworks solutions, inc. ? phone [ 781] 376-3000 ? fax [781] 376-3100 ? sales@ skyworksinc.com ? www.skyworksinc.com 203589a ? skyworks proprietary information ? products and product in formation are subject to cha nge without notice ? jun e 8, 2015 3 typical dc performance characteristics (t a = 25 c, unless otherwise noted) t s6 48 0.20 0.25 0.30 0.35 0.40 0 5 10 15 20 25 30 35 40 c apacitance (pf) rever s e voltage (v) figure 2. capacitance vs reverse voltage t s6 4 9 0.1 1.0 10.0 100.0 0.1 1 10 100 s erie s re s i s tance ( ) forward c urrent (ma) figure 3. series resistance vs forward current t s6 50 forward c urrent (ma) 0.2 0.3 0.4 0.5 0. 6 0.7 0.8 0. 9 1.0 0.1 1 10 100 forward voltage (v) figure 4. forward voltage vs forward current
data sheet ? SMP1331-087LF: 45 w surf ace mount series connected pin diode skyworks solutions, inc. ? phone [ 781] 376-3000 ? fax [781] 376-3100 ? sales@ skyworksinc.com ? www.skyworksinc.com 4 june 8, 2015 ? skyworks prop rietary information ? products and product information are subj ect to change without notice ? 203589a t s6 51 22 nh 22 nh i f = 50 ma 50 term 50 term s mp 1331 -087lf 100 pf 100 pf 100 pf 100 pf figure 5. SMP1331-087LF bias schematic table 3. evaluation board bill of materials for en33-d515-01_v3 component value size qty manufacturer mfg. part number characteristics c 100 pf 0402 4 murata g rm1555c1h101jz01 5% c0 g 50 v l 22 nh 0402 2 murata hk100522nj-t 5% table 4. typical rf performance @ 25 c, f = 2.6 ghz, i f = 50 ma parameter typical units insertion loss 0.35 db return loss 16 db isolation 12.2 db max power (i f = 100 ma) +47 dbm
data sheet ? SMP1331-087LF: 45 w surface mount series connected pin diode skyworks solutions, inc. ? phone [ 781] 376-3000 ? fax [781] 376-3100 ? sales@ skyworksinc.com ? www.skyworksinc.com 203589a ? skyworks proprietary information ? products and product in formation are subject to cha nge without notice ? jun e 8, 2015 5 typical rf performance characteristics (t op = +25 c, characteristic impedance [z o ] = 50 , evb optimized with bias circ uit, unless otherwise noted) t s6 52 C 6 0 C50 C40 C30 C20 C10 0 +10 012345 6 | s -parameter s | (db) frequency (ghz) s 11 s 21 figure 6. s-parameter magnitude vs frequency (i f = 50 ma) t s6 53 012345 6 | s -parameter s | (db) frequency (ghz) C 6 0 C50 C40 C30 C20 C10 0 s 11 s 21 figure 7. s-parameter magnitude vs frequency (v rev = C30 v) t s6 54 C0. 6 C0.5 C0.4 C0.3 C0.2 C0.1 0 15 20 25 30 35 40 45 50 in s ertion lo ss (db) c w input power (dbm) i f = 100 ma i f = 50 ma figure 8. insertion loss vs cw input power (f = 2.6 ghz)
data sheet ? SMP1331-087LF: 45 w surface mount series connected pin diode skyworks solutions, inc. ? phone [ 781] 376-3000 ? fax [781] 376-3100 ? sales@ skyworksinc.com ? www.skyworksinc.com 6 june 8, 2015 ? skyworks prop rietary information ? products and product information are subj ect to change without notice ? 203589a figure 9. SMP1331-087LF evaluation board s2531 c ro ss s ection n a me thickness (in) m a teri a l top s olderma s k l1 (0.0028) c u foil laminate 0.012 0.000 6 roger s ro4003 c c ore l2 (0.0014) c u foil laminate (note 1) fr4 prepreg l3 (0.0014) c u foil laminate 0.010 0.000 6 fr4 c ore l4 (0.0028) c u foil bottom s olderma s k note 1: adjust this thickness to meet total thickness goal of 0.062 0.005 inches. figure 10. board layer detail physical characteristics
data sheet ? SMP1331-087LF: 45 w surface mount series connected pin diode skyworks solutions, inc. ? phone [ 781] 376-3000 ? fax [781] 376-3100 ? sales@ skyworksinc.com ? www.skyworksinc.com 203589a ? skyworks proprietary information ? products and product in formation are subject to cha nge without notice ? jun e 8, 2015 7 package dimensions the pcb layout footprint for the SMP1331-087LF is provided in figure 11. typical part markings are shown in figure 12. package dimensions for the SMP1331-087LF are provided in figure 13, and tape and reel dimensions are provided in figure 14. package and handling information instructions on the shipping container label regarding exposure to moisture after the container seal is broken must be followed. otherwise, problems related to moisture absorption may occur when the part is subjected to high temperature during solder assembly. the SMP1331-087LF is rated to moisture sensitivity level 1 (msl1) at 260 ? c. it can be used for lead or lead-free soldering. for additional information, refer to the skyworks application note, solder reflow information , document number 200164. care must be taken when attaching this product, whether it is done manually or in a production solder reflow environment. production quantities of this product are shipped in a standard tape and reel format. 0.25 2x 0.80 0.55 0.80 0.35 pin 2 pin 1 part outline expo s ed s oldering area, typical y0041 figure 11. SMP1331-087LF pcb layout footprint (top view) pin 1 indicator 12 12 s kywork s part marking rj y205 6 figure 12. typical part markings (top view)
data sheet ? SMP1331-087LF: 45 w surface mount series connected pin diode skyworks solutions, inc. ? phone [ 781] 376-3000 ? fax [781] 376-3100 ? sales@ skyworksinc.com ? www.skyworksinc.com 8 june 8, 2015 ? skyworks prop rietary information ? products and product information are subj ect to change without notice ? 203589a s19 8 9 2 pin 1 indicator 0. 9 0 0.1 detail a 0.4 0.1 0.30 0.05 expo s ed pad 21 21 detail a 1.15 + 0.1/C0.15 0.20 min. 0.20 1. 6 + 0.1/C0.15 top view s ide view bottom view 2 0.05 c 2x 0.05 c 2x 0.08 c 2x 3 5 0.10 c a b c s eating plane 0.0 C 0.05 all measurements are in millimeters. dimensioning and tolerancing according to asme y14.5m-1994. coplanarity applies to the exposed heat sink slug as well as the terminals.. dimension applies to metalized terminal and is measured between 0.10 mm and 0.30 mm from terminal tip. 0.10 m c a b figure 13. SMP1331-087LF package dimensions notes: 1. carrier tape: black conductive polystyrene. 2. cover tape material: transparent conductive hsa. 3. cover tape size: 5.40 mm width. 4. ten sprocket hole pitch cumulative tolerance = 0.20 mm. 5. esd surface resistivity is 1 x 10 8 ohms/square per eia, jedec tape and reel speci?cation. 6. ao and bo measurement point to be 0.30 mm from bottom pocket. 7. all measurements are in millimeters. 2.30 (ao) 2.30 (bo) 8.00 +0.30/C0.10 4.00 ( s ee note 4) 4.00 0.10 3.50 0.05 2.00 0.05 1.75 0.10 0.30 0.05 (t) a b 1.00 (ko) a b b a pin #1 ? 1.50+ 0.10/C0.00 ? 1.00 min. s1601 r0.30 typ. figure 14. SMP1331-087LF tape and reel dimensions
data sheet ? SMP1331-087LF: 45 w surface mount series connected pin diode skyworks solutions, inc. ? phone [ 781] 376-3000 ? fax [781] 376-3100 ? sales@ skyworksinc.com ? www.skyworksinc.com 203589a ? skyworks proprietary information ? products and product in formation are subject to cha nge without notice ? jun e 8, 2015 9 ordering information model name manufacturing part number evaluation board part number SMP1331-087LF: 45 w surface mount series conne cted pin diode SMP1331-087LF SMP1331-087LF evb copyright ? 2015 skyworks solutions, inc. all rights reserved. information in this document is provided in connection with skyw orks solutions, inc. (skyworks) products or services. these m aterials, including the information co ntained herein, are provided by skyworks as a service to its customers and may be used for info rmational purposes only by the cu stomer. skyworks assumes no res ponsibility for errors or omissions in these materials or the information contained herein. skyworks may change its documentat ion, products, services, specific ations or product descriptions at any time, without notice. skyworks makes no commitment to update the materials or information and shall have no responsi bility whatsoever for conflicts, incompatibilities, or other diff iculties arising from any future changes. no license, whether express, implied, by es toppel or otherwise, is granted to any in tellectual property rights by this document . skyworks assumes no liability for any materials, products or information provided hereunder, including the sale, distribution, re production or use of skyworks products, information or mate rials, except as may be provided in skyworks terms and conditions of sale. the materials, products and information are pr ovided as is without warranty of any ki nd, whether express, implied, statutory, or otherwise, includin g fitness for a particular purpose or use, merchantability, performance, quality or non-infrin g ement of any intellectual property ri g ht; all such warranties are hereby expressly disclaimed. skyworks does not warrant the accuracy or completeness of the information, text, g raphics or other items contained within these ma terials. skyworks shall not be liable for any dama g es, includin g but not limited to any special, indirect, incidental, statutory, or consequential dama g es, includin g without limitation, lost revenues or lost profits that may result from the use of the materials or information, wheth er or not the recipient of mat erials has been advised of the possibility of such dama g e. skyworks products are no t intended for use in medical, lifesaving or life-su staining applications, or other equipment in which the failure of the skyworks products could lead to personal injury, death, physical or environmental damage. skyw orks customers using or selli ng skyworks products for use in such applications do so at their own risk and agree to fully indemnify skyworks for any damages resulting from such improper use or sale. customers are responsible for their products and applications us ing skyworks products , which may deviate from published specifi cations as a result of design de fects, errors, or operation of products outside of published pa rameters or design specifications. customers sh ould include design and operating safeguards to minimize these and other risks. skyworks assumes no liability for applications assistance, customer product de sign, or damage to any equipment resulting from the use of skyw orks products outsid e of stated published specifications or parameters. skyworks and the skyworks symbol are trademarks or registered trad emarks of skyworks solutions, inc., in the united states and other countries. third-party brands and names are for identification purposes only, and are the pr operty of their respective owners. additi onal information, including relevant terms and conditions, posted at www.skyw orksinc.com, are incorporated by reference.


▲Up To Search▲   

 
Price & Availability of SMP1331-087LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X