Part Number Hot Search : 
2SK303 SA24A 9767AST 11800 MT1259C 4741A KP6010 XN04130
Product Description
Full Text Search
 

To Download SBAV70WT1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2015 april, 2015 ? rev. 8 publication order number: bav70wt1/d 1 bav70w, sbav70w dual switching diode common cathode features ? s prefix for automotive and other applications requiring unique site and control change requirements; aec?q101 qualified and ppap capable ? these devices are pb?free, halogen free/bfr free and are rohs compliant* maximum ratings (t a = 25 c) rating symbol max unit reverse voltage v r 100 v forward current i f 200 ma peak forward surge current i fm(surge) 500 ma stresses exceeding those listed in the maximum ratings table may damage the device. if any of these limits are exceeded, device functionality should not be assumed, damage may occur and reliability may be affected. thermal characteristics characteristic symbol max unit total device dissipation fr? 5 board (note 1) t a = 25 c derate above 25 c p d 200 1.6 mw mw/ c thermal resistance, junction?to?ambient r  ja 625 c/w total device dissipation alumina substrate (note 2) t a = 25 c derate above 25 c p d 300 2.4 mw mw/ c thermal resistance, junction?to?ambient r  ja 417 c/w junction and storage temperature t j , t stg ?55 to +150 c 1. fr? 5 = 1.0 0.75 0.062 in. 2. alumina = 0.4 0.3 0.024 in. 99.5% alumina. *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. www. onsemi.com sot?323 case 419 style 5 marking diagram a4 m   12 3 www. onsemi.com ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our t ape and reel packaging specification s brochure, brd8011/d. device package shipping ? ordering information bav70wt1g sot?323 (pb?free) 3,000 / tape & ree l 3 cathode anode 1 2 anode a4 = specific device code m = date code  = pb?free package (note: microdot may be in either location) SBAV70WT1G sot?323 (pb?free) 3,000 / tape & ree l
bav70w, sbav70w www. onsemi.com 2 electrical characteristics (t a = 25 c unless otherwise noted) characteristic symbol min max unit reverse breakdown voltage (i (br) = 100  a) v (br) 100 ? v reverse voltage leakage current (note 3) (v r = 100 v) (v r = 50 v) i r ? ? 1.0 100  a na forward voltage (i f = 1.0 ma) (i f = 10 ma) (i f = 50 ma) (i f = 150 ma) v f ? ? ? ? 715 855 1000 1250 mv diode capacitance (v r = 0 v, f = 1.0 mhz) c d ? 1.5 pf reverse recovery time (i f = i r = 10 ma, r l = 100  , i r(rec) = 1.0 ma) (figure 1) t rr ? 6.0 ns forward recovery voltage (i f = 10 ma, t r = 20 ns) (figure 2) v rf ? 1.75 v 3. for each individual diode while the second diode is unbiased.
bav70w, sbav70w www. onsemi.com 3 figure 1. recovery time equivalent test circuit r s = 50  bav70 i f sampling oscilloscope r l = 50  t r t p t 10% 90% v r input pulse +i f t rr output pulse 10%of v r 100  figure 2. r s = 50  bav70 sampling oscilloscope r l = 50  1 k  450  90% 10% t t r t p input pulse v v fr output pulse t i
bav70w, sbav70w www. onsemi.com 4 100 0.2 0.4 v f , forward voltage (volts) 0.6 0.8 1.0 1.2 10 1.0 0.1 t a = 85 c 10 0 v r , reverse voltage (volts) 1.0 0.1 0.01 0.001 10 20 30 40 50 1.0 0 v r , reverse voltage (volts) 0.9 0.8 0.7 0.6 c d , diode capacitance (pf) 2468 i f , forward current (ma) figure 3. forward voltage figure 4. leakage current figure 5. capacitance t a = -40 c t a = 25 c t a = 150 c t a = 125 c t a = 85 c t a = 55 c t a = 25 c i r , reverse current ( a)
bav70w, sbav70w www. onsemi.com 5 package dimensions sc?70 (sot?323) case 419?04 issue n style 5: pin 1. anode 2. anode 3. cathode a a2 d e1 b e e a1 c l 3 12 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 0.05 (0.002) 1.9 0.075 0.65 0.025 0.65 0.025 0.9 0.035 0.7 0.028  mm inches  scale 10:1 *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* h e dim a min nom max min millimeters 0.80 0.90 1.00 0.032 inches a1 0.00 0.05 0.10 0.000 a2 0.70 ref b 0.30 0.35 0.40 0.012 c 0.10 0.18 0.25 0.004 d 1.80 2.10 2.20 0.071 e 1.15 1.24 1.35 0.045 e 1.20 1.30 1.40 0.047 0.035 0.040 0.002 0.004 0.014 0.016 0.007 0.010 0.083 0.087 0.049 0.053 0.051 0.055 nom max l 2.00 2.10 2.40 0.079 0.083 0.095 h e e1 0.65 bsc 0.38 0.028 ref 0.026 bsc 0.015 0.20 0.56 0.008 0.022 on semiconductor and are registered trademarks of semiconductor co mponents industries, llc (scillc). scillc owns the rights to a numb er of patents, trademarks, copyrights, trade secrets, and other inte llectual property. a listing of scillc?s pr oduct/patent coverage may be accessed at ww w.onsemi.com/site/pdf/patent?marking.pdf. scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and s pecifically disclaims any and all liability, including without limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including ?typical s? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the right s of others. scillc products are not designed, intended, or a uthorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in whic h the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchase or us e scillc products for any such unintended or unauthorized appli cation, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unin tended or unauthorized use, even if such claim alleges that scil lc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyrig ht laws and is not for resale in any manner. p ublication ordering information n. american technical support : 800?282?9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81?3?5817?1050 bav70wt1/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303?675?2175 or 800?344?3860 toll free usa/canada fax : 303?675?2176 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your loc al sales representative


▲Up To Search▲   

 
Price & Availability of SBAV70WT1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X