Part Number Hot Search : 
200BZ MSW10N80 GTEC001 90ZFP C3940AR CM1611 GAAB50ZN 74ACT821
Product Description
Full Text Search
 

To Download RCP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  RCP www.vishay.com vishay dale revision: 13-dec-16 1 document number: 31098 for technical questions, contact: ff2aresistors@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 thick film chip resistors, industrial, high power, aluminum nitride substrate aluminum nitride over 3 x more power - same size features ? thick film resistive element on an aluminum nitride (aln) substrates ? very high thermal conductivity in a small package size ? termination: tin/lead wraparound termination over nickel barrier. also available with lead (pb)-free wraparound terminations. ? capability to develop specific reliability programs designed to customer requirements ? operating temperature ra nge: -55 c to +155 c ? high frequency performance to 6 ghz ? material categorization: fo r definitions of compliance please see www.vishay.com/doc?99912 note ? * this datasheet provides information about parts that are ? rohs-compliant and / or parts th at are non-rohs-compliant. for ? example, parts with lead (pb) te rminations are not rohs-compliant. ? please see the information / tables in this datasheet for details. notes ? consult factory for availability of additional case sizes. (1) the power rating depe nds on the maximum temperature of the resistive elemen t. the temperature of the resistive element and adja cent materials will rise due to the po wer dissipation of the resistor. the majority of this heat/energy is dissipated by conduction through the substrate, terminations, solder joints, and printed circuit board. the maximum power rating in a particular application only ap plies if the temperature of the resistive element is maintained at or below 155 c. note ? for additional information on packaging, refer to the surface mount resistor packaging document ( www.vishay.com/doc?31543 ). material specifications resistive element ruthenium oxide encapsulation epoxy substrate aluminum nitride termination solder-coated nickel barrier solder finish pure tin or tin/lead solder alloy available available standard electrical specifications global ? model case size power rating (1) (standard board mount) p 25 c w power rating (1) (active temperature control) w maximum working voltage v resistance range ? tolerance % temperature coefficient ppm/c RCP0505 0505 1.4 5.0 10 to 2k 1, 2, 5 150 RCP0603 0603 1.5 3.9 10 to 2k 1, 2, 5 150 RCP1206 1206 2.4 11 10 to 2k 1, 2, 5 150 RCP2512 2512 3.5 22 10 to 2k 1, 2, 5 150 global part number information new global part numbering: RCP1206w100rgwb (preferred part numbering format) global model bottom term. resistance value tolerance code packaging code special RCP0505 RCP0603 RCP1206 RCP2512 w = wide b = traditional r = ? k = k ? 10r0 = 10 ? 1k30 = 1.3 k ? f = 1 % g = 2 % j = 5 % tp = tin / lead, t/r (full reel) s3 = tin / lead, t/r (1000 pieces) wb = tin / lead, tray s2 = tin / lead, t/r (500 pieces) s6 = tin / lead, t/r (300 pieces) blank = standard (dash number) (up to 3 digits) from 1 to 999 as applicable ea = lead (pb)-free, t/r (full reel) eb = lead (pb)-free, t/r (1000 pieces) et = lead (pb)-free, tray ec = lead (pb)-free, t/r (500 pieces) ed = lead (pb)-free, t/r (300 pieces) p x r p x r p x r p x r cp1206w10 r 0rgwb
RCP www.vishay.com vishay dale revision: 13-dec-16 2 document number: 31098 for technical questions, contact: ff2aresistors@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 performance test conditions of test test results (typical test lots) resistance to soldering heat 2 cy cles; > 183 c for 90 s to 120 s ? 0.20 % resistance temperature characteristic -55 c to +125 c ? 120 ppm low temperature operation -65 c at rated voltage ? 0.02 % short time overload RCP0505 3.1 w applied for 5 s ? 0.10 % RCP0603 4.4 w applied for 5 s RCP1206 4.7 w applied for 5 s RCP2512 7.7 w applied for 5 s high temperature expo sure +150 c for 100 h ? 0.10 % moisture resistance 240 h at ? 80 % rh ? 0.15 % life 1000 h at +70 c ? 0.10 % solderability j-std-202, test b 95 % coverage per mil-prf-55342: no evidence of mechanical damage solder mounting integrity RCP0505 1 kg force applied RCP0603 2 kg force applied RCP1206 2 kg force applied RCP2512 3 kg force applied dimensions in inches (millimeters) global ? model a (length) b (width) c (height) d (top term) e (bottom term) RCP0505w 0.055 0.005 (1.40 0.13) 0.050 0.005 (1.27 0.13) 0.020 0.005 (0.51 0.13) 0.010 0.005 (0.25 0.13) 0.020 0.005 (0.51 0.13) RCP0505b 0.055 0.005 (1.40 0.13) 0.050 0.005 (1.27 0.13) 0.020 0.005 (0.51 0.13) 0.010 0.005 (0.25 0.13) 0.015 0.005 (0.38 0.13) RCP0603w 0.063 0.005 (1.60 0.13) 0.032 0.005 (0.81 0.13) 0.018 0.005 (0.46 0.13) 0.012 0.005 (0.30 0.13) 0.023 0.005 (0.58 0.13) RCP0603b 0.063 0.005 (1.60 0.13) 0.032 0.005 (0.81 0.13) 0.018 0.005 (0.46 0.13) 0.012 0.005 (0.30 0.13) 0.015 0.005 (0.38 0.13) RCP1206w 0.122 0.005 (3.10 0.13) 0.060 0.005 (1.52 0.13) 0.020 0.005 (0.51 0.13) 0.015 0.005 (0.38 0.13) 0.048 0.005 (1.22 0.13) RCP1206b 0.122 0.005 (3.10 0.13) 0.060 0.005 (1.52 0.13) 0.020 0.005 (0.51 0.13) 0.015 0.005 (0.38 0.13) 0.015 0.005 (0.38 0.13) RCP2512w 0.250 0.005 (6.35 0.13) 0.124 0.005 (3.15 0.13) 0.020 0.005 (0.51 0.13) 0.020 0.005 (0.51 0.13) 0.113 0.005 (2.87 0.13) RCP2512b 0.250 0.005 (6.35 0.13) 0.124 0.005 (3.15 0.13) 0.020 0.005 (0.51 0.13) 0.020 0.005 (0.51 0.13) 0.020 0.005 (0.51 0.13) b a d c e a d c e wide bottom terminal (w) traditional terminal (b)
RCP www.vishay.com vishay dale revision: 13-dec-16 3 document number: 31098 for technical questions, contact: ff2aresistors@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 recommended solder pad dimensions in inches (millimeters) global ? model a (length) b (width) l (spacing) RCP0505w 0.040 (1.02) 0.055 (1.40) 0.015 (0.38) RCP0505b 0.035 (0.89) 0.055 (1.40) 0.025 (0.64) RCP0603w 0.043 (1.09) 0.037 (0.94) 0.018 (0.46) RCP0603b 0.035 (0.89) 0.037 (0.94) 0.033 (0.84) RCP1206w 0.068 (1.73) 0.066 (1.68) 0.018 (0.46) RCP1206b 0.037 (0.94) 0.066 (1.68) 0.081 (2.06) RCP2512w 0.133 (3.38) 0.129 (3.28) 0.024 (0.61) RCP2512b 0.040 (1.02) 0.129 (3.28) 0.210 (5.33) l aa b l aa b wide bottom terminal (w) traditional terminal (b)
legal disclaimer notice www.vishay.com vishay revision: 13-jun-16 1 document number: 91000 disclaimer ? all product, product specifications and data ar e subject to change with out notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of th e products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product , (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all implied warranties, includ ing warranties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain types of applicatio ns are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular applic ation. it is the customers responsibility to validate tha t a particular product with the prope rties described in the product sp ecification is suitable for use in a particular application. parameters provided in datasheets and / or specifications may vary in different ap plications and perfor mance may vary over time. all operating parameters, including ty pical parameters, must be va lidated for each customer application by the customer s technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product could result in personal injury or death. customers using or selling vishay product s not expressly indicated for use in such applications do so at their own risk. please contact authorized vishay personnel to obtain writ ten terms and conditions rega rding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of RCP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X