Part Number Hot Search : 
UF5400 LT44301 R15M03 E1C47 BD899A D1065 OL5200N BRY56
Product Description
Full Text Search
 

To Download RCD100N19 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  RCD100N19 nch 190v 10a power mosfet ? outline v dss 190v cpt3 (sc-63) r ds(on) (max.) 182m ? i d 10a p d 85w ? features ? inner circuit 1) low voltage drive (4v drive). 2) low on-resistance. 3) fast switching speed. 4) drive circuits can be simple. 5) parallel use is easy. 6) pb-free lead plating ; rohs compliant ? packaging specifications 7) 100% avalanche tested type packaging taping ? application reel size (mm) 330 switching power supply tape width (mm) 16 automotive motor drive basic ordering unit (pcs) 2,500 drain - source voltage v dss 190 v automotive solenoid drive taping code tl marking c10n19 ? absolute maximum ratings (t a = 25c) parameter symbol value unit pulsed drain current i d,pulse *2 ? 40 a t c = 25c t c = 100c continuous drain current i d *1 a ? 10 i d *1 ? 5.4 a p d 0.85 w avalanche energy, single pulse avalanche current t c = 25c t a = 25c *4 power dissipation gate - source voltage v gss ? 20 v p d 85 w mj a e as *3 i ar *3 8.33 5.0 junction temperature t j 150 c range of storage temperature t stg ? 55 to ? 150 c ? 1 body diode (1) gate (2) drain (3) source ?1 (1) (2) (3) (1) (2) (3) 1/12 2016.02 - rev.b datasheet www.rohm.com ? 2015 rohm co., ltd. all rights reserved. not recommended for new designs
RCD100N19 thermal resistance, junction - case -10 - 100 values min. typ. max. drain - source breakdown voltage zero gate voltage drain current v (br)dss i dss - - v ds = 190v, v gs = 0v t j = 25c v ds = 190v, v gs = 0v v gs = 0v, i d = 1ma ? thermal resistance parameter symbol symbol conditions t sold thermal resistance, junction - ambient *4 soldering temperature, wavesoldering for 10s r thja r thjc ? electrical characteristics (t a = 25c) parameter values unit min. typ. max. - 1.46 c/w - - c/w 147 - c v 190 - - - - 265 unit ? 100 na t j = 125c v gate threshold voltage v gs (th) v ds = 10v, i d = 1ma 0.5 - 2.5 gate - source leakage current i gss v gs = ? 20v, v ds = 0v -- ? a m ? s static drain - source on - state resistance v gs = 10v, i d = 5.0a - 130 182 - 195 g fs v gs = 4.0v, i d = 5.0a 275 r ds(on) *5 forward transfer admittance v ds = 10v, i d = 5.0a 6 v gs = 10v, i d = 5.0a t j = 125c - - 136 190 12 2/12 2016.02 - rev.b www.rohm.com ? 2015 rohm co., ltd. all rights reserved. data sheet not recommended for new designs
RCD100N19 *1 limited only by maximum temperature allowed. *2 pw ? 10? s, duty cycle ? 1% *3 l ? 500? h, v dd = 50v, rg = 25 ? , starting t j = 25c *4 mounted on a epoxy pcb fr4 (20mm 30mm 0.8mm) *5 pulsed - continuous source current 52 - i s = 5.0a di/dt = 100a/ ? s reverse recovery charge q rr *5 - 255 - z body diode electrical characteristics (source-drain)(t a = 25c) parameter symbol conditions values unit min. typ. max. gate plateau voltage v (plateau) v dd ? 100v, i d = 10a -2.5 nc 40 a forward voltage v sd *5 v gs = 0v, i s = 10a --1.5v 95 - ns t c = 25c reverse recovery time t rr *5 i s *1 --10a pulsed source current i sm *2 - z electrical characteristics (t a = 25c) parameter symbol conditions values unit min. typ. max. pf output capacitance c oss v ds = 25v -95- reverse transfer capacitance c rss f = 1mhz input capacitance c iss v gs = 0v - 2000 - -60- turn - on delay time t d(on) *5 v dd ? 100v, v gs = 10v -15- ns rise time t r *5 i d = 5.0a -20- turn - off delay time t d(off) *5 r l = 20 ? - 140 - fall time t f *5 r g = 10 ? -75- z gate charge characteristics (t a = 25c) parameter symbol conditions values unit min. typ. max. - -v i d = 10a v gs = 10v -5- gate - drain charge q gd *5 -11- nc gate - source charge q gs *5 total gate charge q g *5 v dd ? 100v - 3/12 2016.02 - rev.b www.rohm.com ? 2015 rohm co., ltd. all rights reserved. data sheet not recommended for new designs
RCD100N19 ? electrical characteristic curves 0 20 40 60 80 100 120 0 25 50 75 100 125 150 175 0.01 0.1 1 10 0.0001 0.01 1 100 top d = 1 d = 0.5 d = 0.1 d = 0.05 d = 0.01 d = single t a =25oc single pulse r th(j-c)(t) = r (t) r th(ch-c) r th(j-c) = 147oc/w 0.01 0.1 1 10 100 0.1 1 10 100 1000 t a =25oc single pulse p w = 100p s operation in this area is limited by r ds(on) p w = 1ms p w = 10ms fig.1 power dissipation derating curve fig.2 maximum safe operating area power dissipation : p d /p d max. [%] drain current : i d [a] fig.3 normalized transient thermal resistance vs. pulse width normalized transient thermal resistance : r (t) pulse width : p w [s] junction temperature : t j [ c] drain - source voltage : v ds [v] 4/12 2016.02 - rev.b www.rohm.com ? 2015 rohm co., ltd. all rights reserved. data sheet not recommended for new designs
RCD100N19 ? electrical characteristic curves 0 0.5 1 1.5 2 2.5 0 0.2 0.4 0.6 0.8 1 v gs =2.0v t a =25oc pulsed v gs =10.0v v gs =4.0v v gs =4.5v v gs =2.5v v gs =3.0v 0 1 2 3 4 5 6 7 8 9 10 0246810 v gs =2.0v t a =25oc pulsed v gs =10.0v v gs =4.0v v gs =4.5v v gs =2.8v v gs =3.0v 0.1 1 10 100 0.01 0.1 1 10 100 v dd =50v,r g =25 ? v gf =10v,v gr =0v starting t ch =25oc 0 20 40 60 80 100 120 0 25 50 75 100 125 150 175 fig.6 typical output characteristics(i) drain current : i d [a] drain - source voltage : v ds [v] fig.7 typical output characteristics(ii) drain current : i d [a] drain - source voltage : v ds [v] fig.4 avalanche current vs inductive load avalanche current : i as [a] coil inductance : l [mh] fig.5 avalanche energy derating curve vs junction temperature avalanche energy : e as / e as max. [%] junction temperature : t j [ r c] 5/12 2016.02 - rev.b www.rohm.com ? 2015 rohm co., ltd. all rights reserved. data sheet not recommended for new designs
RCD100N19 ? electrical characteristic curves 150 160 170 180 190 200 210 220 230 240 250 -50 0 50 100 150 v gs = 0v i d = 1ma 0.001 0.01 0.1 1 10 100 012345 v ds = 10v t a = 125oc t a = 75oc t a = 25oc t a = ? 25oc 0.0 0.5 1.0 1.5 2.0 2.5 3.0 -50 -25 0 25 50 75 100 125 150 v ds = 10v i d = 1ma 0.01 0.1 1 10 100 0.01 0.1 1 10 100 v ds = 10v t a = ? 25oc t a =25oc t a =75oc t a =125oc fig.10 gate threshold voltage vs. junction temperature gate threshold voltage : v gs(th) [v] junction temperature : t j [ r c] fig.11 transconductance vs. drain current transconductance : g fs [s] drain current : i d [a] fig.8 breakdown voltage vs. junction temperature junction temperature : t j [ r c] fig.9 typical transfer characteristics gate - source voltage : v gs [v] drain current : i d [a] normarize drain - source breakdown voltage : v (br)dss [v] 6/12 2016.02 - rev.b www.rohm.com ? 2015 rohm co., ltd. all rights reserved. data sheet not recommended for new designs
RCD100N19 ? electrical characteristic curves 0 50 100 150 200 250 300 0 5 10 15 t a =25oc i d = 10a i d = 5a 10 100 1000 0.01 0.1 1 10 100 t a =25oc v gs = 10v v gs = 4.0v 50 100 150 200 250 -50 0 50 100 150 v gs = 10v i d = 5a fig.13 static drain - source on - state resistance vs. drain current(i) static drain - source on-state resistance : r ds(on) [m ? ] junction temperature : t j [oc] fig.14 static drain - source on - state resistance vs. junction temperature static drain - source on-state resistance : r ds(on) [m ? ] drain current : i d [a] fig.12 static drain - source on - state resistance vs. gate source voltage static drain - source on-state resistance : r ds(on) [m ? ] gate - source voltage : v gs [v] 7/12 2016.02 - rev.b www.rohm.com ? 2015 rohm co., ltd. all rights reserved. data sheet not recommended for new designs
RCD100N19 ? electrical characteristic curves 10 100 1000 0.01 0.1 1 10 100 t a =125oc t a =75oc t a =25oc t a = ? 25oc v gs = 10v 10 100 1000 0.01 0.1 1 10 100 t a =125oc t a =75oc t a =25oc t a = ? 25oc v gs = 4.0v 0 20 40 60 80 100 120 0 25 50 75 100 125 150 175 fig.15 static drain - source on - state resistance vs. drain current(ii) static drain - source on-state resistance : r ds(on) [m ? ] drain current : i d [a] fig.17 drain current derating curve drain current dissipation : i d /i d max. (%) junction temperature : t j [ r c] fig.16 static drain - source on - state resistance vs. drain current(iii) static drain - source on-state resistance : r ds(on) [m ? ] drain current : i d [a] 8/12 2016.02 - rev.b www.rohm.com ? 2015 rohm co., ltd. all rights reserved. data sheet not recommended for new designs
RCD100N19 ? electrical characteristic curves 10 100 1000 10000 100000 0.01 0.1 1 10 100 1000 c oss c rss c iss t a =25oc f=1mhz v gs =0v 1 10 100 1000 10000 0.01 0.1 1 10 100 t r t f t d(on) t d(off) t a =25oc v dd = 100v v gs = 10v r g =10 ? 0 5 10 0 5 10 15 20 25 30 35 40 45 50 55 60 t a =25oc v dd = 100v i d = 10a r g =10 ? fig.18 typical capacitance vs. drain - source voltage capacitance : c [pf] drain - source voltage : v ds [v] fig.20 dynamic input characteristics gate - source voltage : v gs [v] total gate charge : q g [nc] fig.19 switching characteristics switching time : t [ns] drain current : i d [a] 9/12 2016.02 - rev.b www.rohm.com ? 2015 rohm co., ltd. all rights reserved. data sheet not recommended for new designs
RCD100N19 ? electrical characteristic curves 10 100 1000 0.1 1 10 100 t a =25oc di / dt = 100a / ? s v gs = 0v 0.01 0.1 1 10 100 0.0 0.5 1.0 1.5 v gs =0v t a =125oc t a =75oc t a =25oc t a = ? 25oc fig.21 source current vs. source - drain voltage source current : i s [a] source-drain voltage : v sd [v] fig22 reverse recovery time vs.source current reverse recovery time : trr [ns] source current : i s [a] 10/12 2016.02 - rev.b www.rohm.com ? 2015 rohm co., ltd. all rights reserved. data sheet not recommended for new designs
RCD100N19 ? measurement circuits fig.1-1 switching time measurement circuit fig.1-2 switching waveforms fig.2-1 gate charge measurement circuit fig.2-2 gate charge waveform fig.3-1 avalanche measurement circuit fig.3-2 avalanche waveform v gs i g(const.) v ds d.u.t. i d r l v dd 90% 90% 90% 10% 10% 50% 10% 50% v gs pulse width v ds t on t off t r t d(on) t f t d(off) v gs r g v ds d.u.t. i d r l v dd v g v gs charge q g q gs q gd v gs r g v ds d.u.t. i as l v dd i as v dd v (br)dss i as 2 l e as = v (br)dss - v dd v (br)dss 1 2 11/12 2016.02 - rev.b www.rohm.com ? 2015 rohm co., ltd. all rights reserved. data sheet not recommended for new designs
RCD100N19 ? dimensions (unit : mm) dimension in mm/inches cpt3 d b1 e b b3 b2 l3 a2 h a1 a3 c l1 lp x ba l e l2 l3 l2 l1 b6 b5 e l4 c1 b a m i nm a xm i nm a x a1 0.00 0.15 0 0.006 a2 2.20 2.50 0.087 0.098 a3 b 0.55 0.75 0.022 0.03 b1 5.00 5.30 0.197 0.209 b2 b3 c 0.40 0.60 0.016 0.024 c1 0.40 0.60 0.016 0.024 d 6.30 6.70 0.248 0.264 e 5.40 5.80 0.213 0.228 e h e 9.00 10.00 0.354 0.394 l 2.20 2.80 0.087 0.11 l1 0.80 1.40 0.031 0.055 l2 1.20 1.80 0.047 0.071 l3 l4 lp 1.00 1.60 0.039 0.063 x - 0.25 - 0.01 minmaxminmax b5 - 1.00 - 0.04 b6 - 5.20 - 0.205 1 - 2.50 - 0.098 2 - 5.50 - 0.217 3 - 10.00 - 0.394 0.90 0.035 0.25 0.01 2.30 0.09 5.30 0.209 dim milimeters inches dim milimeters inches 5.00 0.20 0.75 0.03 12/12 2016.02 - rev.b www.rohm.com ? 2015 rohm co., ltd. all rights reserved. data sheet not recommended for new designs
notice - p ga - e rev.00 3 ? 201 5 rohm co., ltd. all rights reserved. notice precaution on using rohm products 1. our products are designed and manufactured for application in ordinary electronic equipments (such as av equipment, oa equipment, telecommunication equipment, home electronic appliances, amusement equipment, etc.). if you intend to use our products in devices requiring extremely high reliability (such as medical equipment (note 1) , transport equipment, traffic equipment, aircraft/spacecraft, nuclear power controllers, fuel controllers, car equipment including car accessories, safety devices, etc.) and whose malfunction or failure may cause loss of human life, bodily injury or serious damage to property ( specific applications ), please consult with the rohm sales representative in advance. unless otherwise agreed in writing by rohm in advance, rohm shall not be in any way responsible or liable for any damages, expenses or losses incurred by you or third parties arising from the use of any rohm s products for specific applications. (n ote1) m edical equipment c lassification of the s pecific applications japan usa eu china class class class b class class class 2. rohm designs and manufactures its products subject to strict quality control system. however, semiconductor products can fail or malfunction at a certain rate. please be sure to implement, at your own responsibilities, adequate safety measures including but not limited to fail-safe design against the physical injury, damage to any property, which a failure or malfunction of our products may cause. the following are examples of safety measures: [a] installation of protection circuits or other protective devices to improve system safety [b] installation of redundant circuits to reduce the impact of single or multiple circuit failure 3. our products are designed and manufactured for use under standard conditions and not under any special or extraordinary environments or conditions, as exemplified below. accordingly, rohm shall not be in any way responsible or liable for any damages, expenses or losses arising from the use of any rohms products under any special or extraordinary environments or conditions. if you intend to use our products under any special or extraordinary environments or conditions (as exemplified below), your independent verification and confirmation of product performance, reliability, etc, prior to use, must be necessary: [a] use of our products in any types of liquid, including water, oils, chemicals, and organic solvents [b] use of our products outdoors or in places where the products are exposed to direct sunlight or dust [c] use of our products in places where the products are exposed to sea wind or corrosive gases, including cl 2 , h 2 s, nh 3 , so 2 , and no 2 [d] use of our products in places where the products are exposed to static electricity or electromagnetic waves [e] use of our products in proximity to heat-producing components, plastic cords, or other flammable items [f] sealing or coating our products with resin or other coating materials [g] use of our products without cleaning residue of flux (even if you use no-clean type fluxes, cleaning residue of flux is recommended); or washing our products by using water or water-soluble cleaning agents for cleaning residue after soldering [h] use of the products in places subject to dew condensation 4. the products are not subject to radiation-proof design. 5. please verify and confirm characteristics of the final or mounted products in using the products. 6 . in particular, if a transient load (a large amount of load applied in a short period of time, such as pulse. is applied, confirmation of performance characteristics after on-board mounting is strongly recommended. avoid applying power exceeding normal rated power; exceeding the power rating under steady-state loading condition may negatively affect product performance and reliability. 7 . de -rate power dissipation depending on ambient temperature. when used in sealed area, confirm that it is the use in the range that does not exceed the maximum junction temperature. 8 . confirm that operation temperature is within the specified range described in the product specification. 9 . rohm shall not be in any way responsible or liable for failure induced under deviant condition from what is defined in this document. precaution for mounting / circuit board design 1. when a highly active halogenous (chlorine, bromine, etc.) flux is used, the residue of flux may negatively affect product performance and reliability. 2. in principle, the reflow soldering method must be used on a surface-mount products, the flow soldering method must be used on a through hole mount products. i f the flow soldering method is preferred on a surface-mount products , please consult with the rohm representative in advance. for details, please refer to rohm mounting specification not recommended for new designs
notice - p ga - e rev.00 3 ? 201 5 rohm co., ltd. all rights reserved. precautions regarding application examples and external circuits 1. if change is made to the constant of an external circuit, please allow a sufficient margin considering variations of the characteristics of the products and external components, including transient characteristics, as well as static characteristics. 2. you agree that application notes, reference designs, and associated data and information contained in this document are presented only as guidance for products use. therefore, in case you use such information, you are solely responsible for it and you must exercise your own independent verification and judgment in the use of such information contained in this document. rohm shall not be in any way responsible or liable for any damages, expenses or losses incurred by you or third parties arising from the use of such information. precaution for electrostatic this product is electrostatic sensitive product, which may be damaged due to electrostatic discharge. please take proper caution in your manufacturing process and storage so that voltage exceeding the products maximum rating will not be applied to products. please take special care under dry condition (e.g. grounding of human body / equipment / solder iron, isolation from charged objects, setting of ionizer, friction prevention and temperature / humidity control). precaution for storage / transportation 1. product performance and soldered connections may deteriorate if the products are stored in the places where: [a] the products are exposed to sea winds or corrosive gases, including cl2, h2s, nh3, so2, and no2 [b] the temperature or humidity exceeds those recommended by rohm [c] the products are exposed to direct sunshine or condensation [d] the products are exposed to high electrostatic 2. even under rohm recommended storage condition, solderability of products out of recommended storage time period may be degraded. it is strongly recommended to confirm solderability before using products of which storage time is exceeding the recommended storage time period. 3. store / transport cartons in the correct direction, which is indicated on a carton with a symbol. otherwise bent leads may occur due to excessive stress applied when dropping of a carton. 4. use products within the specified time after opening a humidity barrier bag. baking is required before using products of which storage time is exceeding the recommended storage time period. precaution for product label a two-dimensional barcode printed on rohm products label is for rohm s internal use only. precaution for disposition when disposing products please dispose them properly using an authorized industry waste company. precaution for foreign exchange and foreign trade act since concerned goods might be fallen under listed items of export control prescribed by foreign exchange and foreign trade act, please consult with rohm in case of export. precaution regarding intellectual property rights 1. all information and data including but not limited to application example contained in this document is for reference only. rohm does not warrant that foregoing information or data will not infringe any intellectual property rights or any other rights of any third party regarding such information or data. 2. rohm shall not have any obligations where the claims, actions or demands arising from the combination of the products with other articles such as components, circuits, systems or external equipment (including software). 3. no license, expressly or implied, is granted hereby under any intellectual property rights or other rights of rohm or any third parties with respect to the products or the information contained in this document. provided, however, that rohm will not assert it s intellectual property rights or other rights against you or your customers to the extent necessary to manufacture or sell products containing the products, subject to the terms and conditions herein. other precaution 1. this document may not be reprinted or reproduced, in whole or in part, without prior written consent of rohm. 2. the products may not be disassemble d, converted, modified, reproduced or otherwise changed without prior written consent of rohm. 3. i n no event shall you use in any way whatso ever the products and the related technical information contained in the products or this document for any military purposes , including but not limited to, the development of mass - destruction weapons . 4. the proper names of companies or products described in this document are trademarks or registered trademarks of rohm, its affiliated companies or third parties. not recommended for new designs


▲Up To Search▲   

 
Price & Availability of RCD100N19

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X