p p js 6800 december 3 1 ,2014 - rev.0 3 page 1 3 0 v n - c hannel enhancement mode mosfet voltage 3 0 v current 3.9 a sot - 23 6l - 1 unit : inch(mm f eatures ? rds(on) , vgs @ 10 v , id @ 3.9 a< 4 8 m ? ? r ds(on) , vgs@ 4.5 v , i d @ 3. 2 a< 5 3 m ? ? rds(on) , vgs @ 2 . 5 v, id @ 2.5 a< 6 6 m ? ? advanced trench process technology ? specially designed for switch load, pwm application, etc ? lead free in compliance with eu rohs 2011/65/eu directive . ? green molding compound as per iec61249 std. (halogen free) mechanical data ? case: so t - 23 6l - 1 package ? terminals : solderable per mil - std - 750, method 2026 ? approx. weight: 0.0005 ounces, 0.014 grams ? marking: st 0 parameter symbol limit units drain - source voltage v ds 3 0 v gate - source voltage v gs + 12 v continuous drain current i d 3. 9 a pulsed drain current i dm 1 5.6 a power dissipation t a =25 o c p d 1.25 w derate above 25 o c 10 m w/ o c operatin g junction an d storage temperature range t j ,t stg - 55~150 o c typical thermal resistance - j unction to ambient (note 3 ) r ja 10 0 o c /w maximum ratings and thermal characteristics (t a =25 o c unless otherwise noted)
p p js 6800 december 3 1 ,2014 - rev.0 3 page 2 e lectrical c haracteristics (t a =25 o c unless otherwise noted) parameter symbol test condition min. typ. max. units static drain - source breakdown voltage bv dss v gs = 0 v, i d = 25 0ua 3 0 - - v gate threshold voltage v gs(th) v ds =v gs , i d = 250 ua 0. 4 0.7 2 1. 2 v drain - source on - state resistance r ds(on) v gs = 10 v, i d = 3.9 a - 41 4 8 m v gs = 4.5 v, i d = 3. 2 a - 4 4 5 3 v gs = 2.5 v, i d = 2.5 a - 51 6 6 zero gate voltage drain curr ent i dss v ds = 3 0 v, v gs =0v - 0.01 1 u a gate - source leakage current i gss v gs = + 12 v, v ds =0v - + 10 + 10 0 n a dynamic total gate charge q g v ds = 15 v, i d = 3.9 a, v gs = 10v (note 1 , 2 ) - 11.3 - nc gate - source charge q gs - 1.2 - gate - drain charge q gd - 1.6 - input capacitance ciss v ds = 1 5v, v gs = 0 v, f=1.0mhz - 490 - pf output capacitance coss - 44 - reverse transfer capacitance crss - 32 - switching turn - on delay time t d (on) v dd = 15 v, i d = 3.9 a, v g s = 10v, r g = 6 (note 1 , 2 ) - 2 - ns turn - on rise time tr - 57 - turn - o ff delay time t d (off) - 7 8 - turn - o ff fall time tf - 7 9 - drain - source diode maximum continuous drain - source diode forward current i s --- - - 1. 5 a diode forward voltage v sd i s = 1.0 a, v gs = 0 v - 0. 77 1.2 v notes : 1. pulse width < 300us, duty cycle < 2% 2. essentially independent of operating temperature typical characteristics . 3. r ? ja is the sum of the junction - to - case and case - to - ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins m ounted on a 1 inch fr - 4 with 2oz . square pad of copper 4. the maximum current rating is package limited
p p js 6800 december 3 1 ,2014 - rev.0 3 page 3 t ypical characteristic curves fig.1 on - region characteristics fig. 2 transfer characteristi cs fig. 3 on - resistance vs. drain current fig. 4 on - resistance vs. junction temperature fig. 5 on - resistance variation with vgs. fig. 6 body d i ode characteristics
p p js 6800 december 3 1 ,2014 - rev.0 3 page 4 t ypical characteristic curves fig. 7 gate - charge characteristics fig. 8 threshold voltage variation with temperature fig. 9 capacitance vs. drain - source voltage .
p p js 6800 december 3 1 ,2014 - rev.0 3 page 5 part no packing code version mounting pad layout part no packing code package type packing type marking ver sion pjs 6800 _ s 1_00001 sot - 23 6l - 1 3k pcs / 7
p p js 6800 december 3 1 ,2014 - rev.0 3 page 6 disclaimer
|