Part Number Hot Search : 
HAL203 DS2109S 5A25T 00970 TSOP17 AP131 LT1204 BD638
Product Description
Full Text Search
 

To Download PJS6407 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  p p js 6407 december 3 1 ,2014 - rev.0 3 page 1 3 0 v p - c hannel enhancement mode mosfet voltage - 3 0 v current - 4.9 a sot - 23 6l - 1 unit : inch(mm) f eatures ? r ds(on) , v gs @ - 10 v , i d @ - 4.9 a< 64 m ? ? r ds(on) , v gs @ - 4 .5 v , i d @ - 3.3 a< 79 m ? ? advanced t rench process technology ? specially designed for switch load, pwm application, etc ? lead free in compliance with eu rohs 2011/65/eu directive. ? green molding compound as per iec61249 std. (halogen free) mechanical data ? case: sot - 23 6l - 1 package ? terminals : solderable per mil - std - 750, method 2026 ? approx. weight: 0.0005 ounces, 0.014 grams ? marking: s07 parameter symbol limit units drain - source voltage v ds - 3 0 v gate - source voltage v gs + 2 0 v continuous drain current i d - 4. 9 a pulsed drain current i dm - 1 9. 6 a power dissipation t a =25 o c p d 2 w derate above 25 o c 1 6 m w/ o c operatin g junction an d storage temperature range t j ,t stg - 55~150 o c typical thermal resistance - j unction to ambient (note 3 ) r ja 62.5 o c /w maximum ratings and thermal char acteristics (t a =25 o c unless otherwise noted)
p p js 6407 december 3 1 ,2014 - rev.0 3 page 2 e lectrical c haracteristics (t a =25 o c unless otherwise noted) parameter symbol test condition min. typ. max. units static drain - source breakdown voltage bv dss v gs = 0 v, i d = - 25 0ua - 3 0 - - v gate threshold voltage v gs(th) v ds = v gs , i d = - 250 ua - 1 - 1. 3 6 - 2.1 v drain - source on - state resistance r ds(on) v gs = - 10 v, i d = - 4.9 a - 52 64 m v gs = - 4.5 v, i d = - 3.3 a - 66 79 zero gate voltage drain current i dss v ds = - 3 0 v, v gs =0v - - 0.01 - 1 u a gate - source leakage current i gss v gs = + 2 0 v, v ds =0v - + 10 + 10 0 n a dynamic total gate charge q g v ds = - 1 5 v, i d = - 4.9 a, v gs = - 10 v (note 1 , 2 ) - 1 4 - nc gate - s ource charge q gs - 2 - gate - drain charge q gd - 2.5 - input capacitance ciss v ds = - 1 5v, v gs = 0 v, f=1.0mhz - 528 - pf output capacitance coss - 63 - reverse transfer capacitance crss - 48 - switching turn - on delay time t d (on) v dd = - 15 v, i d = - 4.9 a, v g s = - 10v, r g = 6 (note 1 , 2 ) - 5.3 - ns turn - on rise time tr - 35 - turn - o ff delay time t d (off) - 30 - turn - o ff fall time tf - 11 - drain - source diode maximum continuous drain - source diode forward current i s --- - - - 2.0 a diode forward voltage v sd i s = - 1 .0 a, v g s = 0 v - 0. 74 - 1. 2 v notes : 1. pulse width < 300us, duty cycle < 2% 2. essentially independent of operating temperature typical characteristics . 3. r ? ja is the sum of the junction - to - case and case - to - ambient thermal resistance where the case thermal reference is defin ed as the solder mounting surface of the drain pins m ounted on a 1 inch fr - 4 with 2oz . square pad of copper 4. the maximum current rating is package limited
p p js 6407 december 3 1 ,2014 - rev.0 3 page 3 t ypical characteristic curves fig.1 on - region characteristics fig. 2 transfer characte ristics fig. 3 on - resistance vs. drain current fig. 4 on - resistance vs. junction temperature fig. 5 on - resistance variation with vgs. fig. 6 body d i ode characteristics
p p js 6407 december 3 1 ,2014 - rev.0 3 page 4 t ypical characteristic curves fig. 7 gate - charge characteris tics fig. 8 threshold voltage variation with temperature . fig. 9 capacitance vs. drain - source voltage.
p p js 6407 december 3 1 ,2014 - rev.0 3 page 5 part no packing code version mounting pad layout part no packing code package type packing type marking ver sion PJS6407_s 1_00001 sot - 23 6l - 1 3k pcs / 7
p p js 6407 december 3 1 ,2014 - rev.0 3 page 6 disclaimer


▲Up To Search▲   

 
Price & Availability of PJS6407

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X