Part Number Hot Search : 
4046N BZT20 10SVP10M HG62E58 LA70100M MOF0932 PF5102 AO4411
Product Description
Full Text Search
 

To Download MUR3060 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  MUR3060 rev.f mar.-2016 data sheet http://www.fsbrec.com 1 / 6 to-220ac ?? ?? ultrafast recovery diode in a to-220ac plastic package. ???????????  silicon epitaxial process to produc e ultrafast recovery diode with low reverse leakage current and high reliability. ????  for high frequency, high voltage, high curr ent rectifier diode, freewheeling diode. pin1 2 cathode pin 3 anode ?? / h fe classifications & marking ?? see marking instructions  / descriptions / features ? / applications ? / equivalent circuit / pinning 3 1 2
MUR3060 rev.f mar.-2016 data sheet http://www.fsbrec.com 2 / 6 parameter symbol ? rating unit peak repetitive reverse voltage v rrm 600 v rms voltage v rms 420 v dc blocking voltage v dc 600 v maximum average forward current i f 1 30 a peak forward surge current i fsm 300 a typical thermal resistance junction to case r jc 2.8 /w junction temperature range t j 150 storage temperature range t stg -55 150 parameter symbol test conditions ? min ? typ ? max unit forward voltage v f i f =5.0a t c =25 1.35 v i f =5.0a t c =150 1.15 i f =30a t c =25 1.65 i f =30a t c =150 1.25 instantaneous reverse current note1 i r v r =600v t a =25 0.25 ma v r =420v t a =150 1 v r =600v t a =150 2 reverse recovery time t rr i f =0.5a i r =1.0a i rr =0.25a 50 ns ?/ notes 1. ????? ?? / short duration pulse test used to minimize self-heating effect. 2. ???????/ unless otherwise noted, val ues for the parameters of a single chip ? / absolute maximum ratings(ta=25 ) ? / electrical characteristics(ta=25 )
MUR3060 rev.f mar.-2016 data sheet http://www.fsbrec.com 3 / 6 ? / electrical characteristic curve if - tc 0 5 10 15 20 25 30 35 25 50 75 100 125 150 175 tc if(a) ifsm 0 50 100 150 200 250 300 350 0 102030405060708090100 no.of cycles at 60hz peak forward surge current-(a) 8.3ms single half sine wave jedec method if - vf 0.1 1 10 100 0.2 0.4 0.6 0.8 1 1.2 1.4 vf(v) if(a) ta=150 ta=25 ir - vr 0.001 0.01 0.1 1 10 100 0 100 200 300 400 500 600 vr(v) ir(ua) ta=150 ta=25 cj - vr 10 100 1 10 100 1000 vr(v) cj(pf)
MUR3060 rev.f mar.-2016 data sheet http://www.fsbrec.com 4 / 6 ?? / package dimensions
MUR3060 rev.f mar.-2016 data sheet http://www.fsbrec.com 5 / 6 ?? / marking instructions ? br    ?? MUR3060  ??? ****   ???? note: br: company code MUR3060 product type. ****: lot no. code, code change with lot no. br **** MUR3060
MUR3060 rev.f mar.-2016 data sheet http://www.fsbrec.com 6 / 6 ??? ( ? ) / temperature profile for dip soldering(pb-free) ? note: 1 ?? 25 150 ? 60 90sec; 1.preheating:25~150 , time:60~90sec. 2 ?? 255 5 ?? 5 0.5sec; 2.peak temp.:255 5 , duration:5 0.5sec. 3 ???? 2 10 /sec. 3. cooling speed: 2~10 /sec. ? / resistance to soldering heat test conditions ?? 270 5 ?? 10 1 sec. temp.:2705 time:101 sec ? / packaging spec. ?? / bulk package type ?? units ? dimension ?? (unit mm 3 ) units/bag ? / bags/inner box / units/inner box ? / inner boxes/outer box / units/outer box ? / bag inner box outer box to-220/f/ac 200 10 2,000 5 10,000 135190 237172102 560245195 ??? / tube package type ?? units ? dimension ?? (unit mm 3 ) units/tube ? / ? tubes/inner box ? / units/inner box ? / inner boxes/outer box / units/outer box ? / tube ? inner box outer box to-220/f/ac 50 20 1,000 5 5,000 53231.45.5 55516450 575290180 ?? / notices


▲Up To Search▲   

 
Price & Availability of MUR3060

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X