Part Number Hot Search : 
S103ML3 105000 IRF9230 0N100B DFB2560 SCM1240M PCP203 800000
Product Description
Full Text Search
 

To Download MJD32C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  MJD32C rev.e may.-2016 data sheet http://www.fsbrec.com 1 / 6 to-252 ?? pnp ?? silicon pnp transistor in a to-252 plastic package.  ?????? low speed ,load formed for su rface mount application.  ?? general purpose amplifier. pin1 base pin 2,4 collector pin 3 emitter ?? / h fe classifications & marking ?? see marking instructions. / descriptions / features ? / applications ? / equivalent circuit / pinning 3 2 1 4
MJD32C rev.e may.-2016 data sheet http://www.fsbrec.com 2 / 6 parameter symbol ? rating unit collector to base voltage v cbo -100 v collector to emitter voltage v ceo -100 v emitter to base voltage v ebo -5.0 v collector current - continuous i c -3.0 a collector current ? continuous(pulse) i cp -5.0 a base current - continuous i b -1.0 a collector power dissipation p c (t c =25 ) 15 w collector power dissipation p c 1.56 w junction temperature t j 150 storage temperature range t stg -65 150 parameter symbol test conditions ? min ? typ ? max unit collector to emitter breakdown v oltage* *v ceo i c =-30ma i b =0 -100 v collector cut-off current i ceo v ce =-60v i b =0 -50 a collector cut-off current i ces v ce =-100v v be =0 -20 a emitter cut-off current i ebo v be =-5.0v i c =0 -1.0 ma dc current gain* *h fe v ce =-4.0v i c =-3.0a 15 75 collector to emitter saturation v oltage* *v ce(sat) i c =-3.0a i b =-375ma -1.2 v base to emitter on voltage* *v be(on) v ce =-4.0a i c =-3.0a -1.8 v current- gain bandwidth product f t v ce =-10v i c =-100ma 3 mhz *:pw( ) 300s,duty cycle( ?? ) 2%. ? / absolute maximum ratings(ta=25 ) ? / electrical characteristics(ta=25 )
MJD32C rev.e may.-2016 data sheet http://www.fsbrec.com 3 / 6 ? / electrical characteristic curve
MJD32C rev.e may.-2016 data sheet http://www.fsbrec.com 4 / 6 ?? / package dimensions
MJD32C rev.e may.-2016 data sheet http://www.fsbrec.com 5 / 6 ?? / marking instructions ? br ?? MJD32C ??? ****  ???? note: br:   company code MJD32C: product type. ****:  lot no. code, code change with lot no. br **** MJD32C
MJD32C rev.e may.-2016 data sheet http://www.fsbrec.com 6 / 6 ?? ( ? ) / temperature?profile?for?ir?reflow?soldering(pb-free) ? note: 1 ?? 25 150 ? 60 90sec; 1.preheating:25~150 , time:60~90sec. 2 ?? 245 5 ?? 5 0.5sec; 2.peak temp.:245 5 , duration:5 0.5sec. 3 ???? 2 10 /sec. 3. cooling speed: 2~10 /sec. ? / resistance to soldering heat test conditions ?? 260 5 ?? 10 1 sec. temp.:2605 time:101 sec ? / packaging spec. ?? / reel package type ?? units ? dimension ?? (unit mm 3 ) units/reel ? / reels/inner box / units/inner box ? / inner boxes/outer box / units/outer box ? / reel inner box outer box to-252 2,500 2 5,000 5 25,000 13 16 36036050 385257392 ??? / tube package type ?? units ? dimension ?? (unit mm 3 ) units/tube ? / ? tubes/inner box ? / units/inner box ? / inner boxes/outer box / units/outer box ? / tube ? inner box outer box to-251/252 75 48 3,600 5 18,000 52620.55.25 55516450 575290180 ?? / notices


▲Up To Search▲   

 
Price & Availability of MJD32C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X