Part Number Hot Search : 
S1206H7 R1100 TN80510 ZL10320 LPRAG30L DTA115 1N5366B NCP500D
Product Description
Full Text Search
 

To Download MC14046BFG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2014 august, 2014 ? rev. 14 1 publication order number: mc14046b/d mc14046b phase locked loop the mc14046b phase locked loop contains two phase comparators, a voltage?controlled oscillator (vco), source follower, and zener diode. the comparators have two common signal inputs, pca in and pcb in . input pca in can be used directly coupled to large voltage signals, or indirectly coupled (with a series capacitor) to small voltage signals. the self?bias circuit adjusts small voltage signals in the linear region of the amplifier. phase comparator 1 (an exclusive or gate) provides a digital error signal pc1 out , and maintains 90 phase shift at the center frequency between pca in and pcb in signals (both at 50% duty cycle). phase comparator 2 (with leading edge sensing logic) provides digital error signals, pc2 out and ld, and maintains a 0 phase shift between pca in and pcb in signals (duty cycle is immaterial). the linear vco produces an output signal vco out whose frequency is determined by the voltage of input vco in and the capacitor and resistors connected to pins c1 a , c1 b , r1, and r2. the source?follower output sf out with an external resistor is used where the vco in signal is needed but no loading can be tolerated. the inhibit input inh, when high, disables the vco and source follower to minimize standby power consumption. the zener diode can be used to assist in power supply regulation. applications include fm and fsk modulation and demodulation, frequency synthesis and multiplication, frequency discrimination, tone decoding, data synchronization and conditioning, voltage?to?frequency conversion and motor speed control. features ? buffered outputs compatible with low?power ttl ? diode protection on all inputs ? supply voltage range = 3.0 to 18 v ? pin?for?pin replacement for cd4046b ? phase comparator 1 is an exclusive or gate and is duty cycle limited ? phase comparator 2 switches on rising edges and is not duty cycle limited ? nlv prefix for automotive and other applications requiring unique site and control change requirements; aec?q100 qualified and ppap capable ? these devices are pb?free and are rohs compliant maximum ratings (voltages referenced to v ss ) symbol parameter value unit v dd dc supply voltage range ?0.5 to +18.0 v v in input voltage range (all inputs) ?0.5 to v dd + 0.5 v i in dc input current, per pin 10 ma p d power dissipation, per package (note 1) 500 mw t a operating temperature range ?55 to +125 c t stg storage temperature range ?65 to +150 c stresses exceeding those listed in the maximum ratings table may damage the device. if any of these limits are exceeded, device function ality should not be assumed, damage may occur and reliability may be affected. 1. temperature derating: ?d/dw? packages: ?7.0 mw/  c from 65  c to 125  c http://onsemi.com marking diagrams soic?16 wb a = assembly location wl, l = wafer lot yy, y = year ww, w = work week g = pb?free indicator soeiaj?16 mc14046b alywg see detailed ordering and shipping information in the package dimensions section on page 6 of this data sheet. ordering information 1 16 14046bg awlyyww this device contains protection circuitry to guar d a gainst damage due to high static voltages or electr ic f ields. however, precautions must be taken to avoid a p- p lications of any voltage higher than maximum rate d v oltages to this high?impedance circuit. for proper o p- e ration, v in and v out should be constrained to the rang e v ss (v in or v out ) v dd . unused inputs must always be tied to an appropria te l ogic voltage level (e.g., either v ss or v dd ). unused ou t- p uts must be left open. 16 1 soic?16 wb dw suffix case 751g soeiaj?16 f suffix case 966
mc14046b http://onsemi.com 2 pin assignment 13 14 15 16 9 10 11 12 5 4 3 2 1 8 7 6 r2 pc2 out pca in zener v dd vco in sf out r1 vco out pcb in pc1 out ld v ss c1 b c1 a inh block diagram pca in pcb in vco in inh 14 3 9 5 v dd = pin 16 v ss = pin 8 2pc1 out 13pc2 out 1ld 4vco out 11r1 12r2 6c1 a 7c1 b 10sf out 15zener v ss self bias circuit phase comparator 1 phase comparator 2 voltage controlled oscillator (vco) source follower electrical characteristics (voltages referenced to v ss ) characteristic symbo l v dd vdc ? 55  c 25  c 125  c unit min max min typ max min max output voltage ?0? leve l v in = v dd or 0 ?1? leve l v in = 0 or v dd v ol 5.0 10 15 ? ? ? 0.05 0.05 0.05 ? ? ? 0 0 0 0.05 0.05 0.05 ? ? ? 0.05 0.05 0.05 vdc v oh 5.0 10 15 4.95 9.95 14.95 ? ? ? 4.95 9.95 14.95 5.0 10 15 ? ? ? 4.95 9.95 14.95 ? ? ? vdc input voltage (note 2) ?0? leve l (v o = 4.5 or 0.5 vdc) (v o = 9.0 or 1.0 vdc) (v o = 13.5 or 1.5 vdc) (v o = 0.5 or 4.5 vdc) ?1? leve l (v o = 1.0 or 9.0 vdc) (v o = 1.5 or 13.5 vdc) v il 5.0 10 15 ? ? ? 1.5 3.0 4.0 ? ? ? 2.25 4.50 6.75 1.5 3.0 4.0 ? ? ? 1.5 3.0 4.0 vdc v ih 5.0 10 15 3.5 7.0 11 ? ? ? 3.5 7.0 11 2.75 5.50 8.25 ? ? ? 3.5 7.0 11 ? ? ? vdc output drive current (v oh = 2.5 vdc) source (v oh = 4.6 vdc) (v oh = 9.5 vdc) (v oh = 13.5 vdc) (v ol = 0.4 vdc) sin k (v ol = 0.5 vdc) (v ol = 1.5 vdc) i oh 5.0 5.0 10 15 ?1.2 ?0.25 ?0.62 ?1.8 ? ? ? ? ?1.0 ?0.2 ?0.5 ?1.5 ?1.7 ?0.36 ?0.9 ?3.5 ? ? ? ? ?0.7 ?0.14 ?0.35 ?1.1 ? ? ? ? madc i ol 5.0 10 15 0.64 1.6 4.2 ? ? ? 0.51 1.3 3.4 0.88 2.25 8.8 ? ? ? 0.36 0.9 2.4 ? ? ? madc input current i in 15 ? 0.1 ? 0.00001 0.1 ? 1.0  adc input capacitance c in ? ? ? ? 5.0 7.5 ? ? pf quiescent current (per package) inh = pca in = v dd , zener = vco in = 0 v, pcb in = v dd or 0 v, i out = 0  a i dd 5.0 10 15 ? ? ? 5.0 10 20 ? ? ? 0.005 0.010 0.015 5.0 10 20 ? ? ? 150 300 600  adc total supply current (note 3) (inh = ?0?, f o = 10 khz, c l = 50 pf, r1 = 1.0 m  , r2 =  r sf = , and 50% duty cycle) i t 5.0 10 15 i t = (1.46  a/khz) f + i dd i t = (2.91  a/khz) f + i dd i t = (4.37  a/khz) f + i dd madc product parametric performance is indicated in the electrical characteristics for the listed test conditions, unless otherwise noted. product performance may not be indicated by the electrical characteristics if operated under different conditions. 2. noise immunity specified for worst?case input combination. noise margin for both ?1? and ?0? level = 1.0 vdc min @ v dd = 5.0 vdc 2.0 vdc min @ v dd = 10 vdc 2.5 vdc min @ v dd = 15 vdc 3. to calculate total current in general: i t  2.2 x v dd + 1 x 10 ?3 (c l + 9) v dd f + vco in ? 1.65   + v dd ? 1.35 3/4 r1 r2 vco in ? 1.65 3/4 + 1.6 x where: i t in  a, c l in pf, vco in , v dd in vdc, f in khz, and r1, r2, r sf in m  , c l on vco out .   r sf 1 x 10 ?1 v dd 2 100% duty cycle of pca in 100 + i q  
mc14046b http://onsemi.com 3 electrical characteristics (note 4) (c l = 50 pf, t a = 25 c) characteristic symbol v dd vdc minimum typical maximum units device device output rise time t tlh = (3.0 ns/pf) c l + 30 ns t tlh = (1.5 ns/pf) c l + 15 ns t tlh = (1.1 ns/pf) c l + 10 ns t tlh 5.0 10 15 ? ? ? 180 90 65 350 150 110 ns output fall time t thl = (1.5 ns/pf) c l + 25 ns t thl = (0.75 ns/pf) c l + 12.5 ns t thl = (0.55 ns/pf) c l + 9.5 ns t thl 5.0 10 15 ? ? ? 100 50 37 175 75 55 ns phase comparators 1 and 2 input resistance ? pca in ? pcb in r in 5.0 10 15 1.0 0.2 0.1 2.0 0.4 0.2 ? ? ? m  r in 15 150 1500 ? m  minimum input se?sitivity ac coupled ? pca in c series = 1000 pf, f = 50 khz v in 5.0 10 15 ? ? ? 200 400 700 300 600 1050 mv p?p dc coupled ? pca in , pcb in ? 5 to 15 see noise immunity voltage controlled oscillator (vco) maximum frequency (vco in = v dd , c1 = 50 pf r1 = 5.0 k  , and r2 = ) f max 5.0 10 15 0.5 1.0 1.4 0.7 1.4 1.9 ? ? ? mhz temperature ? frequency stability (r2 = ) ? 5.0 10 15 ? ? ? 0.12 0.04 0.015 ? ? ? %/  c linearity (r2 = ) (vco in = 2.5 v 0.3 v, r1 > 10 k  ) (vco in = 5.0 v 2.5 v, r1 > 400 k  ) (vco in = 7.5 v 5.0 v, r1 1000 k  ) ? 5.0 10 15 ? ? ? 1.0 1.0 1.0 ? ? ? % output duty cycle ? 5 to 15 ? 50 ? % input resistance ? vco in r in 15 150 1500 ? m  source?follower offset voltage (vco in minus sf out , rsf > 500 k  ) ? 5.0 10 15 ? ? ? 1.65 1.65 1.65 2.2 2.2 2.2 v linearity (vco in = 2.5 v 0.3 v, r sf > 50 k  ) (vco in = 5.0 v 2.5 v, r sf > 50 k  ) (vco in = 7.5 v 5.0 v, r sf > 50 k  ) ? 5.0 10 15 ? ? ? 0.1 0.6 0.8 ? ? ? % zener diode zener voltage (i z = 50  a) v z ? 6.7 7.0 7.3 v dynamic resistance (i z = 1.0 ma) r z ? ? 100 ?  4. the formula given is for the typical characteristics only.
mc14046b http://onsemi.com 4 figure 1. phase comparators state diagrams phase comparator 1 input stage pca in xx pcb in 00 01 11 10 pc1 out 01 phase comparator 2 input stage pca in xx pcb in pc2 out 01 3?state output disconnected ld (lock detect) 0 0 1 refer to waveforms in figure 3. 00 01 10 11 00 10 01 11 00 01 10 11 ???????????? ???????????? characteristic ???????????? ???????????? ??????????? ??????????? ???????????? ???????????? ???????????? no signal on input pca in . ???????????? ???????????? ???????????? ??????????? ??????????? ??????????? ???????????? ???????????? ???????????? ???????????? ???????????? ???????????? at center frequency (f 0 ), approaching 0  and 180 at ends of lock range (2f l ) ??????????? ??????????? ???????????  in lock (positive rising edges). ???????????? ???????????? ???????????? ???????????? ??????????? ??????????? ???????????? ???????????? ???????????? ???????????? ??????????? ??????????? ???????????? ???????????? ???????????? ?????????????????????? ?????????????????????? ?????????????????????? ???????????? ???????????? ???????????? ???????????? ???????????? ?????????????????????? ?????????????????????? ?????????????????????? ???????????? ???????????? ????????????  f l ??????????? ??????????? ??????????? ???????????? ???????????? ?????????????????????? ?????????????????????? ???????????? ???????????? ???????????? ???????????? ???????????? ???????????? ???????????? ???????????? 20%. ?????????????????????? ?????????????????????? ?????????????????????? ?????????????????????? ?????????????????????? ?????????????????????? ?????????????????????? ??????????????????????  r 1  1 m 10k  r 2  1 m 100pf  c 1  .01  f figure 2. design information + f min f min =(v co input = v ss ) r 2 (c 1 + 32 pf) 1 f max = r 1 (c 1 + 32 pf) 1 (v co input = v dd )
mc14046b http://onsemi.com 5 typical low?pass filters note: sometimes r3 is split into two series resistors each r3 2. a capacitor c c is then placed from the midpoint to ground. the value fo r c c should be such that the corner frequency of this network does not significantly affect  n . in figure b, the ratio of r3 to r4 set s the damping, r4  (0.1)(r3) for optimum results. figure 3. general phase?locked loop connections and waveforms waveforms note: for further information, see: (1) f. gardner, ?phase?lock techniques?, john wiley and son, new york, 1966. (2) g. s. moschytz, ?miniature rc filters using phase?locked loop?, bstj, may, 1965. (3) garth nash, ?phase?lock loop design fundamentals?, an?535, motorola inc. (4) a. b. przedpelski, ?phase?locked loop design articles?, ar254, reprinted by motorola inc. pca in @ frequency f pcb in 14 3 phase comparator external low-pass filter vco 2 or 13 pc1 out or pc2 out vco in 9 9 10 4 external n counter r1 r2 11 12 6 7 ci a ci b ci sf out r sf vco out @ frequency nf = f (a) input r3 output c2 2f c  1  2  f l r3 c2  (a) input r3 output r4 c2 typically: r 4 c 2 6n f max ? n 2  f (r 3
3, 000  )c 2 100n  f f max 2 ?r 4 c 2  f = f max ? f min definitions: n = total division ratio in feedback loop k = v dd / for phase comparator 1 k = v dd /4 for phase comparator 2 k vco 2  f vco v dd ?2v 2  f r 10 for a typical design  n  (at phase detector input)  0.707 low?pass filter filter a filter b  n k  k vco nr 3 c 2   n  n 2k  k vco f(s) 1 r 3 c 2 s
1  n k  k vco nc 2 (r 3
r 4 )   0.5  n (r 3 c 2
n k  k vco ) f(s) r 3 c 2 s
1 s(r 3 c 2
r 4 c 2 )
1 pca in pcb in pc1 out vco in v dd v ss v oh v ol v oh v ol v oh v ol pca in pcb in pc2 out vco in ld v dd v ss v oh v ol v oh v ol v oh v ol v ol v oh phase comparator 1 phase comparator 2 source follower
mc14046b http://onsemi.com 6 ordering information device package shipping ? mc14046bdwg soic?16 wb (pb?free) 47 units / tube nlv14046bdwg* soic?16 wb (pb?free) 47 units / tube mc14046bdwr2g soic?16 wb (pb?free) 1000 units / tape & reel mc14046bfelg soeiaj?16 (pb?free) 2000 units / tape & reel MC14046BFG soeiaj?16 (pb?free) 50 units / rail ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. *nlv prefix for automotive and other applications requiring unique site and control change requirements; aec?q100 qualified and ppap capable.
mc14046b http://onsemi.com 7 package dimensions soic?16 wb dw suffix case 751g?03 issue d d 14x b 16x seating plane s a m 0.25 b s t 16 9 8 1 h x 45  m b m 0.25 h 8x e b a e t a1 a l c  notes: 1. dimensions are in millimeters. 2. interpret dimensions and tolerances per asme y14.5m, 1994. 3. dimensions d and e do not inlcude mold protrusion. 4. maximum mold protrusion 0.15 per side. 5. dimension b does not include dambar protrusion. allowable dambar protrusion shall be 0.13 total in excess of the b dimension at maximum material condition. dim min max millimeters a 2.35 2.65 a1 0.10 0.25 b 0.35 0.49 c 0.23 0.32 d 10.15 10.45 e 7.40 7.60 e 1.27 bsc h 10.05 10.55 h 0.25 0.75 l 0.50 0.90 q 0 7   11.00 16x 0.58 16x 1.62 1.27 dimensions: millimeters 1 pitch soldering footprint* *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d.
mc14046b http://onsemi.com 8 package dimensions soeiaj?16 f suffix case 966 issue a h e a 1 dim min max min max inches --- 2.05 --- 0.081 millimeters 0.05 0.20 0.002 0.008 0.35 0.50 0.014 0.020 0.10 0.20 0.007 0.011 9.90 10.50 0.390 0.413 5.10 5.45 0.201 0.215 1.27 bsc 0.050 bsc 7.40 8.20 0.291 0.323 0.50 0.85 0.020 0.033 1.10 1.50 0.043 0.059 0 0.70 0.90 0.028 0.035 --- 0.78 --- 0.031 a 1 h e q 1 l e  10  0  10  l e q 1  notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions d and e do not include mold flash or protrusions and are measured at the parting line. mold flash or protrusions shall not exceed 0.15 (0.006) per side. 4. terminal numbers are shown for reference only. 5. the lead width dimension (b) does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the lead width dimension at maximum material condition. dambar cannot be located on the lower radius or the foot. minimum space between protrusions and adjacent lead to be 0.46 ( 0.018). m l detail p view p c a b e m 0.13 (0.005) 0.10 (0.004) 1 16 9 8 d z e a b c d e e l m z on semiconductor and the are registered trademarks of semiconductor components industries, llc (scillc) or its subsidia ries in the united states and/or other countries. scillc owns the rights to a number of pa tents, trademarks, copyrights, trade secret s, and other intellectual property. a listin g of scillc?s product/patent coverage may be accessed at www.onsemi.com/site/pdf/patent?marking.pdf. scillc reserves the right to make changes without further notice to any product s herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any part icular purpose, nor does sci llc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. ?typi cal? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating param eters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the right s of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgic al implant into the body, or other applications intended to s upport or sustain life, or for any other application in which the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemni fy and hold scillc and its officers, em ployees, subsidiaries, affiliates, and dist ributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufac ture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. p ublication ordering information n. american technical support : 800?282?9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81?3?5817?1050 mc14046b/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303?675?2175 or 800?344?3860 toll free usa/canada fax : 303?675?2176 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your loc al sales representative


▲Up To Search▲   

 
Price & Availability of MC14046BFG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X