Part Number Hot Search : 
P7516 TDA9370 IR91458 R30R160 MMBTA6 SMA5118 GS72108A KWDCTAAB
Product Description
Full Text Search
 

To Download MBRD10150CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  10 amp schottky rectifier 150~200v features mcc part number recurrent peak reverse voltage rms voltage maximum dc blocking voltage MBRD10150CT 10150 150 105 150 electrical characteristics @ 25 q c unless otherwise specified max average forward rectified current i (av) 10a max surge current i fsm 100a8.3ms, halfs ine peak forward voltage v fm 0.92v i fm = 5.0a peak reverse current i rm 0.05ma tj = 25 : www. mccsemi .com dimensions mm dim min max min max note a 0.087 0.094 2.20 2.40 b 0.000 0.005 0.00 0.13 c 0.026 0.034 0.66 0.86 d 0.018 0.023 0.46 0.58 e 0.256 0.264 6.50 6.70 f 0.201 0.215 5.10 5.46 g 0.190 4.83 h 0.236 0.244 6.00 6.20 j 0.386 0.409 9.80 10.40 MBRD10150CT pin 1.3 anode pin 2. 4 cathode inches o 0.043 0.051 1.10 1.30 q a d b l g v k c i j h o m f 1 2 3 i 0.086 0.094 2.18 2.39 k 0.114 2.90 l 0.055 0.067 1.40 1.70 m 0.063 1.60 q 0.000 0.012 0.00 0.30 v 0.211 5.35 e 4 (to-252) dpak ? pb-free package ? extremely fast switching ? extremely low forward drop. ? epoxy meets ul 94 v-0 flammability rating ? moisture sensitivity level 1 thermal resistance r thjc 3.0 : /w x storage temperature(t stg ): -65 : to+150 :  
 omponents 20736 marilla street chatsworth       
     ? halogen free available upon request by adding suffix "-hf" ? lead free finish/rohs compliant ("p"suffix designates compliant. see ordering information) revision: a 1 of 3 2016/03/09 xoperatingtemperature(t j ): -65 : to+15 0 : maximum ratings maximum device marking tc = 7 5 : mbrd10200ct micro commercial components m c c r mbrd10200ct 10200 200 140 200
revision: a 2016/03/09 www. mccsemi .com 2 of 3 3 "5*/("/%$ )"3 "$ 5& 3 *4 5*$ $ 6& 7& 4 fig-1 forward current derating curve fig-2 maximum non - repetitive forward surge current fig-3 typical reverse characteristics fig-4 typical instantaneous forward characteristic micro commercial components m c c r
www. mccsemi .com device packing part number-tp tape&reel: 2. 5kpcs/reel ordering information : ***important notice*** micro commercial components corp. reserve s the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose products are represented on our website, harmless against all damages. ***life support*** mcc's products are not authorized for use as critical components in life support devices or systems without the express written approval of micro commercial components corporation. ***customer awareness*** counterfeiting of semiconductor parts is a growing problem in the industry. micro commercial components (mcc) is taking strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. mcc strongly encourages customers to purchase mcc parts either directly from mcc or from authorized mcc distributors who are listed by country on our web page cited below . products customers buy either from mcc directly or from authorized mcc distributors are genuine parts, have full traceability, meet mcc's quality standards for handling and storage. mcc will not provide any warranty coverage or other assistance for parts bought from unauthorized sources. mcc is committed to combat this global problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized distributors. revision: a 3 of 3 2016/03/09 note : adding "-hf" suffix for halogen free, eg. part number-tp-hf micro commercial components m c c r


▲Up To Search▲   

 
Price & Availability of MBRD10150CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X