Part Number Hot Search : 
BAS21T1 ANSY8009 CDM6264 645ETT LM358 ESR03 2902033 1N6356
Product Description
Full Text Search
 

To Download MBRD10150CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  revised:11/09/15 MBRD10150CT maximum ratings parameters symbol test conditions max unit peak inverse voltage v rwm - 150 v average forward current i f(av) 50% duty cycle @t c = 105c, rectangular wave form 5 (per leg) a 10 (total device) peak one cycle non-repetitive surge current (per leg) i fsm 8.3ms,half sine pulse 100 a pin out r ohs pb electrical characteristics parameters symbol test conditions max unit forward voltage drop (per leg) * v f1 @ 5a, pulse, t j = 25 c 0.95 v v f2 @ 5a, pulse, t j = 125 c 0.80 v f3 @ 5a, pulse, t j = 150 c 0.75 reverse current at dc condition (per leg) i r1 @v r = rated v r t j = 25 c 1.0 ma reverse current (per leg) * i r2 @v r = rated v r t j = 125 c 7. 0 i r2 @v r = rated v r t j = 150 c 30 junction capacitance (per leg) c t @v r = 5v, t c = 25 c f sig = 1mhz 200 pf max. voltage rate of change (per leg) dv/dt 10,000 v/s * pulse width < 300s, duty cycle <2% description applications littelfuse mbr series schottky barrier rectifer is designed to meet the general requirements of commercial applications by providing high temperature, low leakage and low v f products. it is suitable for high frequency switching mode power supply, free-wheeling diodes and polarity protection diodes. ? switching mode power supply ? free-wheeling diodes ? dc/dc converters ? polarity protection diodes features ? high junction temperature capability ? guard ring for enhanced ruggedness and long term reliability ? low forward voltage drop ? high frequency operation ? common cathode confguration in compact surface mount to-252 package p i nout 1 d 2 - pak & d - p a k c o m m o n c a t h o d e p i nout 2 t o - 220a b c o m m o n c a t h o d e p i nout 3 i t o - 220a b c o m m o n c a t h o d e p i nout 4 i t o - 220a b c o m m o n a n o d e heat s i n k common cathode 1 3 heat s i n k 1 3 2 1 3 2 c a t h o d e c a t h o d e 1 3 2 c o mmo n a n o d e common cathode common cathode a n o d e a n o d e a n o d e a n o d e a n o d e a n o d e common cathode he at sink 1 2 pin out 5 t o-220 ac c a t h o d e c a t h o d e anode schottky barrier rectifer ?2015 littelfuse, inc specifcations are subject to change without notice. MBRD10150CT 2x 5a, 150v, to-252 common cathode
revised:11/09/15 thermal-mechanical specifcations parameters symbol test conditions max unit junction temperature t j -55 to +150 c storage temperature t stg -55 to +150 c maximum thermal resistance junction to case (per leg) r thjc dc operation 4.5 c/w approximate weight wt 0.39 g case style dpak(to-252) figure 1: typical forward characteristics figure 2: typical reverse characteristics figure 3: typical junction capacitance schottky barrier rectifer ?2015 littelfuse, inc specifcations are subject to change without notice. MBRD10150CT 2x 5a, 150v, to-252 common cathode
revised:11/09/15 packing options part number marking packing mode m.o.q MBRD10150CT MBRD10150CT 2500pcs / reel 2500 part numbering and marking system dimensions-dpak(to-252) mbr = device type d = package type 10 = forward current (10a) 150 = reverse voltage (150v) ct = configuration lf = littelfuse yy = year ww = week l = lot number lf mbrd10150c t yy ww l d3 a2 1 1 1 symbol millimeters min max a 2.20 2.38 a1 0 0.10 b 0.71 0.81 c 0.46 0.56 d 6.50 6.70 d1 5.13 5.46 d2 4.83 ref e 6.00 6.20 e 2.186 2.386 l 9.80 10.40 l1 2.90 ref l2 1.40 1.70 l3 1.60 ref l4 0.60 1. 0 0 ? 1. 10 1.30 0 8 a2 0.91 1. 11 v 5.35 ref d3 1.778 ref h 0.762 ref 1 7 carrier tape & reel speci fcation symbol millimeters min max a 6.80 7. 0 0 b 10.40 10.60 c 2.60 2.80 d ?1.45 ?1.65 e 1.65 1.85 f 7.40 7.60 p0 3.90 4.10 p 7.90 8.10 p1 1.90 2.10 w 15.90 16.30 schottky barrier rectifer ?2015 littelfuse, inc specifcations are subject to change without notice. MBRD10150CT 2x 5a, 150v, to-252 common cathode


▲Up To Search▲   

 
Price & Availability of MBRD10150CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X