Part Number Hot Search : 
908140 13R332C RF8736 M3202 PJF4N60 ON0997 MPS2161 ISL6610
Product Description
Full Text Search
 

To Download MBRD10100CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mbr d1 0100ct document number: ds 37082 rev. 4 - 2 1 of 5 www.diodes.com july 2016 ? diodes incorporated mbr d 10100ct advanced information advanced information 1 0a schottky barrier rectifier product summary mbr d 1 0100ct ( per leg ) description and applications this schottky barrier rectifier is designed to meet the stringent requirements of c ommercial a pplications . it is ideally suited for use as a: ? polarity protection diode ? re - c irculating diode ? switching diode v rrm (v) i o (a) v f ( max ) (v) @ +25c i r ( max ) (ma) @ +25 c 10 0 5 0. 8 4 0. 1 features and benefits ? guard ring die construction for transient protection ? high surge current capability ? low forward voltage drop ? lead - free finish; rohs compliant (notes 1 & 2) ? halogen and antimony free. green device (note 3) mechanical data ? case: to2 52 (dpak) ? case material: molded plastic, green molding c ompound . ul flammability classification rating 94v - 0 ? moisture sensitivity: level 1 per j - std - 020 ? terminals: finish - matte tin a nnealed over copper l eadframe . solderable per mil - std - 202, method 208 ? polarity: see below ? weight: to2 52 C 0.317 grams ( approximate ) ordering information (note 4 ) part number case packaging mbr d 1 0100 ct - 13 to2 52 (dpak) 25 0 0 pieces/ reel note s: 1 . eu directive 2002/95/ec (rohs) & 2011/65/eu (rohs 2) compliant. all applicable rohs exemptions applied. 2. see http://www.diodes.com/quality/lead_free.html for more information about diodes incorporateds definitions of hal ogen - and antimony - free, "green" and lead - f ree . 3. halogen - and antimony - free "green products are defined as those which contain < 900ppm bromine, <900ppm chlorine (<1500ppm total br + cl) and <1000ppm antimony compounds. 4. for packaging details, go to our website at http://www.diodes.com/products/packages.html. marking informat ion package pin out configuration to2 52 bottom view mbr d 10100 ct = product type marking code ab = foundry and assembly code yyww = date code marking yy = last two d igits of y ear (ex: 1 4 = 201 4 ) ww = week (01 - 53) green
mbr d1 0100ct document number: ds 37082 rev. 4 - 2 2 of 5 www.diodes.com july 2016 ? diodes incorporated mbr d 10100ct advanced information advanced information maximum ratings (per leg) (@ t a = +25c, unless otherwise specified.) single phase, half wave, 60hz, resistive or inductive load. for capacitance load, derate current by 20%. characteristic symbol value unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v rm 100 v average rectified output current (per leg) (total) i o 5 10 a non - repetitive peak forward surge current 8.3ms single half sine - wave superimposed on rated load i fsm 110 a thermal characteristics (per leg) characteristic symbol value unit typical thermal resistance, junction to case (note 5 ) r ? jc 6 c/w typical thermal resistance, junction to ambient (note 5 ) r ? j a 2 2 c/w operating and storage temperature range t j , t stg - 55 to +1 75 c electrical characteristics (per leg) (@ t a = +25c, unless otherwise specified.) characteristic symbol min typ max unit test condition forward voltage drop v f 0.79 0.8 4 0.7 2 v i f = 5 a, t j = + 25 c i f = 5 a, t j = + 125 c leakage current (note 6 ) i r 0.1 1 0 ma v r = 100 v, t j = + 25 c v r = 100 v, t j = + 125 c notes: 5. test with 2in . al board . 6 . short duration pulse test used to minimize self - heating effect. i average forward current (a) f(av) figure 1 forward power dissipation p , p o w e r d i s s i p a t i o n ( w ) d 0 1 2 3 4 5 6 7 8 9 10 0 2 4 6 8 10 12 14 tj 175 = i , i n s t a n t a n e o u s f o r w a r d c u r r e n t ( a ) f figure 2 typical forward characteristics v , instantaneous forward voltage (v) f 0 01 . 0 1 . 1 10 0 0 2 . 0 4 . 0 6 . 0 8 . 1 1 2 . t = 175c a t = 150c a t = 125c a t = 85c a t = 25c a t = -55c a
mbr d1 0100ct document number: ds 37082 rev. 4 - 2 3 of 5 www.diodes.com july 2016 ? diodes incorporated mbr d 10100ct advanced information advanced information package outline dimensions please see http://www.diodes.com/package - outlines.html for the latest version. to252 (dpak) to252 (dpak) dim min max typ a 2.19 2.39 2.29 a1 0.00 0.13 0.08 a2 0.97 1.17 1.07 b 0. 64 0. 88 0. 7 83 b2 0. 7 6 1.14 0. 95 b3 5.21 5.46 5.3 3 c 0.45 0.58 0.531 d 6.00 6.20 6.10 d1 5.21 - - e - - 2.286 e 6.45 6.70 6.58 e1 4.32 - - h 9.40 10.41 9.91 l 1.40 1.78 1.59 l3 0.88 1.27 1.08 l4 0.64 1.02 0.83 a 0 10 - all dimensions in mm figure.3 typical reverse characteristics 0.00001 0.01 0.1 1 10 0 20 40 60 80 100 v , instantansous reverse voltage(v) r i , i n s t a n t a n s o u s l e a k a g e c u r r e n t ( m a ) r 0.0001 0.001 t =175c a t =150c a t =125c a t =85c a t =25c a b3 e l3 d l4 b2(2x) b(3x) e c a 71 h seating plane a1 gauge plane a 0.508 l 2.74ref d1 a2 e1 i , a v e r a g e f o r w a r d c u r r e n t ( a ) f ( a v ) figure 4 forward current derating t , ambient temperature (c) a 0 1 2 3 4 5 6 25 50 75 100 125 150 175
mbr d1 0100ct document number: ds 37082 rev. 4 - 2 4 of 5 www.diodes.com july 2016 ? diodes incorporated mbr d 10100ct advanced information advanced information package outline dimensions (cont inued) please see http://www.diodes.com/package - outlines.html for the latest version. to252 (dpak) (type th) to252 (dpak) (type th) dim min max typ a 2. 20 2.3 8 2. 30 a1 0.00 0.1 0 - a2 0.97 1.17 1.07 a4 0.10 ref b 0. 72 0. 85 0. 7 8 b3 5.2 3 5.4 5 5.3 3 c 0.4 7 0.58 0.53 d 6.00 6.20 6.10 d1 5. 30 ref e 2.286 bsc e 6. 5 0 6.70 6. 60 e1 4. 70 4.92 4.83 h 9. 90 10. 10 10.30 l 1.40 1.7 0 1. 60 l2 0.51 bsc l3 0. 90 1.2 5 - l4 0.60 1.00 0.80 l5 1.70 1.90 1.80 a 0 8 - all dimensions in mm to252 (dpak) (type br) to252 (dpak) (type br) dim min max typ a 2. 20 2. 40 - a1 0.00 0.1 0 - b 0. 50 0. 70 - b3 5.2 0 5.4 0 - c 0.4 5 0.5 5 - d 5.95 6.2 5 - d 1 5.10 5.50 - e 6.45 6.70 - e1 4. 71 4.91 - e 2.24 2.34 h 9. 45 9.95 - l 1. 25 1.7 5 - l3 0. 95 1.2 5 - l4 0.60 0.90 - all dimensions in mm c a 72 h seating plane a1 gauge plane a l 2.90ref a2 a4 l5 72 72 b3 e l3 d l4 b(3x) e d1 e1 ?1.200 l2 b3 e l3 d l4 b2(2x) b(3x) e d1 e1 c a h l a1
mbr d1 0100ct document number: ds 37082 rev. 4 - 2 5 of 5 www.diodes.com july 2016 ? diodes incorporated mbr d 10100ct advanced information advanced information suggested pad layout please see http://www.diodes.com/package - outlines.html for the latest version. important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other c hanges without further notice to this document and any product described herein. diodes incorporated does not assume any liability arising out of the application or use of this document or any product described herein; neither does diodes incorporated convey any license unde r its patent or trademark rights, nor the rights of others. any customer or user of this document or products described herein in such applications shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diod es incorporated website, harmless against all damages. diodes incorporated do es not warrant or accept any liability whatsoever in respect of any products purchased through unauthorized sales channel. should customers purchase or use diodes incorporated products for any unintended or unauthorized application, customers shall indemni fy and hold diodes incorporated and its representatives harmless against all claims, damages, expenses, and attorney fees arising ou t of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized applicat ion. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. this doc ument is written in english but may be translated into multiple languages for reference. only the english version of this document is the final and determinative format released by diodes incorporated. life support diodes incorporated products are speci fically not authorized for use as critical components in life support devices or systems without the express written approval of the chief executive officer of diodes incorporated. as used herein: a. life support devices or systems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when properly used in accordance with instructions for use provided i n the labeling can be reasonably expected to result in signifi cant injury to the user. b. a critical component is any component in a life support device or system whose failure to perform can be reasonably expe cted to cause the failure of the life support device or to affect its safety or effectiveness. c ustomers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support de vices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety - related requireme nts concerning their products and any use of diodes incorporated products in such safety - critical, life support devices or systems, notwithstanding any devices - or systems - related information or support that may be provided by diodes incorporated. further , customers must fully indemnify diodes incorporated and its representatives against any damages arising out of the use of diodes incorporated products in such safety - critical, life support devices or systems. copyright ? 201 6 , diodes incorporated www.di odes.com dimensions value (in mm) c 4.572 x 1.0 60 x1 5.632 y 2.6 0 0 y1 5.700 y 2 10.700 x1 x y2 y1 y c


▲Up To Search▲   

 
Price & Availability of MBRD10100CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X