Part Number Hot Search : 
SI3477DV SPLSI1 FST3245 MDP1601 ICS553MT MMUN2213 36M06 AD20202
Product Description
Full Text Search
 

To Download MBRD10100CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  MBRD10100CT rev.f may.-2016 data sheet http://www.fsbrec.com 1 / 6 to-252 ?? ?? schottky diode in a to-252 plastic package. ???? low power loss, high efficiency. ?????? for use in low voltage, high frequency inverters, free wheeling, and polarity protection applications. pin1 anode pin 2,4 cathode pin 3 anode ?? / h fe classifications & marking ?? see marking instructions. / descriptions / features ? / applications ? / equivalent circuit / pinning 3 2 1 4
MBRD10100CT rev.f may.-2016 data sheet http://www.fsbrec.com 2 / 6 parameter symbol ? rating unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v rm 100 v rms reverse voltage v r(rms) 70 v average rectified forward current i f(av) 2 5 a non repetitive peak surge current i fsm 125 a thermal resistance, junction to case r jc 6.5 /w junction temperature range t j max 150 storage temperature range t stg -55 150 parameter symbol test conditions ? min ? typ ? max unit reverse voltage v br i r =0.3ma 100 v forward voltage v f i f =5a t j =25 0.85 v i f =5a t j =125 0.75 v i f =10a t j =25 0.95 v i f =10a t j =125 0.85 v instantaneous reverse current i r note 1 v r =100v t j =25 10 ua v r =70v t j =125 1.0 ma v r =100v t j =125 5.0 ma ? /notes 1. ????? ?? /short duration pulse test used to minimize self-heating effect. 2. ??????? / unless otherwise noted, values for the parameters of a single chip ? / absolute maximum ratings(ta=25 ) ? / electrical characteristics(ta=25 )
MBRD10100CT rev.f may.-2016 data sheet http://www.fsbrec.com 3 / 6 ? / electrical characteristic curve if - tc 0 2 4 6 8 10 12 25 50 75 100 125 150 175 tc if(a) ifsm 0 25 50 75 100 125 0 102030405060708090100 no.of cycles at 60hz peak forward surge current-(a) 8.3ms single half sine wave jedec method if - vf 0.1 1 10 100 0 0.2 0.4 0.6 0.8 1 1.2 vf(v) if(a) ta=125 ta=25 ta=150 ir - vr 0.01 0.1 1 10 100 1000 10000 0 20406080100 vr(v) ir(ua) ta=125 ta=25 ta=150
MBRD10100CT rev.f may.-2016 data sheet http://www.fsbrec.com 4 / 6 ?? / package dimensions
MBRD10100CT rev.f may.-2016 data sheet http://www.fsbrec.com 5 / 6 ?? / marking instructions ? br    ?? mbrd10100 ??? ct:    ??? ****   ???? note: br: company code mbrd10100 product type. ct: internal structure ****: lot no. code, code change with lot no. br **** mbrd10100 ct
MBRD10100CT rev.f may.-2016 data sheet http://www.fsbrec.com 6 / 6 ?? ( ? ) / temperature?profile?for?ir?reflow?soldering(pb-free) ? note: 1 ?? 25 150 ? 60 90sec; 1.preheating:25~150 , time:60~90sec. 2 ?? 245 5 ?? 5 0.5sec; 2.peak temp.:245 5 , duration:5 0.5sec. 3 ???? 2 10 /sec. 3. cooling speed: 2~10 /sec. ? / resistance to soldering heat test conditions ?? 260 5 ?? 10 1 sec. temp.:2605 time:101 sec ? / packaging spec. ?? / reel package type ?? units ? dimension ?? (unit mm 3 ) units/reel ? / reels/inner box / units/inner box ? / inner boxes/outer box / units/outer box ? / reel inner box outer box to-252 2,500 2 5,000 5 25,000 13 16 36036050 385257392 ??? / tube package type ?? units ? dimension ?? (unit mm 3 ) units/tube ? / ? tubes/inner box ? / units/inner box ? / inner boxes/outer box / units/outer box ? / tube ? inner box outer box to-251/252 75 48 3,600 5 18,000 52620.55.25 55516450 575290180 ?? / notices


▲Up To Search▲   

 
Price & Availability of MBRD10100CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X