Part Number Hot Search : 
L9953TR UML500 2N5088 SK025 IP317AK AT49L MBD444 D74LVC16
Product Description
Full Text Search
 

To Download MBR20L100CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  date:2014/10/20 MBR20L100CT,mbr20l100fct,mbr20l100cd http://www.dgniuhang.com page: 1 of 5 rev.:aa voltage 10 0volts 20 ampers current unit:(mm) production data sheet niu hang electronic co. ltd maximum ratings low vf schottky rectifiers (ratings at 25 ! ambient temperature unless otherwise specified ) notes: 1.pulse test: 300 ? s pulse width,1% duty cycle 2.pulse test: pulse width "d 40ms electrical characteristcs (ratings at 25 ! ambient temperature unless otherwise specified ) features to-220ab/ito-220ab/to-263 t o-220ab it o-220ab p i n 1 p i n 3 p i n 2 c a e s 1 2 3 p i n 1 p i n 3 p i n 2 n h mbr20l 100ct mbr20l 100fct mbr20l100fct p i n 1 p i n 2 k h e at s i n k t o-263 1 2 k n h mbr20l100cd mbr20l 100cd power pack metal silicon junction ,majority carrier conduction guard ring for overvoltage protection low power loss ,high efficiency high current capability ,low forward voltage drop high forward surge capability high frequency operation meets msl level 1 ? per j-std-020 , lf max peak of 245 !? for to-263 package ? solder bath temperature 275 ! maximum ? 10s ? per jesd22 - b106 ? for to - 220ab and ito - 220ab package ? component in accordance to rohs 2011 / 65 / eu case: jedec to-220ab 0 ito - 220ab molding compound meets ul94v-0 flammability rating terminals: lead solderable per j-std-002 and jesd22-b102 polarity: as marked mounting torque: 10 in-ibs maximum for use in low voltage ,high frequency inverters ,dc / dc converters , free wheeling ,and polarity protection applications to-263 0 mechanical data typical applications 1 2 3 n h MBR20L100CT maximum repetitive peak reverse voltage v rrm a a i f(av) i fsm ,t stg t j maximum average forward rectified current (see fig.1) operating junction and storage temperature range peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method at rated tl) 200 -55 to+150 ! 100 symbol unit parameter 20.0 v i s o l a t i o n v o l t a g e ( i t o - 2 2 0 a b o n l y ) f r o m t e r m i n a l s t o h e a t s i n k t = 1 m i n v a c 1 5 0 0 v p e a k r e p e t i t i v e r e v e r s e c u r r e n t p e r d i o d e a t t p = 2 ? s 1 k h z i r r m 0 . 5 a MBR20L100CT/fct/cd parameter test conditions symbol typ . max . unit i n s t a n e o u s f o r w a r d v o l t a g e i f = 2 0 . 0 a t a = 2 5 ! t a = 1 0 0 ! r e v e r s e c u r r e n t v r = 1 0 0 v t a = 2 5 ! t a = 1 0 0 ! v f i r 0 . 7 2 0 . 7 5 v 2 0 5 0 ? a ma 2 5 t y p i c a l j u n c t i o n c a p a c i t a n c e 4 v , 1 m h z c j pf 1 ) 2 ) t a = 1 2 5 ! t a = 1 2 5 ! 0 . 6 7 0 . 6 9 - 1 0 2 0 5 7 0 t a = 2 5 ! t a = 1 0 0 ! t a = 1 2 5 ! i f = 1 0 . 0 a 0 . 5 6 0 . 5 5 0 . 5 3 0 . 5 9 - - -
production data sheet niu hang electronic co. ltd http://www.dgniuhang.com page: 2 of 5 date:2014/10/20 rev.:aa ratingandcharacteristiccurves MBR20L100CT,mbr20l100fct,mbr20l100cd low vf schottky rectifiers fig.2- forward current derating curve fig.1-typical instantaneous forward characteristics a v e r a g e f o r w a r d c u r r e n t , ( a ) , i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) f o r w a r d v o l t a g e , ( v ) f o r w a r d v o l t a g e , ( v ) tc, case temp ( ) fig.3- typical junction capacitance r e v e r s e v o l t a g e , ( v ) j u n c t i o n c a p a c i t a n c e , ( p f ) fig.4- typical reverse characteristics i n s t a n t a n e o u s r e v e r s e c u r r e n t ( m a ) percent of rated peak reverse voltage% fig.5-max. non-repetitive surge current number of cycles at60hz peak forward surge current(a) 0 0.1 0.2 0.3 0.4 0.5 0.8 0.7 0.6 2 4 6 8 1 0 1 2 1 4 1 6 pulse width=300 ? s 1% duty cycle t j =25 ! t j =25 ! t j =125 ! t j =125 ! t j =100 ! t j =100 ! 1 8 2 0 0 20 40 60 80 100 120 150 0 8 .0 12 .0 4 .0 resistive or inductive load 1 4 0 16 .0 20 .0 0.1 1 10 100 100 4000 1000 0.01 0.1 10 1 100 200 20 0 40 60 80 100 t j =25 ! t j =100 ! t j =125 ! 0 50 100 150 2 00 250 30 0 1 10 100 t j =t j max 8.3ms single half sine-wave (jedec method) MBR20L100CT mbr20l100fct mbr20l100cd
production data sheet niu hang electronic co. ltd http://www.dgniuhang.com page: 3 of 5 date:2014/10/20 rev.:aa it o-220ab 1.161(29.5) 0.177(4.50) 0.104(2.64) 0.029(0.73) 0.111(2.83) 0.134(3.40) 0.110(2.80) 0.187(4.75) 0.272(6.90) 0.551(14.00) 0.029(0.73) 1.083(27.5) 0.138(3.50) 0.096(2.44) 0.019(0.47) 0.101(2.57) 0.118(3.00) dia 0.102(2.60) 0.167(4.25) 0.256(6.50) 0.512(13.00) 0.019(0.47) pin 1 2 3 0.130(3.31) 0.11 1(2. 81) 0.056(1.43) 0.043(1.10) 0.410(10.41) 0.390(9.91) 0.067(1.70) 0.059(1.50) outline drawings 0. 42 ( 10 . 67 ) min 0 . 5 6 0 ( 1 4 . 2 2 ) 0 . 6 3 9 ( 1 6 . 2 2 ) 0 . 0 9 5 ( 2 . 4 1 ) 0 . 0 8 3 ( 2 . 1 0 ) 0. 08 ( 1 . 032 ) min 0. 15 ( 3 . 81 ) min 0 . 1 9 0 ( 4 . 8 3 ) 1 2 k 0 . 3 8 0 ( 9 . 6 5 ) 0 . 4 2 0 ( 1 0 . 6 7 ) 0 . 2 4 5 ( 6 . 2 2 ) m i n 0 . 5 6 0 ( 1 4 . 2 2 ) 0 . 6 3 9 ( 1 6 . 2 2 ) 0 . 0 2 7 ( 0 . 6 9 ) 0 . 0 3 7 ( 0 . 9 4 ) 0 . 0 9 5 ( 2 . 4 1 ) 0 . 0 8 3 ( 2 . 1 0 ) 0 . 3 2 0 ( 8 . 1 3 ) 0 . 3 6 0 ( 9 . 1 4 ) 0 . 0 9 0 ( 2 . 2 9 ) 0 . 1 3 1 ( 3 . 3 2 ) 0 . 1 3 4 ( 3 . 4 0 ) 0 . 1 0 5 ( 2 . 6 7 ) 0 . 0 1 8 ( 0 . 4 6 ) 0 . 0 1 4 ( 0 . 3 5 ) 0 . 0 4 5 ( 1 . 1 4 ) 0 . 0 5 5 ( 1 . 4 0 ) 0 . 0 3 6 ( 0 . 9 2 ) 0 . 0 6 6 ( 1 . 6 8 ) 0 . 1 6 0 ( 4 . 0 6 ) 0 . 0 4 7 ( 1 . 2 0 ) 0 . 0 5 3 ( 1 . 3 4 ) t o-263 suggested pad layout ? t o-263 ? p ack car ton sizel w h ( mm ) quantity ( pcs / box ) box size l w h ( mm ) quantity ( box / car ton ) p / t 5 p roduct code p / t 5 p / t 5 MBR20L100CT mbr20l100fct mbr20l100cd 0.159(4.05) 0.105(2.67) 0.208(5.28) 0.037(0.94) 0.114(2.90) 0.151(3.80) 0.055(1.39) t o-220ab 0.185(4.70) 0.283(7.20) 0.560(14.22) 0.023(0.58) 0.138(3.50) 0.095(2.41) 0.192(4.88) 0.027(0.68) 0.102(2.60) 0.134(3.40) dia 0.045(1.14) 0.175(4.44) 0.244(6.20) 0.516(13.10) 0.014(0.35) 0.410(10.41) pin 0.390(9.91) 1 2 3 1.161(29.50) 1.106(28.10) 0.053(1.34) 0.047(1.20) 0.114(2.90) 0.098(2.50) 580 230 1 75 1000 550 150 40 580 230 1 75 1000 550 150 40 580 230 1 75 1000 550 150 40 thermal characteristcs (ratings at 25 ! ambient temperature unless otherwise specified ) MBR20L100CT 3.thermal resistance from junction to case t ypical thermal resistance r jc 2 . 5 /w 3 ) 4 . 5 p arameter symbol unit 2 . 5 mbr20l100fct mbr20l100cd ? packing information ? MBR20L100CT,mbr20l100fct,mbr20l100cd low vf schottky rectifiers
recommended wave soldering condition product peak temperature soldering time pb-free devices 260 +0/-5 c 5 +1/-1 seconds recommended temperature profile for ir reflow profile feature sn-pb eutectic assembly pb-free assembly average ramp-up rate (tsmax to tp) 3 c/second max. 3 c/second max. preheat ? temperature min(t s min) ? temperature max(t s max) ? time(ts min to ts max ) 100 c 150 c 60-120 seconds 150 c 200 c 60-180 seconds time maintained above: ? temperature (t l ) ? time (t l ) 183 c 60-150 seconds 217 c 60-150 seconds peak temperature(t p ) 240 +0/-5 c 260 +0/-5 c time within 5 c of actual peak temperature(tp) 10-30 seconds 20-40 seconds ramp down rate 6 c/second max. 6 c/second max. time 25 c to peak temperature 6 minutes max. 8 minutes max. note : all temperatures refer to topside of the package, measured on the package body surface. production data sheet niu hang electronic co. ltd http://www.dgniuhang.com page: 4 of 5 date:2014/10/20 rev.:aa MBR20L100CT,mbr20l100fct,mbr20l100cd low vf schottky rectifiers
production data sheet niu hang electronic co. ltd http://www.dgniuhang.com page: 5 of 5 date:2014/10/20 rev.:aa disclaimer reproducing and modifying informatiom of the document is prohibited without permission from niuhang electronics co., ltd niuhang electronics co., ltd. reserves the rights to make changes of the content herein the document anytime without notification. ? ? use of any product including damages incidentally and consequentially occurred. niuhang electronics co., ltd. disclaims any and all liability arising out of the application or ? niuhang electronics co., ltd. does not assume any and all implied warranties, including warranties of fitness for particular purpose,non-infringement and merchantability. ? applications shown on the herein document are examples of standard use and operation. customers are responsible in comprehending the suitable use in particular applications. niuhang electronics co., ltd.makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. ? the products shown herein are not designed and authorized for equipments requiring high level of reliability or relating to human life and for any applications concerning life-saving or life-sustaining,such as medical instruments.transportation equipment,aerospae machinery et cetera.customers usin or selling these products for use in such applications do so at their own rish and agree to fully indemnify niuhang electronics co., ltd.for any damages resulting resulting from such improper use or sale. ? ? when the appearance of the product and chip size does not change, in order to product the customer. quality, change the internal structure and the production process niuhang can not notify MBR20L100CT,mbr20l100fct,mbr20l100cd low vf schottky rectifiers


▲Up To Search▲   

 
Price & Availability of MBR20L100CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X