mb1005 thru mb1010 10 amp single phase bridge rectifier 50 to 1000 volts br-6 features dimensions inches mm dim min max min max note a .578 .618 14.69 15.71 2pl b .230 .270 5.84 6.86 c .750 --- 19.10 --- d .405 .444 10.30 11.30 2pl e .038 .042 0.97 1.07 4pl/typ g .145 --- 3.70 --- ? maximum ratings ? operating temperature: -55 c to +125 c ? storage temperature: -55 c to +150 c mcc catalog number device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage mb1005 mb1005 50v 35v 50v mb101 mb101 100v 70v 100v mb102 mb102 200v 140v 200v mb104 mb104 400v 280v 400v mb106 mb106 600v 420v 600v mb108 mb108 800v 560v 800v mb1010 mb1010 1000v 700v 1000v electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 10.0a t c = 50c peak forward surge current i fsm 150a 8.3ms, half sine maximum forward voltage drop per element v f 1.1v i fm = 5.0a per element; t j = 25 c (note 2) maximum dc reverse current at rated dc blocking voltage i r 10 a 1.0ma t j = 25 c t j = 100 c b c e d a ac + - a ac g omponents 2 0736 marilla street chatsworth
mcc revision: a 20 11/03/13 ? mounting hole for #6 screw ? any mounting position ? surge rating of 150 amps tm micro commercial components www. mccsemi .com 1 of 3 ? epoxy meets ul 94 v-0 flammability rating ? lead free finish/rohs compliant (note 1)("p" suffix designates rohs compliant. see ordering information) notes: 1. high temperature solder exemption applied, see eu directive annex notes 7 2. pulse test: pulse width 300usec, duty cycle 1% ? ul recognized file # e165989 moisture sensitivity level 1 maximum thermal resistance: 5 o c/w junction to case maximum mounting torque: 4.5 in-lbs.
mb1005 thru mb1010 instantaneous reverse leakage current - microamperes versus percent of rated peak reverse voltage - volts average forward rectified current - amperes versus case temperature - c figure 3 forward derating curve 25 50 100 150 175 0 0 2 4 6 single phase, half wave 60hz resistive or inductive load amps c 75 8 10 12 instantaneous forward current - amperes versus instantaneous forward voltage - volts figure 1 typical forward characteristics volts 4 6 20 10 amps .2 1.2 .4 .6 .8 1.0 .01 .02 .04 .06 .1 .2 .4 .6 1 2 25 c 40 60 100 1.4 figure 2 typical reverse characteristics volts .4 .6 2 1 amps 20 120 40 60 80 100 .001 .002 .00 4 .006 .01 .02 .04 .06 .1 .2 4 6 10 140 t j =25 c mc c 1 100 4 0 25 50 8 figure 4 peak forward surge current peak forward surge current - amperes versus number of cycles at 60hz - cycles amps cycles 2 6 10 20 60 80 40 100 150 200 revision: a 2011/03/13 tm micro commercial components www. mccsemi .com 2 of 3
mcc revision: a 2011/03/13 tm micro commercial components www. mccsemi .com 3 of 3 ***important notice*** micro commercial components corp. reserve s the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose products are represented on our website, harmless against all damages. ***life support*** mcc's products are not authorized for use as critical components in life support devices or systems without the express written approval of micro commercial components corporation. ***customer awareness*** counterfeiting of semiconductor parts is a growing problem in the industry. micro commercial components (mcc) is taking strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. mcc strongly encourages customers to purchase mcc parts either directly from mcc or from authorized mcc distributors who are listed by country on our web page cited below. products customers buy either from mcc directly or from authorized mcc distributors are genuine parts, have full traceability, meet mcc's quality standards for handling and storage. mcc will not provide any warranty coverage or other assistance for parts bought from unauthorized sources. mcc is committed to combat this global problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized distributors. device packing part number-bp bulk: 1.6kpcs/ctn ordering information :
|