Part Number Hot Search : 
STV2112B SDA316A L6208 MAX2034 0101A ER208 TFB3869 X1N2822B
Product Description
Full Text Search
 

To Download LM3843AD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  current mode pwm controller lm3842a/3a/4a/5a features automatic feed forward compensation optimized for offline converter double pulse suppression current mode operation to 500 khz high gain totem pole output internally trimmed bandgap reference undervoltage lockout with hysteresis low start up current : 0.3 ma ordering information device package description lm3842a/3a/4a/5a d 8 sop lm3842a/3a/4a/5a n 8 dip the lm3842a is fixed frequency current-mode pwm controller. it is specially designed for off-line and dc-to-dc converter applications with minimal external components. this integrated circuit features a trimmed oscillator for precise duty cycle control, a temperature compensated reference, high gain error amplifier, current sensing comparator, and a high current totempole output ideally suited for driving a power mosfet. protection circuitry includes built in under-voltage lockout and current limiting. simplified block diagram absolute maximum ratings (t a = 25) characteristic symbol value unit power supply voltage v cc 30 v output current i 1 a analog inputes voltage v in -0.3 to 5.5v v error amp output sink current i sink 10 ma power dissipation p d 1 w stora g e tem p erature ran g et stg -65 to 150 lead temperature (soldering 5 sec) t 260 htc 1 5v reference vcc undervoltage lockout latching pwm oscillator v ref undervoltage lockout + - vcc output ground current sense input v ref rt/ct vfb comp error amplifie r r r 1 2 3 4 8 7 6 5 voltage feedback current sense r t /c t vcc output gnd v ref compen sation 8 sop/ 8 dip pin configulation
current mode pwm controller lm3842a/3a/4a/5a electrical characteristic (vcc=15v(note 1), r t = 10k, c t =3.3nf 0 t a 70 ; unless otherwise specified) characteristic symbol test condition min typ max unit reference section reference output voltage v ref t j = 25, i o =1 ma 4.90 5.00 5.10 v line regulation vo 12v vcc 25v 2 2 0 mv load regulation vo 1ma io 20ma 3 2.5 mv output short circuit current isc t a = 25 -85 -180 ma oscillator section normal frequency f osc t j = 25 47 52 57 khz voltage stability sv 12v vcc 25v 0.2 1 % amplitude vosc 1.6 vp-p error amplifier section input b current i b i -0.1 -2 a feedback input voltage v fb vo=2.5v 2.42 2.50 2.58 v open loop voltage gain a vol 2v vo 4v 65 90 db power supplier rejection ratio psrr ea 12v vcc 25v 60 70 db output sink current i si v fb =2.7v, vo - 1.1v 27 ma output source current i so v = 2.3v, vo=5v -0.5 -1.0 ma output voltage high v oh v fb =2.7v, r l =15k to gnd 56 v output voltage low v ol v fb =2.7v, r l =15k to v rgr 0.8 1.1 v current sense section input voltage gain av (note 2 & 3) 2.85 3 3.15 v/v maximum input signal v max vo=5v (note 2) 0.9 1 1.1 v power supply rejection ratio psrr sc 12v vcc 25v 70 db input bias current i b i -2 -1.0 a output section output voltage low v ol i sink = 20ma 0.1 0.4 v i ink s = 20ma 1.5 2.2 v output voltage high v oh i source = 20ma 13 13.5 v i ource s = 20ma 12 13.0 v rise time t t j = 25, c l =1nf 45 150 ns fail time t t j = 25, c l =1nf 35 150 ns undervoltage lockout section start-up threshold v th 3842a / 3844a 14.5 16 17.5 v 3843a / 3845a 7.8 8.4 9 v minimum operating voltage v cc(min) 3842a / 3844a 8.5 10 11.5 v (after turn-on ) 3843a / 3845a 7.0 7.6 8.2 v total standby current start-up current i t s vcc=14v 0.17 0.3 ma operating supply current i c c 13 ma17 zener voltage v icc = 25ma 30 38 v note: 1. adjust vcc above the start threshould before setting at 15v. 2. parameter measured at trip point of latch with v fb - 0. 3. comparator gain defined as: htc 2 v output compensation(pin fb) v current sanseinput(pin cs) a v = ;
current mode pwm controller lm3842a/3a/4a/5a fig.1 open loop test circuit high peak currents associated with capacitive loads necessitate careful grounding techniques timing and bypass capacitors should be connected close to pin 5 in a single point ground. the transistor and 5k potentiometer are used to sample the oscillator waveform and apply an adjustable ramp to pin 3. fig.2 under voltage lockout lm3842a lm3843a/5a v on 16v 8.4v v off 10v 7.6v during under-voltage lock-out, the output driver is biased to a high impedance state. pin 6 should be shunted to ground with a bleeder resistor to prevent activating the power switch with output leakage current. fi g .3 error am p confi g uration htc 3 1 2 3 4 8 7 6 5 comp v ref v fb v c output gnd i sense r t /c t lm3842a 0.1 0.1 a c t output 1k/1w v ref v1 r t 100k 2n 2222 4.7k 1k 5k i sense adjust 4.7k e/a adjust error amp can source or sink up to 0.5ma 2 1 - + zi zf comp v fb 0.5ma 2.5v 7 on/off command to rest of ic < 15ma < 1ma v off v on v cc i cc
current mode pwm controller lm3842a/3a/4a/5a fig.4 current sense circuit peak current (i s ) is determined by the formula: i s(max) a small rc filter may be required to suppress switch transients. fig.5 oscillator waveforms and maximum duty cycle oscillator timing capacitor, c t , is charged by v ref through r t , and discharged by an internal current source. during the discharge time, the internal clock signal blanks the output to the low state. selection of r t and c t therefore determines both oscillator frequency and maximum duty cycle. charge and discharge times are determined by the formulas: t c 0.55 r t c t t d r t c t n( ) frequency, then, is: f = (t c + t d ) -1 for r t >5k, f htc 4 1 3 5 i s error amp 2r r 1v current sense comparator comp current sense gnd c r s r ~ ~ 1.0v r s ~ ~ 0.0063 r t - 2.7 0.0063 r t - 4 ~~ 1.8 r t c t ~ ~ 8 4 5 v ref r t /c t gnd large r t small c t v 4 internal clock large r t small c t v 4 internal clock r t c t
current mode pwm controller lm3842a/3a/4a/5a fig.6 shutdown techniques shutdown of the lm3842a can be accomplished by two methods; either raise pin 3 above 1v or pull pin 1 below a voltage two diode drops above ground. either method causes the output of the pwm comparator to be high (refer to block diagram). the pwm latch is reset dominant so that the output will remain low until the next clock cycle after the shoutdown condition at pins 1 and/or 3 is removed. in one example, an externally latched shutdown may be accomplished by adding an scr which will be reset by cycling v cc below the lower uvlo threshold. at this point the reference turns off, allowing the scr to reset. fig.7 slope compensation a fraction of the oscillator ramp can be resistively summed with the current sense signal to provide slope compensation for converters requiring duty cycles over 50%. note that capacitor, c, forms a filter with r2 to suppress the leading edge switch spikes. htc 5 1 shutdown comp 8 3 v ref i sense 1k 330 500 shutdown to current sense-resistor 8 4 3 i sense r2 v ref r t /c t 0.1f r t c t r1 r sence c i sense lm3842a
current mode pwm controller fig.1 output dead time fig.2 timing resistor vs frequency fig.3 output saturation characteristics fig.4 error amplifier open loop gain and phase frequency pin function description pin no. function description 1 compensation this pin is the error amplifier output and is made available for loop compensation. 2 voltage this is the inverting input of the error amplitier. it is normally connected feedback to the switching power supply output through a resister divider. 3 current sense a voltage proportional to inductor current is connected to this input. the pwm uses this information to terminate the output switch conduction. 4 r t /c t the oscillator frequency and maximum output duty cycle are programmed by connecting resistor r t to vr ef and capacitor c t to ground. operation to 500khz is possible. 5 gnd this pin is the combined control circuitry and power ground. 6 output this output directly drives the gate of a power mosfet. peak currents up to 1.0a are sourced and sunk by this pin. 7 vcc this pin is the positive supply of the control ic. 8 v ref this is the reference output. it provides charging current for capacito r c t through resistor r t . htc 6 lm3842a/3a/4a/5a 10 -3 2468 10 -1 24 8 6 4 2 0 1 3 sink (v ol ) v cc =15v t a =25 source (v cc -v oh ) v sat , output saturation voltage ( v io, output load current (a) 80 50 20 sister (k 8.0 5.0 1.0m r t , timing re 2.0 0.8 10k 20k 50k100k 500k 200k fosc, frequency (khz) c t =10nf c t =5.0nf c t =2.0nf c t =1.0nf c t =500pf c t =200pf c t =100pf 100 30 ) 10 r t (k 3 1m 100k 10k 1k100 fosc, frequency(hz) c t =100nf c t =47nf c t =22nf c t =10nf c t =4.7nf c t =2.2nf c t =10nf 80 60 40 10k 100k 1m 1k 100 0 -135 10 -180 0 -45 20 fosc, frequency (hz) -90 10m a vol , open-loop voltage gain (d , excess phase degre e gain phase


▲Up To Search▲   

 
Price & Availability of LM3843AD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X