Part Number Hot Search : 
BSH101 S3C9004 30252 LTC290 MCM6264 FH104 SDA312F LSI2041
Product Description
Full Text Search
 

To Download KUSB1052 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  usb adapter 1 1 0 0 w w a a t t t t , , u u n n i i v v e e r r s s a a l l i i n n p p u u t t w w a a l l l l - - m m o o u u n n t t a a d d a a p p t t e e r r e e l l e e c c t t r r i i c c a a l l s s p p e e c c i i f f i i c c a a t t i i o o n n s s features 5v usb output cec level v 10 watt output power universal input overcur r ent protection all spe c ificati o ns are t y pic a l a t nomin a l in p u t, full lo a d i i n n p p u u t t s s p p e e c c i i f f i i c c a a t t i i o o n n s s input voltage......... . ..............100 ~ 2 40 vac input frequen c y ... ...... ..... . .............. . 47 ~ 6 3 hz input curr e nt . 0. 4 a max . inrush cur r ent ... 40a max o o u u t t p p u u t t s s p p e e c c i i f f i i c c a a t t i i o o n n s s output voltage . .... 5v minimum load. .. none efficienc y ...... . . . ... . .. . .. . .. . . ... . . . .... 73.36 % short circuit p rotection . . ... .. 2a inner current fuse over - current protection .. automatic recovery rip p le a nd n o i se . 100m v p - p m a x . turn on t ime..... . .. . .. . .. . .. . .. . . . . 20 ~ 3 0ms nom line regulation...... . .. . .. . .. . 2% max output regulation ........ 4.7 - 5.4v short circuit protection input protection rohs compliant g g e e n n e e r r a a l l s s p p e e c c i i f f i i c c a a t t i i o o n n s s insulation resistance prima r y to seco n da r y.... ................... 50m ? cec ... .. level v input power consumption ( no load) . 0.3w max e e n n v v i i r r o o n n m m e e n n t t a a l l s s p p e e c c i i f f i i c c a a t t i i o o n n s s s s a a f f e e t t i i e e s s / / a a p p p p r r o o v v a a l l s s ul - 6095 0 - 1 2 nd edition 2007 - 3 - 27 csa c22.2 no.60950 - 1 - 07 2 nd edition operating t em pe r ature .... . .. . . . .. . 1 0c ~ +4 0c cooling ... . .. . .. . . ... . .. . convec t ion t e mperature coefficient .... . .. . . . ... . .. 0.05 % / c humidi t y ... . .. . .. . ... . .. . .. . 5 ~ 95 %rh ( non - condensi n g) storage t e mperature . . - 20c ~ +80 c p p h h y y s s i i c c a a l l s s p p e e c c i i f f i i c c a a t t i i o o n n s s 46mm x 52mm x 28.9mm 1
model output vol t age output current efficien c y ( 100 ~ 240 v a c ) ( % ) KUSB1052 5vdc 2 .0a 7 3.36 % note: ? measure m ents i n m illi m e t er ( m m ) unless othe r wise speci f ied not e : avoid susta in ed op e ration i n overlo a d or dead sh o rt c o nditio n s. specificatio n s s u bj e c t to chan g es with o ut notice. 2


▲Up To Search▲   

 
Price & Availability of KUSB1052

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X