Part Number Hot Search : 
3600B MAX9326 B75NF75L A844C W503GDT BC850 N2N5796U 2SB816
Product Description
Full Text Search
 

To Download IXI858 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  gate driver w i th vreg and charge pump regulator ixys cop y right ? ix ys corp ora t ion 2005 1 4/29/05 IXI858 / ixi859 features: ? logic level gate drive compatible ? 60ma source / 120ma sink minimum gate drive ? 5.0v or 3.3v voltage regulator ? charge pump regulator stabilizes v cc power supply at 13v ? uvlo protection applications: ? controller based off-line applications ? power supply and power management ? lighting control general description the IXI858 and ixi859 combine a power mosfet driver, linear voltage regulator, and charge pump regulator for power supply generation in a single soic-8 package. the IXI858 features a 5.0v linear voltage regulator, and the ixi859 a 3.3v linear voltage regulator. these three power functions combined on the IXI858/859 target micro-controller based off-line applications. the IXI858 and ixi859 are designed to operate over a temperature range of -25c to +125c, and are available in an 8 lead soic package. o r d e r i n g i n f o r m a t i o n part no. description pack quantity i x i 8 5 8 s 1 1 0 0 ( t u b e ) IXI858s1t/r 5.0v version 2500 (tape & reel) i x i 8 5 9 s 1 1 0 0 ( t u b e ) ixi859s1t/r 3.3v version 2500 (tape & reel) functional block diagram soic-8 lead configuration + - 5 6 7 8 1 2 4 vcc vo ut in ga te gn d vsup vcap 75k 13v vc l a m p ch r g p r e g vre g u v l o 8 - lead so ic 1 2 3 4 8 7 6 5 n/ c vout vc a p vcc in g a t e gnd vs u p
ixys www.ixys.com 2 4/29/05 IXI858 / ixi859 soic-8 pin description pin no. pin sy mbol i/o description 1 v c c supply power input connects to a rectified high voltage source through a current limiting series resistor and filter capacitor to ground. regulated 13 volt output when the charge pump is active. 2 v o u t output linear regulator output (IXI858 = 5.0v, ixi859 = 3.3v) 3 n / c no c o n n e c t 4 in input gate driver input 5 gate output gate driver outpu t. drives external power mosfet. 6 g n d g r o u n d ground r e t u r n 7 v s u p i/o charge pump switch input. enabl es / disables the charge pump output. requires a low esr capacitor. 8 v c a p i/o charge pump switch output. rectified charge pump output. requires a low esr capacitor. absolute maximum ratings sy mbol parameter min max units v cc dc supply voltage -0.4 +20.0 v v out logic system supply voltage -0.4 +6.0 v v in gate input voltage -0.4 +6.0 v i sup continuous current into v sup p i n - 2 0 0 + 2 0 0 m a i peak peak current into v sup - 1 + 1 a p d power dissipation 500 mw t j maximum junction temperature +150 o c t st g storage temperature -65 +150 o c a bsolute maximum ratings are stress ra tings. stresses in excess of these ratings can cause permanent damage to t he device. f unctional operation of the device at these or any ot her conditions beyond those i ndicated in the operationa l sections of this data sheet is not implied. exposure of the device to the absolute maximum ratings for an extended peri od may degrade the device and affect it s reliabilit y . esd warning esd (electrostatic discharge) sensit ive device. although the IXI858 / ixi859 feature proprietary esd protection circuitry , permanent damage may be sustained if subjected to hi gh energy electrostatic discharges. proper esd precautions are recommended to avoid performance degradation or loss of functionality .
ixys www.ixys.com 3 4/29/05 IXI858 / ixi859 operating range symbol parameter min max units v cc supply voltage uvlo +17 v i sup continuous current in v sup pin 0 150 ma i peak peak current in v sup pin (t p < 1s, f < 150khz) -750 +750 ma electrical characteristics t a =25c, v cc =13v unless otherwise specified symbol parameter condition min typ max units supply (vcc) i cc supply current v in <1v, no load any pin 0.7 1.0 ma i cc2 supply current 1nf gate load, 300khz in signal 5 ma i stby standby current undervoltage detected 160 a v clamp clamp voltage i cc <5ma 17 v input (in) v ton turn-on threshold voltage 1.95 v v toff turn-off threshold voltage 1.15 v v h hysteresis 0.5 v i inl input current low 20 a i inh input current high 100 a voltage regulator (vout) ixi859 i out = 10ma 3.20 3.30 3.40 v v out voltage reference IXI858 i out = 10ma 4.85 5 5.15 v reg load load regulation i out change from 10ma to 25ma 50 mv v out = 1v, ixi859 75 i peak peak output current v out = 1v, IXI858 100 ma dv out temp coefficient i out = 10ma 250 ppm/c c out allowed capacitive load i out = 10ma 0.2 2.2 f i leak leakage current in uvlo state v out = 1v 10 a t startup startup time (v out > 3.1v) c out = 1uf 0.1 ms t settle settling time c out = 1 uf 2 ms charge pump regulator vcpr on turn-on level measured at vcc 13.15 v vcpr off turn-off level measured at vcc 12.85 v vcpr hys hysteresis 0.30 v vcpr fwd forward voltage i fwd = 150ma (vsup to vcap) 1.5 v
ixys www.ixys.com 4 4/29/05 IXI858 / ixi859 electrical characteristics t a =25c, v cc =13v unless otherwise specified sy mbol parameter condition min ty p max units gate output (gate) v ol output low voltage i gat e = 10ma 0.5 v v oh output high voltage i gat e = -10ma 11 v i sink output sink current v gat e = 6v 120 ma i src output source current v gat e = 3v 60 ma v ol2 output low voltage in uvlo state v cc = 6v, i gat e = 1ma 0.8 v t mi n p w minimum output pulse width c gat e = 10pf 80 ns t pd in to gate propagation delay c gat e = 10pf 200 ns under voltage lockout (vcc) uvlo h uvlo top threshold voltage vcc rising 14.1 v uvlo l uvlo bottom threshold voltage vcc falling 8.2 v v hy s uvlo hysteresis 5.9 v ty pical application circuit + - 5 6 7 8 1 2 4 vcc vo ut in ga te gn d vsup vcap 75k 13 v vc l a m p ch rg pre g vre g uvl o c 1uf 22 0n f 10u f hv dc in h v dc o u t dc supp l y ix i8 58 / ix i8 59 r1 l1 r2 c1 c2
ixys www.ixys.com 5 4/29/05 IXI858 / ixi859 package mechanical data 8-lead soic ixy s corporation makes no representations or w a rranties w i th res pect to the accuracy or completeness of the contents of this publication and reserves the right to make changes to specifications and product descriptions at any time w i thout notice. neith er circuit patent licenses nor indemni ty are expressed or implied. except as set forth in ixy s ? standard terms and conditions of s ale, ixy s corporation assumes no liability w hatsoever, and disclaims any ex pressed or implied w a rranty , relating to its products including, but not limited to, the implied w a rranty of merchantab ility , fitness for a particular purpose, or infringement of an y intellectual property right .


▲Up To Search▲   

 
Price & Availability of IXI858

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X