Part Number Hot Search : 
BUL6825 ADV7189B TL084AMD SSM9916J 7C516 Z8D64U 2E474 MC145191
Product Description
Full Text Search
 

To Download IXI848 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  high-side current monitor ixys cop y right ? ix ys corp ora t ion 2005 06/29/05 IXI848 features: ? high -side cu rre nt sense a m plifier ? 2.7v to 40v input ra nge ? 0.7% typical full scale accuracy ? scalabl e out put voltage ? soic pack age applications: ? powe r mana gement syste m s ? smart battery pac k s ? battery chargers ? battery powe red porta b le equipme n t ? dc moto r c o ntrol general description the IXI848 i s a pre c i s io n high si de curre n t se nse monitor. hig h side po we r-line monito ri ng offers the advantag e of allowing the groun d plan e to remain undi sturb ed whe n se nsi n g load cu rrents. an external sen s e resi st or set s the range of the amplified ground -refere n c ed outp u t monito ring voltage. th e output volt age i s amp lified by a sele ctabl e fixed gain of e i ther 10 o r 5 0 . with an input voltag e rang e u p to 4 0 v, and outp u t gain of u p to 50, the IXI848 is de signed to ad d r ess a wide variety of current sen s e a p p licatio ns. the IXI848 operates ove r a tempe r at ure ra nge of -40 c to +85 c. the ixi8 48 is availa b l e in an 8- lead soic p a ckag e. IXI848 functional block diagram and IXI848 soi c pin confi guration general ap plication circuit ordering information 5 4 1 3 2 8 r10 r50 vo u t gnd loa d in il loa d rs r 10 r 40 r zm + - r g r g s o ic-8 1 2 3 4 8 7 6 5 vo u t r10 r50 gnd in l o ad n/ c n/ c part no . des c rip t io n pack ag e qu an tity ixi84 8 s 1 s o i c - 8 98 (t ube) xi8 48s1t /r hig h side curre nt sense mon i tor s o i c - 8 2 5 0 0 (t & r )
ixys www.i x ys.com 2 06/29/05 IXI848 absolute maximum ratings parameter ratin g voltage to in (pin 4) -0.3v to +45v differenti a l inp u t voltage (v se n s e ) 0 . 4 v input curre nt to an y pi n 10ma operatin g amb i ent t e mp ran ge -40c to + 85c operatin g junc tion t e mp ran ge -40c to + 125 c j a 1 5 0 c/w jc 40c/w storage t e mp ran ge -65c to + 150 c lea d t e mperature (sol deri ng, 10 sec) + 300c absolute maxim u m rati n g s are stress ratings. stresses in excess of thes e ratings can caus e per ma nent d a mag e to th e dev ice. f u nction al oper ation of t he devic e at these or an y other cond itions bey ond th ose i n d i c a ted i n the o p e r ation a l sections of this data s heet is not i m p lie d. ex posur e of the device t o the abso l ute maxi mu m rati ngs for an exte nd ed p e rio d may deg rade th e d e vic e an d affect its reliabi lity. esd warning esd (electrostatic discharge) s ensitive device. alt hough the ixi84 8 feature prop rietar y esd protec t i on circuitry , pe r m anent damag e ma y be sustained if subjected to high ener g y electrostatic dischar ges. proper esd precautions are recomm ended to avoid perform ance deg radation or loss o f functionality . electrical characteristics t a = 25c, v in = 2.7v to 40v, unl ess other w i se noted parameter sy mbol conditio n s min ty p max unit operatin g volt age ran ge v in 2 . 7 40 v supp l y curre nt i in v in = 20v, v sen se = 0 v , i load = 0 a . 0 6 5 . 1 3 0 m a f u ll scal e sen s e voltag e v sen se 1 5 0 m v input offset voltag e v os v in = 12v -2.0 0.5 2.0 mv f u ll scal e accurac y v sen se = 100mv, v in = 12v t a = +2 5 c 0 . 7 % t a = +25c 0.7 v sen se = 100mv v in = 12v ? @ t a = -40 to +85c 0.3 % t a = +25c 0.8 t o tal ou t voltage error (note 1, note 2 ) v sen se = 100mv v in = 40v ? @ t a = -40 to +85c 0.4 % t a = +2 5 c 0.5 gain accurac y (note 2) v sen se = 20mv to 100mv v in = 12v, 40v ? @ t a = -40 to + 85c 0.1 % gain = 10v/v 23 33 43 k ? gain setting resistance r g v in = 12v v sen se = 100mv gain = 50v/v 115 165 215 k ? note 1: t o tal ou t voltage err o r is the sum of gain and offset voltage erro rs. note 2: pro duction tested at t a = 25c.
ixys www.ixys.com 3 06/29/05 IXI848 pin description and configuration soic name description 1 gnd ground 2 r10 connecting r10 to gnd, (r50=n/c) selects a vout voltage that is 10x the voltage across r sense . 3 vout output voltage proportional to the voltage across r sense . 4 in positive supply terminal and power connecti on for the external sense resistor. 5 load load-side connection to the external sense resistor. 6 n/c no connect 7 n/c no connect 8 r50 connecting r50 to gnd, (r10=n/c) selects a vout voltage that is 50x the voltage across r sense . detailed circuit description the IXI848 is a precision high side current sense monitor featuring an input voltage range of 2.7v to 40v, and a selectable ground referenced fixed gain output of either 10 or 50. a small voltage developed across an external sense resistor (r s ), is converted to an amplified ground referenced voltage output at vout, (figure 1). the amplifier?s non-inverting input is high impedance making the voltage at that terminal equal to v in ? (i l ) (r s ). the amplifier forces the high impedance inverting terminal to equal the non-inverting input voltage by turning on the p-channel mos fet. as the p-channel mos fet is biased on by the amplifier output, current is sourced through r g (10r or 10r+40r), to produce a voltage equal to v in ? (i l ) (r s ) at the inverting input of the amplifier. this develops a voltage across the inverting input resistor, r that matches the sense voltage across r s , plus any associated input offset voltage, (v io ). consequently, the voltage at vout corresponds to r g / r. output: vout = g [ (i l ) (r s ) + v io ] gain: g = (r g ) (z m ) / r (r g (r g + z m )) r g = 10r or 50r selectable temperature coefficient: (all on-chip resistors) r = 700ppm / c typical r sense component selection the r sense value should be selected such that the voltage across r sense is at full-scale for the load current to be monitored. operating the IXI848 at or near the full-scale sense voltage will minimize the error component associated with the input offset voltage of the internal op amp. the IXI848 can be configured to measure a wide selection of currents by using different r sense values. some common values for typical operation of the IXI848 are listed in the following table. full-scale i l (a) r sense r s ( ? ) gain (v/v) vout (v) v sense = 150mv 0.15 1.0 10 1.5 1.5 0.1 10 1.5 5 0.01 50 2.5 100 0.001 50 5 output impedance the vout output is a current source driving a 33k ? resistance to ground for a gain of 10, or a 165k ? resistance to ground for a gain of 50. output gain is reduced by resistive loading of the vout terminal. the impedance of the external monitor load (z m ) should be chosen high enough to maintain the desired accuracy. buffering of the vout terminal with a high-impedance input stage may be required to minimize output errors. the following formulas quantify the percent error introduced by output loading: for a gain of 10 % error = 100 [r load / (33k ? + r load ) ? 1] for a gain of 50 % error = 100 [r load / (165k ? + r load ) ? 1] r load = the external load applied to vout
ixys www.i x ys.com 4 06/29/05 IXI848 t y pical performance characteristics .0 05 .0 25 .0 45 .0 65 .0 85 .1 05 .1 25 2.7 5 10 15 20 25 30 3 5 40 s upply curre nt (ma ) supply voltage ( v in) .0 50 .0 55 .0 60 .0 65 .0 70 .0 75 .0 80 -40 - 15 10 3 5 60 85 ta ( c ) s u p p ly c u rrent ( m a ) vi n = 20v f i g 3. suppl y current vs. vol t age f i g 4. suppl y current vs. t e mperatur e 5mv / d i v 10 0mv 95mv v s ens e 20 m v / d iv v out 1v 0.9 5 v 2u s/d i v c l =8p f v i n = 12v ga i n =10 500 m v / d iv 45 mv /d iv v s ens e 6mv 100 m v c l =8 pf v out 1v 0. 06v v i n = 12v ga i n = 1 0 2us / d iv f i g 5. small si gna l t r ansient resp onse 10 x f i g 6. large si gna l t r ansient resp onse 10 x v s ens e 5mv / d i v vou t 100 m v / d iv c l =8 pf 10 0mv 95 m v 5v 4. 7 5 v vin = 12 v 10u s / d i v ga i n =5 0 v s ens e 45 m v / d iv vo ut 2v/ d iv 10u s / d i v 100mv 6mv 5v 0. 3v c l =8p f vin = 12 v ga i n =5 0 f i g 7. small si gna l t r ansient resp onse 50 x f i g 8. large si gna l t r ansient resp onse 50 x
ixys www.i x ys.com 5 06/29/05 IXI848 package outline 8-lead soi c ix y s cor poratio n makes no representations or w a rra nties w i th r e s pect to the accurac y or compl e teness of the contents of this publication and reserves the right to make chang es to specificatio ns and product descrip tions at a n y time w i thout notice. neith er circuit patent lice n ses nor indemn i ty are expr esse d or implied. exc ept as set fort h in ix y s ? stan dar d terms and c o nditions of s ale, ix y s co rpo r atio n assumes no liability w hatsoev er, and disclaim s an y e x pressed or implied w a rrant y , relating t o its products including, but not limited to, the implied warrant y of merchantabilit y , f i tness for a p a rticular purpose, o r i n fringement of a n y intellectual propert y right .


▲Up To Search▲   

 
Price & Availability of IXI848

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X