Part Number Hot Search : 
IRDC3629 X88C75LI GLZ8N MPQ3798 1718A K1492 OXU931SF P5NK8
Product Description
Full Text Search
 

To Download IXFK90N60X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2015 ixys corporation, all rights reserved symbol test conditions maximum ratings v dss t j = 25 ? c to 150 ? c 600 v v dgr t j = 25 ? c to 150 ? c, r gs = 1m ? 600 v v gss continuous ? 30 v v gsm transient ? 40 v i d25 t c = 25 ? c 90 a i dm t c = 25 ? c, pulse width limited by t jm 200 a i a t c = 25 ? c45a e as t c = 25 ? c3j p d t c = 25 ? c 1100 w dv/dt i s ? i dm , v dd ? v dss , t j ? 150c 50 v/ns t j -55 ... +150 ? c t jm 150 ? c t stg -55 ... +150 ? c t l maximum lead temperature for soldering 300 c t sold plastic body for 10s 260 c m d mounting torque (to-264) 1.13/10 nm/lb.in f c mounting force (plus247) 20..120 /4.5..27 n/lb weight to-264 10 g plus247 6 g symbol test conditions characteristic values (t j = 25 ? c unless otherwise specified) min. typ. max. bv dss v gs = 0v, i d = 3ma 600 v v gs(th) v ds = v gs , i d = 8ma 2.5 4.5 v i gss v gs = ? 30v, v ds = 0v ???????????????????? 100 na i dss v ds = v dss , v gs = 0v 50 ? a t j = 125 ? c 1.5 ma r ds(on) v gs = 10v, i d = 0.5 ? i d25 , note 1 38 m ? n-channel enhancement mode avalanche rated fast intrinsic diode IXFK90N60X ixfx90n60x v dss = 600v i d25 = 90a r ds(on) ? ? ? ? ? 38m ? ? ? ? ? ds100659b(8/15) features ? international standard packages ? low r ds(on) and q g ? avalanche rated ? low package inductance advantages ? high power density ? easy to mount ? space savings applications ? switch-mode and resonant-mode ??? power supplies ? dc-dc converters ? pfc circuits ? ac and dc motor drives ? robotics and servo controls x-class hiperfet tm power mosfet g = gate d = drain s = source tab = drain plus247 (ixfx) tab g d s to-264p (ixfk) s g d tab preliminary technical information
ixys reserves the right to change limits, test conditions, and dimensions. IXFK90N60X ixfx90n60x note 1. pulse test, t ? 300 ? s, duty cycle, d ?? 2%. ixys mosfets and igbts are covered 4,835,592 4,931,844 5,049,961 5,237,481 6,162,665 6,404,065 b1 6,683,344 6,727,585 7,005,734 b2 7,157,338b2 by one or more of the following u.s. patents: 4,860,072 5,017,508 5,063,307 5,381,025 6,259,123 b1 6,534,343 6,710,405 b2 6,759,692 7,063,975 b2 4,881,106 5,034,796 5,187,117 5,486,715 6,306,728 b1 6,583,505 6,710,463 6,771,478 b2 7,071,537 terminals: 1 - gate 2,4 - drain 3 - source plus247 tm outline to-264p outline terminals: 1 = gate 2,4 = drain 3 = source 4 c a b d r q a e d1 d2 r1 l1 q1 e1 b1 e b2 x2 1 2 3 preliminary technical information the product presented herein is under development. the technical specifications offered are derived from a subjective evaluation of the design, based upon prior knowledge and experience, and constitute a "considered reflection" of the anticipated result. ixys reserves the right to change limits, test conditions, and dimensions without notice. source-drain diode symbol test conditions characteristic values (t j = 25 ? c, unless otherwise specified) min. typ. max. i s v gs = 0v 90 a i sm repetitive, pulse width limited by t jm 360 a v sd i f = i s , v gs = 0v, note 1 1.4 v t rr 210 ns q rm 1.8 ? c i rm 16.8 a i f = 45a, -di/dt = 100a/ ? s v r = 100v, v gs = 0v symbol test conditions characteristic values (t j = 25 ? c, unless otherwise specified) min. typ. max g fs v ds = 10v, i d = 0.5 ? i d25 , note 1 30 50 s r gi gate input resistance 1.0 ? c iss 8500 pf c oss v gs = 0v, v ds = 25v, f = 1mhz 6300 pf c rss 56 pf c o(er) 400 pf c o(tr) 1.37 nf t d(on) 38 ns t r 22 ns t d(off) 84 ns t f 12 ns q g(on) 210 nc q gs v gs = 10v, v ds = 0.5 ? v dss , i d = 0.5 ? i d25 50 nc q gd 90 nc r thjc 0.113 ? c/w r thcs 0.15 ? c/w resistive switching times v gs = 10v, v ds = 0.5 ? v dss , i d = 0.5 ? i d25 r g = 1 ?? (external) effective output capacitance energy related time related v gs = 0v v ds = 0.8 ? v dss
? 2015 ixys corporation, all rights reserved IXFK90N60X ixfx90n60x fig. 1. output characteristics @ t j = 25oc 0 10 20 30 40 50 60 70 80 90 00.511.522.533.54 v ds - volts i d - amperes v gs = 10v 9v 7v 5v 6v 8v fig. 3. output characteristics @ t j = 125oc 0 10 20 30 40 50 60 70 80 90 0123456789 v ds - volts i d - amperes v gs = 10v 8v 6v 5v 7v 4v fig. 4. r ds(on) normalized to i d = 45a value vs. junction temperature 0.2 0.6 1.0 1.4 1.8 2.2 2.6 3.0 3.4 -50 -25 0 25 50 75 100 125 150 t j - degrees centigrade r ds(on) - normalized v gs = 10v i d = 45a i d = 90a fig. 2. extended output characteristics @ t j = 25oc 0 20 40 60 80 100 120 140 160 180 200 220 0 5 10 15 20 25 v ds - volts i d - amperes v gs = 10v 8v 7v 6v 9v fig. 5. r ds(on) normalized to i d = 45a value vs. drain current 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 0 20 40 60 80 100 120 140 160 180 200 220 i d - amperes r ds(on) - normalized v gs = 10v t j = 125oc t j = 25oc fig. 6. normalized breakdown & threshold voltages vs. junction temperature 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 -60 -40 -20 0 20 40 60 80 100 120 140 160 t j - degrees centigrade bv dss / v gs(th) - normalized bv dss v gs(th)
ixys reserves the right to change limits, test conditions, and dimensions. IXFK90N60X ixfx90n60x fig. 8. input admittance 0 10 20 30 40 50 60 70 80 90 100 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0 7.5 8.0 v gs - volts i d - amperes t j = 125oc 25oc - 40oc fig. 7. maximum drain current vs. case temperature 0 10 20 30 40 50 60 70 80 90 100 -50-25 0 255075100125150 t c - degrees centigrade i d - amperes fig. 9. transconductance 0 10 20 30 40 50 60 70 80 90 0 102030405060708090100 i d - amperes g f s - siemens t j = - 40oc 125oc 25oc fig. 10. forward voltage drop of intrinsic diode 0 50 100 150 200 250 300 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 v sd - volts i s - amperes t j = 125oc t j = 25oc fig. 11. gate charge 0 2 4 6 8 10 0 20 40 60 80 100 120 140 160 180 200 220 q g - nanocoulombs v gs - volts v ds = 300v i d = 45a i g = 10ma fig. 12. capacitance 1 10 100 1,000 10,000 100,000 1 10 100 1000 v ds - volts capacitance - picofarad s f = 1 mhz c iss c rss c oss
? 2015 ixys corporation, all rights reserved ixys ref: f_90n60x(j9-r4t45) 8-17-15-a IXFK90N60X ixfx90n60x fig. 14. forward-bias safe operating area 0.01 0.1 1 10 100 1000 10 100 1,000 v ds - volts i d - amperes t j = 150oc t c = 25oc single pulse 25s 10ms 100s r ds( on ) limit 100ms dc 1ms fig. 13. output capacitance stored energy 0 10 20 30 40 50 60 0 100 200 300 400 500 600 v ds - volts e oss - m icrojoules fig. 14. maximum transient thermal impedance 0.001 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 10 pulse width - seconds z (th)jc - oc / w fig. 15. maximum transient thermal impedance aaaa 0.3


▲Up To Search▲   

 
Price & Availability of IXFK90N60X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X