Part Number Hot Search : 
MR700 74HC238 IRL3705 SD2333 LC75834W IRF730AL M3004L STK4873
Product Description
Full Text Search
 

To Download IRLHM620 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  hexfet   power mosfet notes   through  are on page 9 3.3mm x 3.3mm pqfn 3 21 8 7 6 5 4 d d d d s s s g applications ? battery operated dc motor inverter mosfet ? secondary side synchronous rectification mosfet features and benefits absolute maximum ratings parameter units v ds drain-to-source voltage v gs gate-to-source voltage i d @ t a = 25c continuous drain current, v gs @ 4.5v i d @ t a = 70c continuous drain current, v gs @ 4.5v i d @ t c(bottom) = 25c continuous drain current, v gs @ 4.5v i d @ t c(bottom) = 100c continuous drain current, v gs @ 4.5v i dm pulsed drain current p d @t a = 25c power dissipation  p d @t c(bottom) = 25c power dissipation  linear derating factor  w/c t j operating junction and t stg storage temperature range v w a c max. 2640 160 12 2021 40 -55 to + 150 2.7 0.022 37 features benefits low r dson (<2.5m ) lower conduction losses low thermal resistance to pcb (<3.4c/w) enable better thermal dissipation low profile (<1.0mm) results in increased power density industry-standard pinout ? multi-vendor compatibility compatible with existing surface mount techniques easier manufacturing rohs compliant containing no lead, no bromide and no halogen environmentally friendlier msl1, industrial qualification increased reliability 
   
   
    
  ! "#  note form quantity IRLHM620trpbf pqfn 3.3mm x 3.3mm tape and reel 4000 IRLHM620tr2pbf pqfn 3.3mm x 3.3mm tape and reel 400 eol notice #259 orderable part number package type standard pack v ds 20 v v gs max 12 v r ds(on) max (@v gs = 4.5v) 2.5 m r ds(on) max (@v gs = 2.5v) 3.5 m q g (typical) 52 nc i d (@t c(bottom) = 25c) 40 a downloaded from: http:///

  
   
      
  ! "#  s d g thermal resistance parameter typ. max. units r jc (bottom) junction-to-case CCC 3.4 r jc (top) junction-to-case CCC 37 c/w r ja junction-to-ambient  CCC 46 r ja (<10s) junction-to-ambient  CCC 31 static @ t j = 25c (unless otherwise specified) parameter min. typ. max. units bv dss drain-to-source breakdown voltage 20 CCC CCC v ? v dss / ? t j breakdown voltage temp. coefficient CCC 5.4 CCC mv/c r ds(on) static drain-to-source on-resistance CCC 1.5 2.2 CCC 1.8 2.5 CCC 2.7 3.5 v gs(th) gate threshold voltage 0.5 0.8 1.1 v ? v gs(th) gate threshold voltage coefficient CCC -4.3 CCC mv/c i dss drain-to-source leakage current CCC CCC 1.0 CCC CCC 150 i gss gate-to-source forward leakage CCC CCC 100 gate-to-source reverse leakage CCC CCC -100 gfs forward transconductance 58 CCC CCC s q g total gate charge CCC 52 78 v ds = 10v q gs gate-to-source charge CCC 6.3 CCC q gd gate-to-drain charge CCC 25 CCC r g gate resistance CCC 2.6 CCC t d(on) turn-on delay time CCC 7.5 CCC t r rise time CCC 25 CCC t d(off) turn-off delay time CCC 57 CCC t f fall time CCC 37 CCC c is s input capacitance CCC 3620 CCC c os s output capacitance CCC 900 CCC c rss reverse transfer capacitance CCC 620 CCC avalanche characteristics parameter units e as single pulse avalanche energy mj i ar avalanche current  a diode characteristics parameter min. typ. max. units i s continuous source current (body diode) i sm pulsed source current (body diode)  v sd diode forward voltage CCC CCC 1.2 v t rr reverse recovery time CCC 41 62 ns q rr reverse recovery charge CCC 68 100 nc t on forward turn-on time time is dominated by parasitic inductance mosfet symbol na ns a pf nc v gs = 4.5v CCC v gs = 12v v gs = -12v CCC CCC 160 CCC CCC 40 conditions v gs = 0v, i d = 250 a reference to 25c, i d = 1ma v gs = 10v, i d = 20a  conditions see fig.15 max. 120 20 ? = 1.0mhz t j = 25c, i f = 20a, v dd = 10v di/dt = 220a/ s  t j = 25c, i s = 20a, v gs = 0v  showing the integral reverse p-n junction diode. CCC r g =1.0 v ds = 10v, i d = 20a v ds = 16v, v gs = 0v, t j = 125c a i d = 20a (see fig.17 & 18) i d = 20a v gs = 0v v ds = 10v v ds = 16v, v gs = 0v v ds = v gs , i d = 50 a v gs = 2.5v, i d = 20a  typ. m v dd = 10v, v gs = 4.5v v gs = 4.5v, i d = 20a  downloaded from: http:///

$   
   
     
  ! "#  fig 4. normalized on-resistance vs. temperature fig 2. typical output characteristics fig 1. typical output characteristics fig 3. typical transfer characteristics fig 6. typical gate charge vs.gate-to-source voltage fig 5. typical capacitance vs.drain-to-source voltage 0.1 1 10 100 v ds , drain-to-source voltage (v) 0.1 1 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) vgs top 10v 4.5v 3.5v 2.5v 2.0v 1.8v 1.5v bottom 1.3v 60 s pulse width tj = 25c 1.3v 0.1 1 10 100 v ds , drain-to-source voltage (v) 1 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) 1.3v 60 s pulse width tj = 150c vgs top 10v 4.5v 3.5v 2.5v 2.0v 1.8v 1.5v bottom 1.3v 0.5 1.0 1.5 2.0 2.5 v gs , gate-to-source voltage (v) 1.0 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) t j = 25c t j = 150c v ds = 10v 60 s pulse width 1 10 100 v ds , drain-to-source voltage (v) 100 1000 10000 100000 c , c a p a c i t a n c e ( p f ) v gs = 0v, f = 1 mhz c iss = c gs + c gd , c ds shorted c rss = c gd c oss = c ds + c gd c oss c rss c iss 0 2 04 06 08 01 0 01 2 0 q g , total gate charge (nc) 0.0 2.0 4.0 6.0 8.0 10.0 12.0 14.0 v g s , g a t e - t o - s o u r c e v o l t a g e ( v ) v ds = 16v v ds = 10v v ds = 4.0v i d = 20a -60 -40 -20 0 20 40 60 80 100 120 140 160 t j , junction temperature (c) 0.6 0.8 1.0 1.2 1.4 1.6 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( n o r m a l i z e d ) i d = 20a v gs = 4.5v downloaded from: http:///

   
   
      
  ! "#  fig 11. maximum effective transient thermal impedance, junction-to-case (bottom) fig 8. maximum safe operating area fig 9. maximum drain current vs. case (bottom) temperature fig 7. typical source-drain diode forward voltage fig 10. threshold voltage vs. temperature 0.0 0.2 0.4 0.6 0.8 1.0 1.2 v sd , source-to-drain voltage (v) 1.0 10 100 1000 i s d , r e v e r s e d r a i n c u r r e n t ( a ) t j = 25c t j = 150c v gs = 0v -75 -50 -25 0 25 50 75 100 125 150 t j , temperature ( c ) 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 v g s ( t h ) , g a t e t h r e s h o l d v o l t a g e ( v ) i d = 50 a i d = 250 a i d = 1.0ma i d = 1.0a 1e-006 1e-005 0.0001 0.001 0.01 0.1 1 t 1 , rectangular pulse duration (sec) 0.001 0.01 0.1 1 10 t h e r m a l r e s p o n s e ( z t h j c ) c / w 0.20 0.10 d = 0.50 0.02 0.01 0.05 single pulse ( thermal response ) notes: 1. duty factor d = t1/t2 2. peak tj = p dm x zthjc + tc 25 50 75 100 125 150 t c , case temperature (c) 0 10 20 30 40 50 60 70 80 90 100 i d , d r a i n c u r r e n t ( a ) limited by package 0 1 10 100 v ds , drain-to-source voltage (v) 1 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) operation in this area limited by r ds (on) tc = 25c tj = 150c single pulse 100 sec 1msec 10msec dc downloaded from: http:///

%   
   
     
  ! "#  fig 13. maximum avalanche energy vs. drain current fig 12. on-resistance vs. gate voltage fig 14b. unclamped inductive waveforms fig 14a. unclamped inductive test circuit t p v (br)dss i as r g i as 0.01 t p d.u.t l v ds + - v dd driver a 15v 20v fig 15a. switching time test circuit fig 15b. switching time waveforms v gs v ds 90% 10% t d(on) t d(off) t r t f   
 1      0.1          + -     0 2 4 6 8 10 12 v gs, gate -to -source voltage (v) 1 2 3 4 5 6 7 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( m ) i d = 20a t j = 25c t j = 125c 25 50 75 100 125 150 starting t j , junction temperature (c) 0 100 200 300 400 500 e a s , s i n g l e p u l s e a v a l a n c h e e n e r g y ( m j ) i d top 5.8a 12a bottom 20a downloaded from: http:///

&   
   
      
  ! "#  fig 16. 
  

  for n-channel hexfet   power mosfets fig 17. gate charge test circuit fig 18. gate charge waveform vds vgs id vgs(th) qgs1 qgs2 qgd qgodr       ?       ?   ?         p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop re-appliedvoltage reverserecovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period 
 





  + - + + + - - -        ? !"   # $  ?  !   %  &'&& ?     #     (( ? &'&& ) !  '     1k vcc dut 0 l s downloaded from: http:///

'   
   
     
  ! "#      
 ! "  #  $!$    pqfn 3.3x3.3 outline package details pqfn 3.3x3.3 outline part marking  international rectifier logo part number marking code (per marking spec) assembly site code (per scop 200-002) date code lot code (eng mode - min last 4 digits of eati#) (prod mode - 4 digits of spn code) pin 1 identifier 

 




!



!
 

!!

"#$% &'
(!'))***  )($ )!!)$ %&! 

 

!+
!
(,
!
 

!!
 
"#$ -' (!'))***  )($ )!!)$  -! downloaded from: http:///

(   
   
      
  ! "#  pqfn 3.3x3.3 outline tape and reel     
 ! "  #  $!$    bo w p 1 aoko code tape dimensions reel dimensions quadrant assignments for pin 1 orientation in tape di mens i on des i gn to accommodate the component wi dth dimens ion des ign to accommodate the component lenght dimens ion des ign to accommodate the component thicknes s p i tch between s ucces s i ve cavi ty center s over al l wi dth of the car r i er t ape bo w p 1 aoko dime ns i on (mm) code mi n max dime ns ion (inch) mi n max 3.50 3.70 .138 .146 1.10 1.30 7.90 8.10 .043 .051 11.80 12.20 .311 .319 12.30 12.50 .465 .480 .484 .492 3.50 3.70 .138 .146 de s cript ion w 1 qty 4000 r eel di ameter 13 i nches downloaded from: http:///

"   
   
     
  ! "#   qualification standards can be found at international rectifiers web site http://www.irf.com/product-info/reliability   higher qualification ratings may be available should the user have such requirements. please contact your international rectifier sales representative for further information: http://www.irf.com/whoto-call/salesrep/   applicable version of jedec standard at the time of product release. 
 repetitive rating; pulse width limited by max. junction temperature.  starting t j = 25c, l = 0.59mh, r g = 50 , i as = 20a.  pulse width 400 s; duty cycle 2%.  r is measured at t j of approximately 90c.  when mounted on 1 inch square 2 oz copper pad on 1.5x1.5 in. board of fr-4 material.  calculated continuous current based on maximum allowable junction temperature. package is limited to 40a by productiontest capability. ms l 1 (per je de c j-s t d-020d ??? ) rohs compliant yes pqfn 3.3mm x 3.3mm qualification information ? moisture sensitivity level qualification level industrial ?? (per jede c jes d47f ??? guidelines ) ir world headquarters: 101 n. sepulveda blvd., el segundo, california 90245, usa to contact international rectifier, please visit http://www.irf.com/whoto-call/ revision history date comment ? updated ordering information to reflect the end-of-life (eol) of the mini-reel option (e ol notice #259). ? updated data sheet with the new ir corporate template. ? added rdson typical ="1.5m ", max = "2.2m " @v gs =10v,i d =20a on page 2. ? updated rdson typical from "2m " to "1.8m " @v gs =4.5v,i d =20a on page 2. ? updated package outline and tape and reel on page 7 & 8. 1/14/2014 5/29/2014 downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of IRLHM620

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X